Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM2594HV Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # LM2594HV
Description  SIMPLE SWITCHER Power Converter 150-kHz 0.5-A Step-Down Voltage Regulator
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM2594HV Datasheet(HTML) 11 Page - Texas Instruments

Back Button LM2594HV Datasheet HTML 7Page - Texas Instruments LM2594HV Datasheet HTML 8Page - Texas Instruments LM2594HV Datasheet HTML 9Page - Texas Instruments LM2594HV Datasheet HTML 10Page - Texas Instruments LM2594HV Datasheet HTML 11Page - Texas Instruments LM2594HV Datasheet HTML 12Page - Texas Instruments LM2594HV Datasheet HTML 13Page - Texas Instruments LM2594HV Datasheet HTML 14Page - Texas Instruments LM2594HV Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 41 page
background image
11
LM2594, LM2594HV
www.ti.com
SNVS118D – DECEMBER 1999 – REVISED MAY 2016
Product Folder Links: LM2594 LM2594HV
Submit Documentation Feedback
Copyright © 1999–2016, Texas Instruments Incorporated
Feature Description (continued)
Figure 14. Delayed Start-Up
8.3.2 Undervoltage Lockout
Some applications require the regulator to remain off until the input voltage reaches a predetermined voltage.
Figure 15 shows an undervoltage lockout feature applied to a buck regulator, while Figure 16 and Figure 17
apply the same feature to an inverting circuit. The circuit in Figure 16 features a constant threshold voltage for
turnon and turnoff (Zener voltage plus approximately 1 V). If hysteresis is needed, the circuit in Figure 17 has a
turnon voltage which is different than the turnoff voltage. The amount of hysteresis is approximately equal to the
value of the output voltage. If Zener voltages greater than 25 V are used, an additional 47-kΩ resistor is needed
from the ON/OFF pin to the ground pin to stay within the 25 V maximum limit of the ON/OFF pin.
Figure 15. Undervoltage Lockout
for Buck Regulator
8.3.3 Inverting Regulator
The circuit in Figure 18 converts a positive input voltage to a negative output voltage with a common ground. The
circuit operates by bootstrapping the regulators ground pin to the negative output voltage, then grounding the
feedback pin, the regulator senses the inverted output voltage and regulates it.
This circuit has an ON/OFF threshold of approximately 13 V.
Figure 16. Undervoltage Lockout for Inverting Regulator


Similar Part No. - LM2594HV

ManufacturerPart #DatasheetDescription
logo
Guangdong Youtai Semico...
LM2594HV UMW-LM2594HV Datasheet
573Kb / 13P
   IC REG BUCK 12V 1.5A 8SOP
logo
National Semiconductor ...
LM2594HVM-12 NSC-LM2594HVM-12 Datasheet
740Kb / 28P
   SIMPLE SWITCHER Power Converter 150 kHz 0.5A Step-Down Voltage Regulator
logo
Texas Instruments
LM2594HVM-12 TI1-LM2594HVM-12 Datasheet
1Mb / 41P
[Old version datasheet]   LM2594/LM2594HV SIMPLE SWITCHER짰 Power Converter 150 kHz 0.5A Step-Down Voltage Regulator
LM2594HVM-12 TI1-LM2594HVM-12 Datasheet
1Mb / 40P
[Old version datasheet]   LM2594/LM2594HV SIMPLE SWITCHER Power Converter 150 kHz 0.5A Step-Down Voltage Regulator
LM2594HVM-12 TI1-LM2594HVM-12 Datasheet
1Mb / 40P
[Old version datasheet]   LM2594/LM2594HV SIMPLE SWITCHER Power Converter 150 kHz 0.5A Step-Down Voltage Regulator
More results

Similar Description - LM2594HV

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2593HV TI1-LM2593HV Datasheet
1Mb / 31P
[Old version datasheet]   SIMPLE SWITCHER Power Converter 150-kHz, 2-A Step-Down Voltage Regulator
LM2595 TI1-LM2595_17 Datasheet
4Mb / 43P
[Old version datasheet]   SIMPLE SWITCHER Power Converter 150-kHz 1-A Step-Down Voltage Regulator
LM2592HV TI1-LM2592HV Datasheet
2Mb / 31P
[Old version datasheet]   SIMPLE SWITCHER Power Converter 150-kHz 2-A Step-Down Voltage Regulator
logo
National Semiconductor ...
LM2592HV NSC-LM2592HV Datasheet
655Kb / 20P
   SIMPLE SWITCHER Power Converter 150 kHz 2A Step-Down Voltage Regulator
LM2591HV NSC-LM2591HV Datasheet
730Kb / 20P
   SIMPLE SWITCHER Power Converter 150 kHz 1A Step-Down Voltage Regulator
LM2595 NSC-LM2595 Datasheet
935Kb / 29P
   SIMPLE SWITCHER Power Converter 150 kHz 1A Step-Down Voltage Regulator
LM2594 NSC-LM2594 Datasheet
740Kb / 28P
   SIMPLE SWITCHER Power Converter 150 kHz 0.5A Step-Down Voltage Regulator
LM2596 NSC-LM2596 Datasheet
736Kb / 31P
   SIMPLE SWITCHER Power Converter 150 kHz 3A Step-Down Voltage Regulator
logo
Texas Instruments
LM2599SX-50 TI1-LM2599SX-50 Datasheet
2Mb / 44P
[Old version datasheet]   LM2599 SIMPLE SWITCHER Power Converter 150 kHz 3A Step-Down Voltage Regulator
LM2596SX-5.0 TI1-LM2596SX-5.0 Datasheet
4Mb / 42P
[Old version datasheet]   LM2596 SIMPLE SWITCHER Power Converter 150 kHz 3A Step-Down Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com