Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PDL06-12S09 Datasheet(PDF) 1 Page - Power Mate Technology Co., LTD

Part # PDL06-12S09
Description  2:1 WIDE INPUT RANGE UP TO 6 Watts
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  P-DUKE [Power Mate Technology Co., LTD]
Direct Link  http://www.pduke.com
Logo P-DUKE - Power Mate Technology Co., LTD

PDL06-12S09 Datasheet(HTML) 1 Page - Power Mate Technology Co., LTD

  PDL06-12S09 Datasheet HTML 1Page - Power Mate Technology Co., LTD PDL06-12S09 Datasheet HTML 2Page - Power Mate Technology Co., LTD PDL06-12S09 Datasheet HTML 3Page - Power Mate Technology Co., LTD PDL06-12S09 Datasheet HTML 4Page - Power Mate Technology Co., LTD PDL06-12S09 Datasheet HTML 5Page - Power Mate Technology Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1
www.PDUKE.com
2016/5/24
PDL06 SERIES
DC-DC CONVERTER
2:1 WIDE INPUT RANGE
UP TO 6 Watts
FEATURES
APPLICATIONS
NO MINIMUM LOAD REQUIRED
UP TO 3000VDC INPUT TO OUTPUT ISOLATION
SMALL SIZE AND LOW PROFILE:
:0.86 X 0.36 X 0.44 INCH
LOW OUTPUT RIPPLE AND NOISE
UL60950-1, EN60950-1, & IEC60950-1 SAFETY APPROVALS
CE MARKED
COMPLIANT TO RoHS II & REACH
WIRELESS NETWORK
TELECOM/DATACOM
INDUSTRY CONTROL SYSTEM
DISTRIBUTED POWER ARCHITECTURES
SEMICONDUCTOR EQUIPMENT
3000VDC
ISOLATION
1600VDC
ISOLATION
REMOTE
CONTROL
SCP
UVP
TECHNICAL SPECIFICATION All specifications are typical at nominal input, full load and 25
℃ otherwise noted
Input Range
Output Voltage
Output Current
@Full Load
Input Current
@ No Load
Efficiency
Maximum
Capacitor Load
Model
Number
VDC
VDC
mA
mA
%
µF
PDL06-05S3P3
4.5 ~ 9
3.3
1300
65mA
77
6600
PDL06-05S05
4.5 ~ 9
5
1200
105mA
81
3300
PDL06-05S09
4.5 ~ 9
9
666
105mA
83
2000
PDL06-05S12
4.5 ~ 9
12
500
105mA
84
1600
PDL06-05S15
4.5 ~ 9
15
400
105mA
84
1400
PDL06-05S24
4.5 ~ 9
24
250
105mA
84
680
PDL06-05D05
4.5 ~ 9
±5
±600
105mA
81
±2000
PDL06-05D12
4.5 ~ 9
±12
±250
105mA
84
±900
PDL06-05D15
4.5 ~ 9
±15
±200
105mA
84
±660
PDL06-12S3P3
9 ~ 18
3.3
1300
40mA
78
6600
PDL06-12S05
9 ~ 18
5
1200
55mA
83
3300
PDL06-12S09
9 ~ 18
9
666
55mA
85
2000
PDL06-12S12
9 ~ 18
12
500
55mA
85
1600
PDL06-12S15
9 ~ 18
15
400
55mA
85
1400
PDL06-12S24
9 ~ 18
24
250
55mA
84
680
PDL06-12D05
9 ~ 18
±5
±600
55mA
82
±2000
PDL06-12D12
9 ~ 18
±12
±250
55mA
84
±900
PDL06-12D15
9 ~ 18
±15
±200
55mA
85
±660
PDL06-24S3P3
18 ~ 36
3.3
1300
20mA
78
6600
PDL06-24S05
18 ~ 36
5
1200
28mA
83
3300
PDL06-24S09
18 ~ 36
9
666
28mA
85
2000
PDL06-24S12
18 ~ 36
12
500
28mA
86
1600
PDL06-24S15
18 ~ 36
15
400
28mA
86
1400
PDL06-24S24
18 ~ 36
24
250
28mA
85
680
PDL06-24D05
18 ~ 36
±5
±600
28mA
82
±2000
PDL06-24D12
18 ~ 36
±12
±250
28mA
85
±900
PDL06-24D15
18 ~ 36
±15
±200
28mA
85
±660
PDL06-48S3P3
36 ~ 75
3.3
1300
14mA
78
6600
PDL06-48S05
36 ~ 75
5
1200
14mA
82
3300
PDL06-48S09
36 ~ 75
9
666
14mA
84
2000
PDL06-48S12
36 ~ 75
12
500
14mA
85
1600
PDL06-48S15
36 ~ 75
15
400
14mA
86
1400
PDL06-48S24
36 ~ 75
24
250
14mA
84
680
PDL06-48D05
36 ~ 75
±5
±600
14mA
82
±2000
PDL06-48D12
36 ~ 75
±12
±250
14mA
84
±900
PDL06-48D15
36 ~ 75
±15
±200
14mA
85
±660


Similar Part No. - PDL06-12S09

ManufacturerPart #DatasheetDescription
logo
RSG Electronic Componen...
PDL06-12S09 RSG-PDL06-12S09 Datasheet
440Kb / 4P
   SIP PACKAGE, 0.86 x 0.36x 0.44 INCH
logo
Power Mate Technology C...
PDL06-12S09 P-DUKE-PDL06-12S09 Datasheet
466Kb / 4P
   DC-DC CONVERTER
More results

Similar Description - PDL06-12S09

ManufacturerPart #DatasheetDescription
logo
Power Mate Technology C...
PDL02 P-DUKE-PDL02_15 Datasheet
447Kb / 4P
   2:1 WIDE INPUT RANGE UP TO 2 Watts
PDL09 P-DUKE-PDL09 Datasheet
904Kb / 5P
   2:1 WIDE INPUT RANGE UP TO 9 Watts
PDS03 P-DUKE-PDS03_15 Datasheet
517Kb / 4P
   2:1 WIDE INPUT RANGE UP TO 3 Watts
PDL03 P-DUKE-PDL03_15 Datasheet
445Kb / 4P
   2:1 WIDE INPUT RANGE UP TO 3 Watts
SDH01 P-DUKE-SDH01_15 Datasheet
662Kb / 4P
   2:1 WIDE INPUT RANGE UP TO 1.08 WATTS
SDS02 P-DUKE-SDS02_15 Datasheet
720Kb / 4P
   2:1 WIDE INPUT RANGE UP TO 2.01 WATTS
UDH01 P-DUKE-UDH01_15 Datasheet
679Kb / 4P
   2:1 WIDE INPUT RANGE UP TO 1.08 Watts
UDH03 P-DUKE-UDH03_15 Datasheet
689Kb / 4P
   2:1 WIDE INPUT RANGE UP TO 3 Watts
UDS02 P-DUKE-UDS02_15 Datasheet
681Kb / 4P
   2:1 WIDE INPUT RANGE UP TO 2.01 Watts
UDS03 P-DUKE-UDS03_15 Datasheet
685Kb / 4P
   2:1 WIDE INPUT RANGE UP TO 3 Watts
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com