Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PDL09-12D12 Datasheet(PDF) 1 Page - Power Mate Technology Co., LTD

Part # PDL09-12D12
Description  2:1 WIDE INPUT RANGE UP TO 9 Watts
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  P-DUKE [Power Mate Technology Co., LTD]
Direct Link  http://www.pduke.com
Logo P-DUKE - Power Mate Technology Co., LTD

PDL09-12D12 Datasheet(HTML) 1 Page - Power Mate Technology Co., LTD

  PDL09-12D12 Datasheet HTML 1Page - Power Mate Technology Co., LTD PDL09-12D12 Datasheet HTML 2Page - Power Mate Technology Co., LTD PDL09-12D12 Datasheet HTML 3Page - Power Mate Technology Co., LTD PDL09-12D12 Datasheet HTML 4Page - Power Mate Technology Co., LTD PDL09-12D12 Datasheet HTML 5Page - Power Mate Technology Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1
www.PDUKE.com
2016/5/24
PDL09 SERIES
DC-DC CONVERTER
2:1 WIDE INPUT RANGE
UP TO 9 Watts
FEATURES
APPLICATIONS
NO MINIMUM LOAD REQUIRED
1600VDC INPUT TO OUTPUT INSULATION
SMALL SIZE AND LOW PROFILE:
:0.86 X 0.36 X 0.44 INCH
UL60950-1, EN60950-1, & IEC60950-1
UL62368-1, EN62368-1, & IEC62368-1 SAFETY APPROVALS
CE MARKED
COMPLIANT TO RoHS II & REACH
WIRELESS NETWORK
TELECOM/DATACOM
INDUSTRY CONTROL SYSTEM
DISTRIBUTED POWER ARCHITECTURES
SEMICONDUCTOR EQUIPMENT
1600VDC
ISOLATION
REMOTE
CONTROL
OCP
SCP
LOW
STANDBY
POWER
TECHNICAL SPECIFICATION All specifications are typical at nominal input, full load and 25
℃ otherwise noted
Input Range
Output Voltage
Output Current
@Full Load
Input Current
@ No Load
Efficiency
Maximum
Capacitor Load
Model
Number
VDC
VDC
mA
mA
%
µF
PDL09-12S3P3
9 ~ 18
3.3
2000
7
81
2600
PDL09-12S05
9 ~ 18
5
1600
7
85
1300
PDL09-12S09
9 ~ 18
9
1000
10
87
800
PDL09-12S12
9 ~ 18
12
750
10
88
560
PDL09-12S15
9 ~ 18
15
600
10
89
560
PDL09-12S24
9 ~ 18
24
375
13
89
200
PDL09-12D05
9 ~ 18
±5
±800
13
85
±800
PDL09-12D12
9 ~ 18
±12
±375
13
88
±390
PDL09-12D15
9 ~ 18
±15
±300
14
89
±200
PDL09-24S3P3
18 ~ 36
3.3
2000
5
82
2600
PDL09-24S05
18 ~ 36
5
1600
5
85
1300
PDL09-24S09
18 ~ 36
9
1000
5
88
800
PDL09-24S12
18 ~ 36
12
750
5
89
560
PDL09-24S15
18 ~ 36
15
600
5
90
560
PDL09-24S24
18 ~ 36
24
375
7
90
200
PDL09-24D05
18 ~ 36
±5
±800
7
86
±800
PDL09-24D12
18 ~ 36
±12
±375
7
89
±390
PDL09-24D15
18 ~ 36
±15
±300
10
87
±200
PDL09-48S3P3
36 ~ 75
3.3
2000
3
82
2600
PDL09-48S05
36 ~ 75
5
1600
3
85
1300
PDL09-48S09
36 ~ 75
9
1000
3
88
800
PDL09-48S12
36 ~ 75
12
750
3
89
560
PDL09-48S15
36 ~ 75
15
600
3
89
560
PDL09-48S24
36 ~ 75
24
375
3
89
200
PDL09-48D05
36 ~ 75
±5
±800
3
86
±800
PDL09-48D12
36 ~ 75
±12
±375
3
87
±390
PDL09-48D15
36 ~ 75
±15
±300
4
87
±200


Similar Part No. - PDL09-12D12

ManufacturerPart #DatasheetDescription
logo
Power Mate Technology C...
PDL09-24D05W P-DUKE-PDL09-24D05W Datasheet
931Kb / 5P
   4:1 ULTRA WIDE INPUT RANGE UP TO 9 Watts
PDL09-24D12W P-DUKE-PDL09-24D12W Datasheet
931Kb / 5P
   4:1 ULTRA WIDE INPUT RANGE UP TO 9 Watts
PDL09-24D15W P-DUKE-PDL09-24D15W Datasheet
931Kb / 5P
   4:1 ULTRA WIDE INPUT RANGE UP TO 9 Watts
PDL09-24S05W P-DUKE-PDL09-24S05W Datasheet
931Kb / 5P
   4:1 ULTRA WIDE INPUT RANGE UP TO 9 Watts
PDL09-24S09W P-DUKE-PDL09-24S09W Datasheet
931Kb / 5P
   4:1 ULTRA WIDE INPUT RANGE UP TO 9 Watts
More results

Similar Description - PDL09-12D12

ManufacturerPart #DatasheetDescription
logo
Power Mate Technology C...
PDL02 P-DUKE-PDL02_15 Datasheet
447Kb / 4P
   2:1 WIDE INPUT RANGE UP TO 2 Watts
PDS03 P-DUKE-PDS03_15 Datasheet
517Kb / 4P
   2:1 WIDE INPUT RANGE UP TO 3 Watts
PDL09W P-DUKE-PDL09W Datasheet
931Kb / 5P
   4:1 ULTRA WIDE INPUT RANGE UP TO 9 Watts
PDL03 P-DUKE-PDL03_15 Datasheet
445Kb / 4P
   2:1 WIDE INPUT RANGE UP TO 3 Watts
SDH01 P-DUKE-SDH01_15 Datasheet
662Kb / 4P
   2:1 WIDE INPUT RANGE UP TO 1.08 WATTS
SDS02 P-DUKE-SDS02_15 Datasheet
720Kb / 4P
   2:1 WIDE INPUT RANGE UP TO 2.01 WATTS
UDH01 P-DUKE-UDH01_15 Datasheet
679Kb / 4P
   2:1 WIDE INPUT RANGE UP TO 1.08 Watts
UDH03 P-DUKE-UDH03_15 Datasheet
689Kb / 4P
   2:1 WIDE INPUT RANGE UP TO 3 Watts
PDL06 P-DUKE-PDL06 Datasheet
987Kb / 5P
   2:1 WIDE INPUT RANGE UP TO 6 Watts
UDS02 P-DUKE-UDS02_15 Datasheet
681Kb / 4P
   2:1 WIDE INPUT RANGE UP TO 2.01 Watts
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com