Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PDL03-12S3P3 Datasheet(PDF) 2 Page - Power Mate Technology Co., LTD

Part # PDL03-12S3P3
Description  2:1 WIDE INPUT RANGE UP TO 3 Watts
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  P-DUKE [Power Mate Technology Co., LTD]
Direct Link  http://www.pduke.com
Logo P-DUKE - Power Mate Technology Co., LTD

PDL03-12S3P3 Datasheet(HTML) 2 Page - Power Mate Technology Co., LTD

  PDL03-12S3P3 Datasheet HTML 1Page - Power Mate Technology Co., LTD PDL03-12S3P3 Datasheet HTML 2Page - Power Mate Technology Co., LTD PDL03-12S3P3 Datasheet HTML 3Page - Power Mate Technology Co., LTD PDL03-12S3P3 Datasheet HTML 4Page - Power Mate Technology Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
PDL03
2
www.PDUKE.com
2016/1/6
PART NUMBER STRUCTURE
PDL03 - 48
S
05
H
Series Name
Input
Output
Output
Isolation
Voltage
Quantity
Voltage
Option
(VDC)
(VDC)
05: 4.5~9
S:Single
3P3: 3.3
: Standard type
12: 9~18
05: 5
1600VDC isolation
24:18~16
09: 9
H: 3000VDC isolation
48:36~75
12:12
15:15
D: Dual
05:± 5
12:±12
15:±15
INPUT SPECIFICATIONS
Parameter
Conditions
Min.
Typ.
Max.
Unit
Operating input voltage range
5Vin(nom)
12Vin(nom)
24Vin(nom)
48Vin(nom)
4.5
9
18
36
5
12
24
48
9
18
36
75
VDC
Start up time
Constant resistive load
Power up
Remote ON/OFF
30
30
ms
Input surge voltage
100 ms, max.
5Vin(nom)
12Vin(nom)
24Vin(nom)
48Vin(nom)
15
36
50
100
VDC
Input reflected ripple current
5Vin(nom)
12Vin(nom)
24Vin(nom)
48Vin(nom)
400
150
380
170
mAp-p
Input filter (1)
Capacitor type
DC-DC ON
Open or high impedance
Remote ON/OFF
Ctrl pin applied current via 1k
DC-DC OFF
2
3
4
mA
Remote off input current
2.5
mA
Application circuit
DC-DC ON
DC-DC OFF
OUTPUT SPECIFICATIONS
Parameter
Conditions
Min.
Typ.
Max.
Unit
Voltage accuracy
-1.0
+1.0
%
Line regulation
Low Line to High Line at Full Load
-0.2
+0.2
%
Single
-1.0
+1.0
No Load to Full Load
Dual
-1.0
+1.0
%
Load regulation
5% Load to 100% Full Load
Single
-0.5
+0.5
%
Cross regulation
Asymmetrical load 25%/100% FL
Dual
-5.0
+5.0
%
Ripple and noise
20MHz bandwidth
50
mVp-p
Temperature coefficient
-0.02
+0.02
%/℃
Transient response recovery time
25% load step change
500
µs
Short circuit protection
Continuous, automatics recovery


Similar Part No. - PDL03-12S3P3

ManufacturerPart #DatasheetDescription
logo
Power Mate Technology C...
PDL03-12S3P3 P-DUKE-PDL03-12S3P3 Datasheet
299Kb / 3P
   3 WATTS MAXIMUM OUTPUT POWER
logo
RSG Electronic Componen...
PDL03-12S3P3 RSG-PDL03-12S3P3 Datasheet
179Kb / 3P
   3 WATTS DC-DC CONVERTER
logo
Power Mate Technology C...
PDL03-12S3P3 P-DUKE-PDL03-12S3P3 Datasheet
335Kb / 4P
   DC-DC CONVERTER
PDL03-12S3P3W P-DUKE-PDL03-12S3P3W Datasheet
234Kb / 3P
   3 WATTS MAXIMUM OUTPUT POWER
logo
RSG Electronic Componen...
PDL03-12S3P3W RSG-PDL03-12S3P3W Datasheet
153Kb / 3P
   3 WATTS DC-DC CONVERTER
More results

Similar Description - PDL03-12S3P3

ManufacturerPart #DatasheetDescription
logo
Power Mate Technology C...
PDS03 P-DUKE-PDS03_15 Datasheet
517Kb / 4P
   2:1 WIDE INPUT RANGE UP TO 3 Watts
UDH03 P-DUKE-UDH03_15 Datasheet
689Kb / 4P
   2:1 WIDE INPUT RANGE UP TO 3 Watts
UDS03 P-DUKE-UDS03_15 Datasheet
685Kb / 4P
   2:1 WIDE INPUT RANGE UP TO 3 Watts
PDL02 P-DUKE-PDL02_15 Datasheet
447Kb / 4P
   2:1 WIDE INPUT RANGE UP TO 2 Watts
PDL09 P-DUKE-PDL09 Datasheet
904Kb / 5P
   2:1 WIDE INPUT RANGE UP TO 9 Watts
SDH01 P-DUKE-SDH01_15 Datasheet
662Kb / 4P
   2:1 WIDE INPUT RANGE UP TO 1.08 WATTS
SDS02 P-DUKE-SDS02_15 Datasheet
720Kb / 4P
   2:1 WIDE INPUT RANGE UP TO 2.01 WATTS
UDH01 P-DUKE-UDH01_15 Datasheet
679Kb / 4P
   2:1 WIDE INPUT RANGE UP TO 1.08 Watts
PDL06 P-DUKE-PDL06 Datasheet
987Kb / 5P
   2:1 WIDE INPUT RANGE UP TO 6 Watts
UDS02 P-DUKE-UDS02_15 Datasheet
681Kb / 4P
   2:1 WIDE INPUT RANGE UP TO 2.01 Watts
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com