Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM25101BSD/NOPB Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # LM25101BSD/NOPB
Description  Half-Bridge Gate Drivers
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM25101BSD/NOPB Datasheet(HTML) 7 Page - Texas Instruments

Back Button LM25101BSD/NOPB Datasheet HTML 3Page - Texas Instruments LM25101BSD/NOPB Datasheet HTML 4Page - Texas Instruments LM25101BSD/NOPB Datasheet HTML 5Page - Texas Instruments LM25101BSD/NOPB Datasheet HTML 6Page - Texas Instruments LM25101BSD/NOPB Datasheet HTML 7Page - Texas Instruments LM25101BSD/NOPB Datasheet HTML 8Page - Texas Instruments LM25101BSD/NOPB Datasheet HTML 9Page - Texas Instruments LM25101BSD/NOPB Datasheet HTML 10Page - Texas Instruments LM25101BSD/NOPB Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
-50
-25
0
25
50
75
100 125 150
TEMPERATURE (
oC)
0.7
0.9
1.1
1.3
1.5
1.7
1.9
2.1
2.3
IDDO
IHBO
0.1
1
10
100
1000
FREQUENCY (kHz)
100
1000
10000
100000
VDD = 12V
CL = 4400 pF
CL = 1000 pF
CL = 0 pF
0
2
4
6
8
10
12
OUTPUT VOLTAGE (V)
0.0
3.5
0.5
1.0
1.5
2.0
2.5
3.0
LM25101B
LM25101C
LM25101A
VDD = 12V
0
2
4
6
8
10
12
OUTPUT VOLTAGE (V)
0.0
3.5
0.5
1.0
1.5
2.0
2.5
3.0
LM25101B
LM25101C
LM25101A
VDD = 12V
7
8
9
10
11
12
13
14
15
VDD (V)
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
LM25101B
LM25101C
LM25101A
7
8
9
10
11
12
13
14
15
VDD (V)
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
LM25101B
LM25101C
LM25101A
LM25101A, LM25101B, LM25101C
www.ti.com
SNVS859B – JULY 2012 – REVISED APRIL 2013
Typical Performance Characteristics
Peak Sourcing Current
Peak Sinking Current
vs
vs
VDD
VDD
Figure 1.
Figure 2.
Sink Current
Source Current
vs
vs
Output Voltage
Output Voltage
Figure 3.
Figure 4.
LM25101A/B/C IDD
Operating Current
vs
vs
Frequency
Temperature
Figure 5.
Figure 6.
Copyright © 2012–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LM25101A LM25101B LM25101C


Similar Part No. - LM25101BSD/NOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM25101BSD/NOPB TI-LM25101BSD/NOPB Datasheet
1Mb / 25P
[Old version datasheet]   LM25101A/B/C 3A, 2A, and 1A 80V Half-Bridge Gate Drivers
LM25101BSD/NOPB TI1-LM25101BSD/NOPB Datasheet
1Mb / 26P
[Old version datasheet]   3A, 2A, and 1A 80V Half-Bridge Gate Drivers
More results

Similar Description - LM25101BSD/NOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM25101 TI1-LM25101 Datasheet
1Mb / 26P
[Old version datasheet]   3A, 2A, and 1A 80V Half-Bridge Gate Drivers
logo
STMicroelectronics
L6393DTR STMICROELECTRONICS-L6393DTR Datasheet
390Kb / 19P
   Half-bridge gate driver
logo
Diodes Incorporated
DGD2184M DIODES-DGD2184M Datasheet
652Kb / 12P
   HALF BRIDGE GATE DRIVER
DGD21844M DIODES-DGD21844M Datasheet
637Kb / 12P
   HALF-BRIDGE GATE DRIVER
logo
MIC GROUP RECTIFIERS
MIC4100 MIC-MIC4100_11 Datasheet
797Kb / 18P
   100V Half Bridge MOSFET Drivers
logo
Micrel Semiconductor
MIC4605 MICREL-MIC4605 Datasheet
1Mb / 25P
   85V Half-Bridge MOSFET Drivers
MIC4100 MICREL-MIC4100 Datasheet
796Kb / 18P
   100V Half Bridge MOSFET Drivers
logo
Allegro MicroSystems
UDN-2935Z ALLEGRO-UDN-2935Z Datasheet
562Kb / 7P
   BIPOLAR HALF-BRIDGE MOTOR DRIVERS
logo
Fairchild Semiconductor
FAN7380 FAIRCHILD-FAN7380_07 Datasheet
438Kb / 13P
   Half-Bridge Gate Driver
logo
Diodes Incorporated
DGD2003 DIODES-DGD2003 Datasheet
688Kb / 11P
   HALF-BRIDGE GATE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com