Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PDL09-12S05 Datasheet(PDF) 2 Page - Power Mate Technology Co., LTD

Part # PDL09-12S05
Description  2:1 WIDE INPUT RANGE UP TO 9 Watts
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  P-DUKE [Power Mate Technology Co., LTD]
Direct Link  http://www.pduke.com
Logo P-DUKE - Power Mate Technology Co., LTD

PDL09-12S05 Datasheet(HTML) 2 Page - Power Mate Technology Co., LTD

  PDL09-12S05 Datasheet HTML 1Page - Power Mate Technology Co., LTD PDL09-12S05 Datasheet HTML 2Page - Power Mate Technology Co., LTD PDL09-12S05 Datasheet HTML 3Page - Power Mate Technology Co., LTD PDL09-12S05 Datasheet HTML 4Page - Power Mate Technology Co., LTD PDL09-12S05 Datasheet HTML 5Page - Power Mate Technology Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
PDL09
2
www.PDUKE.com
2016/5/24
PART NUMBER STRUCTURE
PDL09 - 48
S
05
M
Series Name
Input
Output
Output
Case
Voltage
Quantity
Voltage
Option
(VDC)
(VDC)
12: 9~18
S:Single
3P3: 3.3
: Standard type
24:18~36
05: 5
Plastic case
48:36~75
09: 9
12:12
M: Metal case
15:15
24:24
D: Dual
05:± 5
12:±12
15:±15
INPUT SPECIFICATIONS
Parameter
Conditions
Min.
Typ.
Max.
Unit
Operating input voltage range
12Vin(nom)
24Vin(nom)
48Vin(nom)
9
18
36
12
24
48
18
36
75
VDC
Start up time
Constant resistive load
Power up
Remote ON/OFF
50
50
ms
Input surge voltage
1 second, max.
12Vin(nom)
24Vin(nom)
48Vin(nom)
36
50
100
VDC
Input filter
Capacitor type
DC-DC ON
Open or high impedance
Remote ON/OFF
Ctrl pin applied current via 1k
DC-DC OFF
2
3
4
mA
Remote off input current
2.5
mA
Application circuit
DC-DC ON
DC-DC OFF
OUTPUT SPECIFICATIONS
Parameter
Conditions
Min.
Typ.
Max.
Unit
Voltage accuracy
-1.0
+1.0
%
Line regulation
Low Line to High Line at Full Load
-0.2
+0.2
%
Single
-1.0
+1.0
Load regulation
No Load to Full Load
Dual
-1.0
+1.0
%
Cross regulation
Asymmetrical load 25%/100% FL
Dual
-5.0
+5.0
%
Ripple and noise
20MHz bandwidth
3.3Vout ,5Vout, 9Vout
50
With a 1µF/50V X7R MLCC
12Vout, 15Vout, 24Vout
75
mVp-p
Temperature coefficient
-0.02
+0.02
%/
Transient response recovery time
25% load step change
250
µs
Over load protection
% of Iout rated; Hiccup mode
180
%
Short circuit protection
Continuous, automatics recovery


Similar Part No. - PDL09-12S05

ManufacturerPart #DatasheetDescription
logo
Power Mate Technology C...
PDL09-24D05W P-DUKE-PDL09-24D05W Datasheet
931Kb / 5P
   4:1 ULTRA WIDE INPUT RANGE UP TO 9 Watts
PDL09-24D12W P-DUKE-PDL09-24D12W Datasheet
931Kb / 5P
   4:1 ULTRA WIDE INPUT RANGE UP TO 9 Watts
PDL09-24D15W P-DUKE-PDL09-24D15W Datasheet
931Kb / 5P
   4:1 ULTRA WIDE INPUT RANGE UP TO 9 Watts
PDL09-24S05W P-DUKE-PDL09-24S05W Datasheet
931Kb / 5P
   4:1 ULTRA WIDE INPUT RANGE UP TO 9 Watts
PDL09-24S09W P-DUKE-PDL09-24S09W Datasheet
931Kb / 5P
   4:1 ULTRA WIDE INPUT RANGE UP TO 9 Watts
More results

Similar Description - PDL09-12S05

ManufacturerPart #DatasheetDescription
logo
Power Mate Technology C...
PDL02 P-DUKE-PDL02_15 Datasheet
447Kb / 4P
   2:1 WIDE INPUT RANGE UP TO 2 Watts
PDS03 P-DUKE-PDS03_15 Datasheet
517Kb / 4P
   2:1 WIDE INPUT RANGE UP TO 3 Watts
PDL09W P-DUKE-PDL09W Datasheet
931Kb / 5P
   4:1 ULTRA WIDE INPUT RANGE UP TO 9 Watts
PDL03 P-DUKE-PDL03_15 Datasheet
445Kb / 4P
   2:1 WIDE INPUT RANGE UP TO 3 Watts
SDH01 P-DUKE-SDH01_15 Datasheet
662Kb / 4P
   2:1 WIDE INPUT RANGE UP TO 1.08 WATTS
SDS02 P-DUKE-SDS02_15 Datasheet
720Kb / 4P
   2:1 WIDE INPUT RANGE UP TO 2.01 WATTS
UDH01 P-DUKE-UDH01_15 Datasheet
679Kb / 4P
   2:1 WIDE INPUT RANGE UP TO 1.08 Watts
UDH03 P-DUKE-UDH03_15 Datasheet
689Kb / 4P
   2:1 WIDE INPUT RANGE UP TO 3 Watts
PDL06 P-DUKE-PDL06 Datasheet
987Kb / 5P
   2:1 WIDE INPUT RANGE UP TO 6 Watts
UDS02 P-DUKE-UDS02_15 Datasheet
681Kb / 4P
   2:1 WIDE INPUT RANGE UP TO 2.01 Watts
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com