Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PDL09W Datasheet(PDF) 2 Page - Power Mate Technology Co., LTD

Part # PDL09W
Description  4:1 ULTRA WIDE INPUT RANGE UP TO 9 Watts
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  P-DUKE [Power Mate Technology Co., LTD]
Direct Link  http://www.pduke.com
Logo P-DUKE - Power Mate Technology Co., LTD

PDL09W Datasheet(HTML) 2 Page - Power Mate Technology Co., LTD

  PDL09W Datasheet HTML 1Page - Power Mate Technology Co., LTD PDL09W Datasheet HTML 2Page - Power Mate Technology Co., LTD PDL09W Datasheet HTML 3Page - Power Mate Technology Co., LTD PDL09W Datasheet HTML 4Page - Power Mate Technology Co., LTD PDL09W Datasheet HTML 5Page - Power Mate Technology Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
PDL09W
2
www.PDUKE.com
2016/5/24
INPUT SPECIFICATIONS
Parameter
Conditions
Min.
Typ.
Max.
Unit
Operating input voltage range
24Vin(nom)
48Vin(nom)
9
18
24
48
36
75
VDC
Start up time
Constant resistive load
Power up
Remote ON/OFF
50
50
ms
Input surge voltage
1 second, max.
24Vin(nom)
48Vin(nom)
50
100
VDC
Input filter
Capacitor type
DC-DC ON
Open or high impedance
Remote ON/OFF
Ctrl pin applied current via 1k
DC-DC OFF
2
3
4
mA
Remote off input current
PDL09-24
W
3
PDL09-48
W
2.5
mA
Application circuit
DC-DC ON
DC-DC OFF
OUTPUT SPECIFICATIONS
Parameter
Conditions
Min.
Typ.
Max.
Unit
Voltage accuracy
-1.0
+1.0
%
Line regulation
Low Line to High Line at Full Load
-0.2
+0.2
%
Single
-1.0
+1.0
Load regulation
No Load to Full Load
Dual
-1.0
+1.0
%
Cross regulation
Asymmetrical load 25%/100% FL
Dual
-5.0
+5.0
%
20MHz bandwidth
3.3Vout ,5Vout, 9Vout
50
Ripple and noise
With a 1µF/50V X7R MLCC
12Vout, 15Vout, 24Vout
75
mVp-p
Temperature coefficient
-0.02
+0.02
%/
Transient response recovery time
25% load step change
250
µs
Over load protection
% of Iout rated; Hiccup mode
180
%
Short circuit protection
Continuous, automatics recovery
GENERAL SPECIFICATIONS
Parameter
Conditions
Min.
Typ.
Max.
Unit
Isolation voltage
1 minute
Input to Output
Standard Type
1600
Suffix ”M”
1600
Input (Output) to Case
Suffix ”M”
1000
VDC
Isolation resistance
500VDC
1
G
Isolation capacitance
Standard Type
50
Suffix ”M”
50
pF
Switching frequency
Single
400
Dual
500
kHz
Safety approvals
EN60950-1
UL60950-1
IEC60950-1
EN62368-1
UL62368-1
IEC62368-1
Case material
Standard Type
Non-conductive black plastic
Suffix ”M”
Copper
Base material
None
Potting material
Silicone (UL94 V-0)
Weight
Standard Type
4.8g (0.17oz)
Suffix ”M”
5.9g (0.21oz)
MTBF
MIL-HDBK-217F, Full load
Standard Type
2.696E+06 hrs
Suffix ”M”
2.939E+06 hrs


Similar Part No. - PDL09W

ManufacturerPart #DatasheetDescription
logo
Power Mate Technology C...
PDL09 P-DUKE-PDL09 Datasheet
904Kb / 5P
   2:1 WIDE INPUT RANGE UP TO 9 Watts
PDL09-12D05 P-DUKE-PDL09-12D05 Datasheet
904Kb / 5P
   2:1 WIDE INPUT RANGE UP TO 9 Watts
PDL09-12D12 P-DUKE-PDL09-12D12 Datasheet
904Kb / 5P
   2:1 WIDE INPUT RANGE UP TO 9 Watts
PDL09-12D15 P-DUKE-PDL09-12D15 Datasheet
904Kb / 5P
   2:1 WIDE INPUT RANGE UP TO 9 Watts
PDL09-12S05 P-DUKE-PDL09-12S05 Datasheet
904Kb / 5P
   2:1 WIDE INPUT RANGE UP TO 9 Watts
More results

Similar Description - PDL09W

ManufacturerPart #DatasheetDescription
logo
Power Mate Technology C...
FKC08W P-DUKE-FKC08W_15 Datasheet
542Kb / 4P
   4:1 ULTRA WIDE INPUT RANGE UP TO 8 Watts
PDL03W P-DUKE-PDL03W_15 Datasheet
446Kb / 4P
   4:1 ULTRA WIDE INPUT RANGE UP TO 3 Watts
SDS05W P-DUKE-SDS05W_15 Datasheet
616Kb / 3P
   4:1 ULTRA WIDE INPUT RANGE UP TO 5.04 WATTS
PDS03W P-DUKE-PDS03W_15 Datasheet
516Kb / 4P
   4:1 ULTRA WIDE INPUT RANGE UP TO 3 Watts
SDH02W P-DUKE-SDH02W_15 Datasheet
618Kb / 3P
   4:1 ULTRA WIDE INPUT RANGE UP TO 2.01 WATTS
FKC12W P-DUKE-FKC12W_15 Datasheet
510Kb / 3P
   4:1 ULTRA WIDE INPUT RANGE UP TO 12 Watts
LKC05W P-DUKE-LKC05W_16 Datasheet
1Mb / 4P
   4:1 ULTRA WIDE INPUT RANGE UP TO 5 WATTS
SDH03W P-DUKE-SDH03W_15 Datasheet
618Kb / 3P
   4:1 ULTRA WIDE INPUT RANGE UP TO 3 WATTS
SDH05W P-DUKE-SDH05W Datasheet
604Kb / 3P
   4:1 ULTRA WIDE INPUT RANGE UP TO 5.04 WATTS
PDL06W P-DUKE-PDL06W Datasheet
988Kb / 4P
   4:1 ULTRA WIDE INPUT RANGE UP TO 6 Watts
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com