Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FKC12-48D05 Datasheet(PDF) 2 Page - Power Mate Technology Co., LTD

Part # FKC12-48D05
Description  2:1 WIDE INPUT RANGE UP TO 12 Watts
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  P-DUKE [Power Mate Technology Co., LTD]
Direct Link  http://www.pduke.com
Logo P-DUKE - Power Mate Technology Co., LTD

FKC12-48D05 Datasheet(HTML) 2 Page - Power Mate Technology Co., LTD

  FKC12-48D05 Datasheet HTML 1Page - Power Mate Technology Co., LTD FKC12-48D05 Datasheet HTML 2Page - Power Mate Technology Co., LTD FKC12-48D05 Datasheet HTML 3Page - Power Mate Technology Co., LTD FKC12-48D05 Datasheet HTML 4Page - Power Mate Technology Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
FKC12
2
www.PDUKE.com
2015/8/28
INPUT SPECIFICATIONS
Parameter
Conditions
Min.
Typ.
Max.
Unit
Operating input voltage range
12Vin(nom)
24Vin(nom)
48Vin(nom)
9
18
36
12
24
48
18
36
75
VDC
Start up voltage
12Vin(nom)
24Vin(nom)
48Vin(nom)
9
18
36
VDC
Shutdown voltage
12Vin(nom)
24Vin(nom)
48Vin(nom)
8
16
33
VDC
Start up time
Constant resistive load
Power up
Remote ON/OFF
450
5
ms
Input surge voltage
100 ms, max.
12Vin(nom)
24Vin(nom)
48Vin(nom)
36
50
100
VDC
Input reflected ripple current
20
mAp-p
Input filter
Pi type
Referred to –Vin pin
Positive logic
DC-DC ON
Open or 3.0 ~ 12VDC
Remote ON/OFF
DC-DC OFF
Short or 0 ~ 1.2VDC
Input current of Ctrl pin
-0.5
+0.5
mA
Remote off input current
2.5
mA
OUTPUT SPECIFICATIONS
Parameter
Conditions
Min.
Typ.
Max.
Unit
Voltage accuracy
-1.2
+1.2
%
Line regulation
Low Line to High Line at Full Load
Single
-0.2
+0.2
Dual
-0.5
+0.5
%
DIP type
Single 2.5Vout
-1.0
+1.0
Single others
-0.5
+0.5
Load regulation
No Load to Full Load
Dual
-1.0
+1.0
SMD type
Single 2.5Vout
-1.0
+1.0
Single others
-1.0
+1.0
Dual
-1.0
+1.0
%
Cross regulation
Asymmetrical load 25%/100% FL
Dual
-5.0
+5.0
%
Ripple and noise
20MHz bandwidth
85
mVp-p
Temperature coefficient
-0.02
+0.02
%/
Transient response recovery time
25% load step change
250
µs
Over voltage protection
Single Output
2.5Vout
3.9
3.3Vout
3.9
5.1Vout
6.2
12Vout
15
15Vout
18
VDC
Over load protection
% of Iout rated
150
%
Short circuit protection
Continuous, automatics recovery
GENERAL SPECIFICATIONS
Parameter
Conditions
Min.
Typ.
Max.
Unit
Isolation voltage
1 minute
DIP type
Input to Output
1600
Input (Output) to Case
1600
SMD type
Input to Output
1600
Input (Output) to Case
1000
VDC
Isolation resistance
500VDC
1
G
Isolation capacitance
1200
pF
Switching frequency
360
400
440
kHz
Safety approvals
UL60950-1
EN60950-1
IEC60950-1
Case material
Nickel-coated copper
Base material
Non-conductive black plastic
Potting material
Epoxy (UL94 V-0)
Weight
18g (0.62oz)
MTBF
MIL-HDBK-217F
2.064 x 10
6 hrs


Similar Part No. - FKC12-48D05

ManufacturerPart #DatasheetDescription
logo
Power Mate Technology C...
FKC12-48D05 P-DUKE-FKC12-48D05 Datasheet
273Kb / 3P
   12 WATTS OUTPUT POWER
logo
Make-Ps
FKC12-48D05 MAKE-PS-FKC12-48D05 Datasheet
602Kb / 3P
   Single & Dual Output DC/DC Converter
logo
Power Mate Technology C...
FKC12-48D05 P-DUKE-FKC12-48D05 Datasheet
535Kb / 4P
   DC-DC CONVERTER
FKC12-48D05W P-DUKE-FKC12-48D05W Datasheet
276Kb / 3P
   12 WATTS OUTPUT POWER
logo
Make-Ps
FKC12-48D05W MAKE-PS-FKC12-48D05W Datasheet
594Kb / 3P
   Single & Dual Output DC/DC Converter
More results

Similar Description - FKC12-48D05

ManufacturerPart #DatasheetDescription
logo
Power Mate Technology C...
PDL02 P-DUKE-PDL02_15 Datasheet
447Kb / 4P
   2:1 WIDE INPUT RANGE UP TO 2 Watts
PDL09 P-DUKE-PDL09 Datasheet
904Kb / 5P
   2:1 WIDE INPUT RANGE UP TO 9 Watts
PDS03 P-DUKE-PDS03_15 Datasheet
517Kb / 4P
   2:1 WIDE INPUT RANGE UP TO 3 Watts
PDL03 P-DUKE-PDL03_15 Datasheet
445Kb / 4P
   2:1 WIDE INPUT RANGE UP TO 3 Watts
SDH01 P-DUKE-SDH01_15 Datasheet
662Kb / 4P
   2:1 WIDE INPUT RANGE UP TO 1.08 WATTS
SDS02 P-DUKE-SDS02_15 Datasheet
720Kb / 4P
   2:1 WIDE INPUT RANGE UP TO 2.01 WATTS
UDH01 P-DUKE-UDH01_15 Datasheet
679Kb / 4P
   2:1 WIDE INPUT RANGE UP TO 1.08 Watts
UDH03 P-DUKE-UDH03_15 Datasheet
689Kb / 4P
   2:1 WIDE INPUT RANGE UP TO 3 Watts
PDL06 P-DUKE-PDL06 Datasheet
987Kb / 5P
   2:1 WIDE INPUT RANGE UP TO 6 Watts
UDS02 P-DUKE-UDS02_15 Datasheet
681Kb / 4P
   2:1 WIDE INPUT RANGE UP TO 2.01 Watts
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com