Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SLK2511C Datasheet(PDF) 7 Page - Texas Instruments

Part # SLK2511C
Description  OC-48/24/12/3 SONET/SDH MULTIRATE TRANSCEIVER
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SLK2511C Datasheet(HTML) 7 Page - Texas Instruments

Back Button SLK2511C_13 Datasheet HTML 3Page - Texas Instruments SLK2511C_13 Datasheet HTML 4Page - Texas Instruments SLK2511C_13 Datasheet HTML 5Page - Texas Instruments SLK2511C_13 Datasheet HTML 6Page - Texas Instruments SLK2511C_13 Datasheet HTML 7Page - Texas Instruments SLK2511C_13 Datasheet HTML 8Page - Texas Instruments SLK2511C_13 Datasheet HTML 9Page - Texas Instruments SLK2511C_13 Datasheet HTML 10Page - Texas Instruments SLK2511C_13 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
HIGH-SPEED ELECTRICAL INTERFACE
LVDS PARALLEL DATA INTERFACE
REFERENCE CLOCK
SLK2511C
www.ti.com............................................................................................................................................................................................ SLLS886 – DECEMBER 2008
The high-speed serial I/O uses a PECL compatible interface. The line could be directly coupled or ac-coupled.
See Figure 10 and Figure 11 for configuration details. As shown in the figures, an on-chip 100-
Ω termination
resistor is placed differentially at the receive end.
The PECL output also provide de-emphasis for compensating ac loss when driving a cable or PCB backplane
over long distance. The level of the de-emphasis is programmable via PRE1 and PRE2 pins. Users can use
software to control the strength of the de-emphasis to optimize the device for a specific system requirement.
Table 5. Programmable De-Emphasis
PRE1
PRE2
DE-EMPHASIS LEVEL
(V(ODp)d/V(ODd)
(1) – 1)
0
0
De-emphasis disabled
1
0
10%
0
1
20%
1
1
30%
(1)
V(ODp): Differential voltage swing when there is a transition in the data stream.
V(ODd): Differential voltage swing when there is no transition in the data stream.
Figure 1. Output Differential Voltage Under De-Emphasis
The parallel data interface consists of a 4-bit parallel LVDS data and clock. The device conforms to OIF99.102
specification when operating at the OC-48 rate. When operating at lower serial rates the clock and data
frequency are scaled down accordingly, as indicated in Table 2. The parallel data TXDATA[0:3] is latched on the
rising edge of the TXCLK and then is sent to a data FIFO to resolve any phase difference between TXCLK and
REFCLK. If there is a FIFO overflow condition, the SPILL pin is set high. The FIFO resets itself to realign
between two clocks. The internal PLL for the clock synthesizer is locked to the REFCLK and it is used as the
timing to serialize the parallel data (except for the loop timing mode where the recovered clock is used). On the
receive side, RXDATA[0:3] is updated on the rising edge of RXCLK. Figure 7 and Figure 8 show the timing
diagram for the parallel interface.
The SLK2511C also has a built-in parity checker and generator for error detection of the LVDS interface. On the
transmit side, it accepts the parity bit, TXPARP/N, and performs the parity checking function for even parity. If an
error is detected, it pulses the PAR_VALID pin low for two clock cycles. On the receive side, the parity bit
RXPARP/N is generated for the downstream device for parity error checking.
Differential termination 100-
Ω resistors are included on-chip between TXDATAP/N.
The device accepts either a 155.52-MHz or a 622.08-MHz clock. A clock select pin (REFCLKSEL) allows the
selection of the external reference clock frequency. The REFCLK input is compatible with the LVDS level and
also the 3.3-V LVPECL level using ac-coupling. A 100-
Ω differential termination resistor is included on-chip, as
well as a dc biasing circuit (3 k
Ω to VDD and 4.5 kΩ to GND) for the ac-coupled case. A high quality REFCLK
must be used on systems required to meet SONET/SDH standards. For non-SONET/SDH compliant systems,
loose tolerances may be used.
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): SLK2511C


Similar Part No. - SLK2511C_13

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SLK2511C TI1-SLK2511C Datasheet
699Kb / 22P
[Old version datasheet]   OC-48/24/12/3 SONET/SDH MULTIRATE TRANSCEIVER
More results

Similar Description - SLK2511C_13

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SLK2511 TI-SLK2511 Datasheet
303Kb / 21P
[Old version datasheet]   OC-48/24/12/3 SONET/SDH MULTIRATE TRANSCEIVER
SLK2701 TI-SLK2701 Datasheet
298Kb / 21P
[Old version datasheet]   OC-48/24/12/3 SONET/SDH MULTIRATE TRANSCEIVER
SLK2511A TI1-SLK2511A Datasheet
695Kb / 22P
[Old version datasheet]   OC-48/24/12/3 SONET/SDH MULTIRATE TRANSCEIVER
SLK2501 TI-SLK2501 Datasheet
271Kb / 20P
[Old version datasheet]   OC-48/24/12/3 SONET/SDH MULTIRATE TRANSCEIVER
SLK2501 TI1-SLK2501_16 Datasheet
516Kb / 22P
[Old version datasheet]   OC-48/24/12/3 SONET/SDH MULTIRATE TRANSCEIVER
logo
DB Lectro Inc
SLK2511B DBLECTRO-SLK2511B Datasheet
573Kb / 21P
   OC-48/24/12/3 SONET/SDH MULTIRATE TRANSCEIVER
logo
Texas Instruments
SLK2511B TI-SLK2511B Datasheet
528Kb / 21P
[Old version datasheet]   OC-48/24/12/3 SONET/SDH MULTIRATE TRANSCEIVER
SLK2511C TI1-SLK2511C Datasheet
699Kb / 22P
[Old version datasheet]   OC-48/24/12/3 SONET/SDH MULTIRATE TRANSCEIVER
SLK2721PZP TI1-SLK2721PZP Datasheet
508Kb / 22P
[Old version datasheet]   OC-48 FEC/24/12/3 SONET/SDH MULTIRATE TRANSCEIVER
SLK2721 TI-SLK2721 Datasheet
300Kb / 21P
[Old version datasheet]   OC-48FEC/24/12/3 SONET/SDH MULTIRATE TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com