Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM25066A Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # LM25066A
Description  System Power Management and Protection IC
Download  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM25066A Datasheet(HTML) 4 Page - Texas Instruments

  LM25066A Datasheet HTML 1Page - Texas Instruments LM25066A Datasheet HTML 2Page - Texas Instruments LM25066A Datasheet HTML 3Page - Texas Instruments LM25066A Datasheet HTML 4Page - Texas Instruments LM25066A Datasheet HTML 5Page - Texas Instruments LM25066A Datasheet HTML 6Page - Texas Instruments LM25066A Datasheet HTML 7Page - Texas Instruments LM25066A Datasheet HTML 8Page - Texas Instruments LM25066A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 58 page
background image
LM25066A
SNVS700F – DECEMBER 2010 – REVISED FEBRUARY 2013
www.ti.com
Absolute Maximum Ratings
(1)
VIN, SENSE to GND (2)
-0.3V to 24V
GATE, FB, UVLO/EN, OVLO, PGD to GND (2)
-0.3V to 20V
OUT to GND
-1V to 20V
SCL, SDA, SMBA, CL, CB, ADR0, ADR1, ADR2, VDD, VAUX, DIODE, RETRY to GND
-0.3V to 6V
VIN to SENSE
-0.3V to +0.3V
ESD Rating, Human Body Model(3)
2kV
Storage Temperature
-65°C to +150°C
Junction Temperature
+150°C
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is intended to be functional, but do not guarantee specific performance limits. For guaranteed specifications and
conditions, see the Electrical Characteristics.
(2)
The GATE pin voltage is typically 7.5V above VIN when the LM25066A is enabled. Therefore the Absolute Maximum Rating of 24V for
VIN and SENSE apply only when the LM25066A is disabled or for a momentary surge to that voltage since the Absolute Maximum
Rating of the GATE pin is 20V.
(3)
The human body model is a 100 pF capacitor discharged through a 1.5 k
Ω resistor into each pin.
Operating Ratings
VIN, SENSE, OUT voltage
2.9V to 17V
VDD
2.9V to 5.5V
Junction Temperature
−40°C to +125°C
Electrical Characteristics
Limits in standard type are for TJ = 25°C only; limits in boldface type apply over the junction temperature (TJ) range of -40°C
to +85°C unless otherwise stated. Minimum and Maximum limits are guaranteed through test, design, or statistical correlation.
Typical values represent the most likely parametric norm at TJ = 25°C, and are provided for reference purposes only. Unless
otherwise stated the following conditions apply: VIN = 12V.
(1) (2)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Input (VIN Pin)
IIN-EN
Input Current, enabled
UVLO = 2V and OVLO = 0.7V
5.8
8
mA
POR
Power On Reset threshold at VIN
VIN increasing
2.6
2.8
V
PORHYS
POREN Hysteresis
VIN decreasing
150
mV
VDD Regulator (VDD pin)
VDD
IVDD = 5mA, VIN = 12V
4.3
4.5
4.7
V
IVDD = 5mA, VIN = 4.5V
3.5
3.9
4.3
V
VDDILIM
VDD Current Limit
25
45
mA
UVLO/EN, OVLO Pins
UVLOTH
UVLO threshold
VUVLO falling
1.147
1.16
1.173
V
UVLOHYS
UVLO hysteresis current
UVLO = 1V
18
23
28
µA
UVLODEL
UVLO delay
Delay to GATE high
8
µs
Delay to GATE low
20
UVLOBIAS
UVLO bias current
UVLO = 3V
1
µA
OVLOTH
OVLO threshold
VOVLO rising
1.141
1.16
1.185
V
OVLOHYS
OVLO hysteresis current
OVLO = 1V
-28
-23
-18
µA
OVLODEL
OVLO delay
Delay to GATE high
19
µs
Delay to GATE low
9
OVLOBIAS
OVLO bias current
OVLO = 1V
1
µA
Power Good (PGD pin)
PGDVOL
Output low voltage
ISINK = 2 mA
25
60
mV
(1)
Current out of a pin is indicated as a negative value.
(2)
All limits are guaranteed. All electrical characteristics having room temperature limits are tested during production at TA = 25°C. All hot
and cold limits are guaranteed by correlating the electrical characteristics to process and temperature variations and applying statistical
process control.
4
Submit Documentation Feedback
Copyright © 2010–2013, Texas Instruments Incorporated
Product Folder Links: LM25066A


Similar Part No. - LM25066A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM25066A TI1-LM25066A Datasheet
1Mb / 49P
[Old version datasheet]   System Power Management and Protection IC with PMBus?
LM25066APSQ TI1-LM25066APSQ Datasheet
1Mb / 49P
[Old version datasheet]   System Power Management and Protection IC with PMBus?
LM25066APSQE TI1-LM25066APSQE Datasheet
1Mb / 49P
[Old version datasheet]   System Power Management and Protection IC with PMBus?
LM25066APSQX TI1-LM25066APSQX Datasheet
1Mb / 49P
[Old version datasheet]   System Power Management and Protection IC with PMBus?
More results

Similar Description - LM25066A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM25066A TI1-LM25066A Datasheet
1Mb / 49P
[Old version datasheet]   System Power Management and Protection IC with PMBus?
LM25066 TI1-LM25066_16 Datasheet
1Mb / 63P
[Old version datasheet]   System Power Management and Protection IC With PMBus
LM5064 TI1-LM5064_16 Datasheet
1Mb / 62P
[Old version datasheet]   Negative Voltage System Power Management and Protection IC
LM5064 TI1-LM5064 Datasheet
1Mb / 51P
[Old version datasheet]   Negative Voltage System Power Management and Protection IC with PMBus
LM5066 TI1-LM5066 Datasheet
1Mb / 50P
[Old version datasheet]   High Voltage System Power Management and Protection IC with PMBus
LM25066I TI1-LM25066I_16 Datasheet
1Mb / 59P
[Old version datasheet]   Intel Node Manager Compliant System Power Management and Protection IC
LM5066 TI1-LM5066_14 Datasheet
1Mb / 64P
[Old version datasheet]   High Voltage System Power Management and Protection IC with PMBus
logo
Toshiba Semiconductor
TC7734FTG TOSHIBA-TC7734FTG Datasheet
2Mb / 84P
   Power Management System IC
2015-6-5
logo
STMicroelectronics
L9952XP STMICROELECTRONICS-L9952XP Datasheet
854Kb / 68P
   Power management system IC
L9952GXP STMICROELECTRONICS-L9952GXP Datasheet
865Kb / 68P
   Power management system IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com