Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM2591HVSX-ADJ Datasheet(PDF) 5 Page - Texas Instruments

Part # LM2591HVSX-ADJ
Description  SIMPLE SWITCHER Power Converter Step-Down Voltage Regulator
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM2591HVSX-ADJ Datasheet(HTML) 5 Page - Texas Instruments

  LM2591HVSX-ADJ Datasheet HTML 1Page - Texas Instruments LM2591HVSX-ADJ Datasheet HTML 2Page - Texas Instruments LM2591HVSX-ADJ Datasheet HTML 3Page - Texas Instruments LM2591HVSX-ADJ Datasheet HTML 4Page - Texas Instruments LM2591HVSX-ADJ Datasheet HTML 5Page - Texas Instruments LM2591HVSX-ADJ Datasheet HTML 6Page - Texas Instruments LM2591HVSX-ADJ Datasheet HTML 7Page - Texas Instruments LM2591HVSX-ADJ Datasheet HTML 8Page - Texas Instruments LM2591HVSX-ADJ Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 31 page
background image
5
LM2591HV
www.ti.com
SNVS074E – MAY 2001 – REVISED MAY 2016
Product Folder Links: LM2591HV
Submit Documentation Feedback
Copyright © 2001–2016, Texas Instruments Incorporated
(1)
All limits ensured at room temperature (TJ = 25°C) unless otherwise noted. All room temperature limits are 100% production tested. All
limits at temperature extremes are ensured through correlation using standard Statistical Quality Control (SQC) methods. All limits are
used to calculate Average Outgoing Quality Level (AOQL).
(2)
Typical numbers are at 25°C and represent the most likely norm.
(3)
External components such as the catch diode, inductor, input and output capacitors can affect switching regulator system performance.
When the LM2591HV is used as shown in Test Circuits test circuit, system performance will be as shown in Electrical Characteristics.
7.5 Electrical Characteristics LM2591HV-3.3
Specifications are for TJ = 25°C unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN(1)
TYP(2)
MAX(1)
UNIT
SYSTEM PARAMETERS – See Test Circuits (3)
VOUT
Output Voltage
4.75 V
≤ VIN ≤ 60 V,
0.2 A
≤ ILOAD ≤ 1 A
3.168
3.3
3.432
V
TA = –40°C to 125°C
3.135
3.465
η
Efficiency
VIN = 12 V, ILOAD = 1 A
77%
(1)
All limits ensured at room temperature (TJ = 25°C) unless otherwise noted. All room temperature limits are 100% production tested. All
limits at temperature extremes are ensured through correlation using standard Statistical Quality Control (SQC) methods. All limits are
used to calculate Average Outgoing Quality Level (AOQL).
(2)
Typical numbers are at 25°C and represent the most likely norm.
(3)
External components such as the catch diode, inductor, input and output capacitors can affect switching regulator system performance.
When the LM2591HV is used as shown in Test Circuits test circuit, system performance will be as shown in Electrical Characteristics.
7.6 Electrical Characteristics LM2591HV-5.0
Specifications are for TJ = 25°C unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN(1)
TYP(2)
MAX(1)
UNIT
SYSTEM PARAMETERS – See Test Circuits (3)
VOUT
Output Voltage
7 V
≤ VIN ≤ 60 V, 0.2 A ≤ ILOAD ≤ 1 A
4.8
5
5.2
V
TA = –40°C to 125°C
4.75
5.25
η
Efficiency
VIN = 12 V, ILOAD = 1 A
82%
(1)
All limits ensured at room temperature (TJ = 25°C) unless otherwise noted. All room temperature limits are 100% production tested. All
limits at temperature extremes are ensured through correlation using standard Statistical Quality Control (SQC) methods. All limits are
used to calculate Average Outgoing Quality Level (AOQL).
(2)
Typical numbers are at 25°C and represent the most likely norm.
(3)
External components such as the catch diode, inductor, input and output capacitors can affect switching regulator system performance.
When the LM2591HV is used as shown in Test Circuits test circuit, system performance will be as shown in Electrical Characteristics.
7.7 Electrical Characteristics LM2591HV-ADJ
Specifications are for TJ = 25°C unless otherwise noted
PARAMETER
TEST CONDITIONS
MIN(1)
TYP(2)
MAX(1)
UNIT
SYSTEM PARAMETERS – See Test Circuits (3)
VFB
Feedback Voltage
4.5 V
≤ VIN ≤ 60 V, 0.2 A ≤ ILOAD ≤ 1 A
VOUT programmed for 3 V. Circuit of
Test Circuits.
1.193
1.23
1.267
V
TA = –40°C to 125°C
1.18
1.28
η
Efficiency
VIN = 12 V, VOUT = 3 V, ILOAD = 1 A
76%


Similar Part No. - LM2591HVSX-ADJ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2591HVSX-ADJ TI-LM2591HVSX-ADJ Datasheet
3Mb / 29P
[Old version datasheet]   LM2591HV SIMPLE SWITCHER Power onverter 150 kHz 1A Step-Down Voltage
More results

Similar Description - LM2591HVSX-ADJ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2590HV-AQ-Q1 TI1-LM2590HV-AQ-Q1 Datasheet
3Mb / 30P
[Old version datasheet]   SIMPLE SWITCHER Power Converter Step-Down Voltage Regulator
logo
SeCoS Halbleitertechnol...
S5ELM2596 SECOS-S5ELM2596 Datasheet
1Mb / 8P
   Simple Switcher Power Converter 150KHz 3A Step-Down Voltage Regulator
logo
GTM CORPORATION
G5ULM2596 GTM-G5ULM2596 Datasheet
504Kb / 8P
   Simple Switcher Power converter 150kHz 3A Step-Down Voltage Regulator
G5ELM2596 GTM-G5ELM2596 Datasheet
506Kb / 8P
   Simple Switcher Power converter 150kHz 3A Step-Down Voltage Regulator
logo
SeCoS Halbleitertechnol...
S5ULM2596 SECOS-S5ULM2596 Datasheet
1Mb / 8P
   Simple Switcher Power Converter 150KHz 3A Step-Down Voltage Regulator
logo
National Semiconductor ...
LM2591HV NSC-LM2591HV Datasheet
730Kb / 20P
   SIMPLE SWITCHER Power Converter 150 kHz 1A Step-Down Voltage Regulator
LM2595 NSC-LM2595 Datasheet
935Kb / 29P
   SIMPLE SWITCHER Power Converter 150 kHz 1A Step-Down Voltage Regulator
LM2592HV NSC-LM2592HV Datasheet
655Kb / 20P
   SIMPLE SWITCHER Power Converter 150 kHz 2A Step-Down Voltage Regulator
LM2675 NSC-LM2675 Datasheet
912Kb / 26P
   SIMPLE SWITCHER Power Converter High Efficiency 1A Step-Down Voltage Regulator
LM2594 NSC-LM2594 Datasheet
740Kb / 28P
   SIMPLE SWITCHER Power Converter 150 kHz 0.5A Step-Down Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com