Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM2591HVSX-5.0 Datasheet(PDF) 3 Page - Texas Instruments

Part # LM2591HVSX-5.0
Description  SIMPLE SWITCHER Power Converter Step-Down Voltage Regulator
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM2591HVSX-5.0 Datasheet(HTML) 3 Page - Texas Instruments

  LM2591HVSX-5.0 Datasheet HTML 1Page - Texas Instruments LM2591HVSX-5.0 Datasheet HTML 2Page - Texas Instruments LM2591HVSX-5.0 Datasheet HTML 3Page - Texas Instruments LM2591HVSX-5.0 Datasheet HTML 4Page - Texas Instruments LM2591HVSX-5.0 Datasheet HTML 5Page - Texas Instruments LM2591HVSX-5.0 Datasheet HTML 6Page - Texas Instruments LM2591HVSX-5.0 Datasheet HTML 7Page - Texas Instruments LM2591HVSX-5.0 Datasheet HTML 8Page - Texas Instruments LM2591HVSX-5.0 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 31 page
background image
3
LM2591HV
www.ti.com
SNVS074E – MAY 2001 – REVISED MAY 2016
Product Folder Links: LM2591HV
Submit Documentation Feedback
Copyright © 2001–2016, Texas Instruments Incorporated
5 Description (continued)
Other features include a specified ±4% tolerance on output voltage under all conditions of input voltage and
output load conditions, and ±15% on the oscillator frequency. External shutdown is included, featuring typically
90-
μA standby current. Self-protection features include a two stage current limit for the output switch and an over
temperature shutdown for complete protection under fault conditions.
6 Pin Configuration and Functions
KTT Package
5-Pin DDPAK/TO-26
Top View
NDH Package
5-Pin TO-220
Top View
Pin Functions
PIN
I/O
DESCRIPTION
NO.
NAME
1
+VIN
I
This is the positive input supply for the IC switching regulator. A suitable input bypass
capacitor must be present at this pin to minimize voltage transients and to supply the
switching currents needed by the regulator.
2
Output
O
Internal switch. The voltage at this pin switches between approximately (+VIN − VSAT) and
approximately
−0.5 V, with a duty cycle of VOUT/VIN.
3
Ground
Circuit ground.
4
Feedback
I
Senses the regulated output voltage to complete the feedback loop. This pin is directly
connected to the Output for the fixed voltage versions, but is set to 1.23 V by means of a
resistive divider from the output for the Adjustable version. If a feedforward capacitor is used
(Adjustable version), then a negative voltage spike is generated on this pin whenever the
output is shorted. This happens because the feedforward capacitor cannot discharge fast
enough, and because one end of it is dragged to Ground, the other end goes momentarily
negative. To prevent the energy rating of this pin from being exceeded, a small-signal
Schottky diode to Ground is recommended for DC input voltages above 40 V whenever a
feedforward capacitor is present (See Test Circuits). Feedforward capacitor values larger
than 0.1
μF are not recommended for the same reason, whatever be the DC input voltage.
5
ON/OFF
I
The regulator is in shutdown mode, drawing about 90
μA, when this pin is driven to a high
level (
≥ 2 V), and is in normal operation when this Pin is left floating or driven to a low level
(
≤ 0.6 V). The typical value of the threshold is 1.3 V and the voltage on this pin must not
exceed 25 V.


Similar Part No. - LM2591HVSX-5.0

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2591HVSX-5.0 TI-LM2591HVSX-5.0 Datasheet
3Mb / 29P
[Old version datasheet]   LM2591HV SIMPLE SWITCHER Power onverter 150 kHz 1A Step-Down Voltage
More results

Similar Description - LM2591HVSX-5.0

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2590HV-AQ-Q1 TI1-LM2590HV-AQ-Q1 Datasheet
3Mb / 30P
[Old version datasheet]   SIMPLE SWITCHER Power Converter Step-Down Voltage Regulator
logo
SeCoS Halbleitertechnol...
S5ELM2596 SECOS-S5ELM2596 Datasheet
1Mb / 8P
   Simple Switcher Power Converter 150KHz 3A Step-Down Voltage Regulator
logo
GTM CORPORATION
G5ULM2596 GTM-G5ULM2596 Datasheet
504Kb / 8P
   Simple Switcher Power converter 150kHz 3A Step-Down Voltage Regulator
G5ELM2596 GTM-G5ELM2596 Datasheet
506Kb / 8P
   Simple Switcher Power converter 150kHz 3A Step-Down Voltage Regulator
logo
SeCoS Halbleitertechnol...
S5ULM2596 SECOS-S5ULM2596 Datasheet
1Mb / 8P
   Simple Switcher Power Converter 150KHz 3A Step-Down Voltage Regulator
logo
National Semiconductor ...
LM2591HV NSC-LM2591HV Datasheet
730Kb / 20P
   SIMPLE SWITCHER Power Converter 150 kHz 1A Step-Down Voltage Regulator
LM2595 NSC-LM2595 Datasheet
935Kb / 29P
   SIMPLE SWITCHER Power Converter 150 kHz 1A Step-Down Voltage Regulator
LM2592HV NSC-LM2592HV Datasheet
655Kb / 20P
   SIMPLE SWITCHER Power Converter 150 kHz 2A Step-Down Voltage Regulator
LM2675 NSC-LM2675 Datasheet
912Kb / 26P
   SIMPLE SWITCHER Power Converter High Efficiency 1A Step-Down Voltage Regulator
LM2594 NSC-LM2594 Datasheet
740Kb / 28P
   SIMPLE SWITCHER Power Converter 150 kHz 0.5A Step-Down Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com