Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM2592HVS-3.3 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # LM2592HVS-3.3
Description  SIMPLE SWITCHER Power Converter 150-kHz 2-A Step-Down Voltage Regulator
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM2592HVS-3.3 Datasheet(HTML) 11 Page - Texas Instruments

Back Button LM2592HVS-3.3 Datasheet HTML 7Page - Texas Instruments LM2592HVS-3.3 Datasheet HTML 8Page - Texas Instruments LM2592HVS-3.3 Datasheet HTML 9Page - Texas Instruments LM2592HVS-3.3 Datasheet HTML 10Page - Texas Instruments LM2592HVS-3.3 Datasheet HTML 11Page - Texas Instruments LM2592HVS-3.3 Datasheet HTML 12Page - Texas Instruments LM2592HVS-3.3 Datasheet HTML 13Page - Texas Instruments LM2592HVS-3.3 Datasheet HTML 14Page - Texas Instruments LM2592HVS-3.3 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 31 page
background image
Copyright © 2016, Texas Instruments Incorporated
11
LM2592HV
www.ti.com
SNVS075E – MAY 2001 – REVISED MAY 2016
Product Folder Links: LM2592HV
Submit Documentation Feedback
Copyright © 2001–2016, Texas Instruments Incorporated
9 Detailed Description
9.1 Overview
The LM2592HV SIMPLE SWITCHER® regulator is an easy-to-use, nonsynchronous, step-down DC-DC
converter with a wide input voltage range up to 60 V. The regulator is capable of delivering up to 2-A DC load
current with excellent line and load regulation. These devices are available in fixed output voltages of 3.3 V, 5 V,
and an adjustable output version. The family requires few external components, and the pin arrangement was
designed for simple, optimum PCB layout.
9.2 Functional Block Diagram
9.3 Feature Description
9.3.1 Delayed Start-Up
The circuit in Figure 21 uses the ON/OFF pin to provide a time delay between the time the input voltage is
applied and the time the output voltage comes up (only the circuitry pertaining to the delayed start-up is shown).
As the input voltage rises, the charging of capacitor C1 pulls the ON/OFF pin high, keeping the regulator off.
When the input voltage reaches its final value and the capacitor stops charging, the resistor R2 pulls the ON/OFF
pin low, thus allowing the circuit to start switching. Resistor R1 is included to limit the maximum voltage applied to
the ON/OFF pin (maximum of 25 V), reduces power supply noise sensitivity, and also limits the capacitor, C1,
discharge current. When high input ripple voltage exists, avoid long delay time, because this ripple can be
coupled into the ON/OFF pin and cause problems.
This delayed start-up feature is useful in situations where the input power source is limited in the amount of
current it can deliver. It allows the input voltage to rise to a higher voltage before the regulator starts operating.
Buck regulators require less input current at higher input voltages.


Similar Part No. - LM2592HVS-3.3

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2592HVS-3.3 NSC-LM2592HVS-3.3 Datasheet
655Kb / 20P
   SIMPLE SWITCHER Power Converter 150 kHz 2A Step-Down Voltage Regulator
logo
Texas Instruments
LM2592HVS-3.3 TI-LM2592HVS-3.3 Datasheet
2Mb / 29P
[Old version datasheet]   LM2592HV SIMPLE SWITCHER Power Converter 150 kHz 2A Step-Down Voltage
logo
Guangdong Youtai Semico...
LM2592HVS-3.3 UMW-LM2592HVS-3.3 Datasheet
1Mb / 14P
   2A Step-Down Voltage Regulator
More results

Similar Description - LM2592HVS-3.3

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2593HV TI1-LM2593HV Datasheet
1Mb / 31P
[Old version datasheet]   SIMPLE SWITCHER Power Converter 150-kHz, 2-A Step-Down Voltage Regulator
LM2595 TI1-LM2595_17 Datasheet
4Mb / 43P
[Old version datasheet]   SIMPLE SWITCHER Power Converter 150-kHz 1-A Step-Down Voltage Regulator
LM2594 TI1-LM2594_16 Datasheet
2Mb / 41P
[Old version datasheet]   SIMPLE SWITCHER Power Converter 150-kHz 0.5-A Step-Down Voltage Regulator
logo
National Semiconductor ...
LM2592HV NSC-LM2592HV Datasheet
655Kb / 20P
   SIMPLE SWITCHER Power Converter 150 kHz 2A Step-Down Voltage Regulator
LM2591HV NSC-LM2591HV Datasheet
730Kb / 20P
   SIMPLE SWITCHER Power Converter 150 kHz 1A Step-Down Voltage Regulator
LM2595 NSC-LM2595 Datasheet
935Kb / 29P
   SIMPLE SWITCHER Power Converter 150 kHz 1A Step-Down Voltage Regulator
LM2594 NSC-LM2594 Datasheet
740Kb / 28P
   SIMPLE SWITCHER Power Converter 150 kHz 0.5A Step-Down Voltage Regulator
LM2596 NSC-LM2596 Datasheet
736Kb / 31P
   SIMPLE SWITCHER Power Converter 150 kHz 3A Step-Down Voltage Regulator
logo
Texas Instruments
LM2599SX-50 TI1-LM2599SX-50 Datasheet
2Mb / 44P
[Old version datasheet]   LM2599 SIMPLE SWITCHER Power Converter 150 kHz 3A Step-Down Voltage Regulator
LM2596SX-5.0 TI1-LM2596SX-5.0 Datasheet
4Mb / 42P
[Old version datasheet]   LM2596 SIMPLE SWITCHER Power Converter 150 kHz 3A Step-Down Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com