Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AN8035M Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # AN8035M
Description  3-pin, positive output, low dropout voltage regulator (50 mA type)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AN8035M Datasheet(HTML) 1 Page - Panasonic Semiconductor

  AN8035M Datasheet HTML 1Page - Panasonic Semiconductor AN8035M Datasheet HTML 2Page - Panasonic Semiconductor AN8035M Datasheet HTML 3Page - Panasonic Semiconductor AN8035M Datasheet HTML 4Page - Panasonic Semiconductor AN8035M Datasheet HTML 5Page - Panasonic Semiconductor AN8035M Datasheet HTML 6Page - Panasonic Semiconductor AN8035M Datasheet HTML 7Page - Panasonic Semiconductor AN8035M Datasheet HTML 8Page - Panasonic Semiconductor AN8035M Datasheet HTML 9Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Voltage Regulators
1
Publication date: December 2001
SFF00007CEB
AN80xx/AN80xxM Series
3-pin, positive output, low dropout voltage regulator (50 mA type)
I Overview
The AN80xx series and the AN80xxM series are 3-
pin, low dropout, fixed positive output type monolithic
voltage regulators. Since their power consumption can
be minimized, they are suitable for battery-used power
supply and reference voltage. 13 types of output voltage
are available; 2V, 2.5V, 3V, 3.5V (SSIP003-P-0000 only),
4V, 4.5V, 5V, 6V, 7V, 8V, 8.5V, 9V, and 10V.
I Features
• Input/output voltage difference: 0.3V max.
• Output current of up to 50mA
• Low bias current: 0.6mA typ.
• Output voltage: 2V, 2.5V, 3V, 3.5V (SSIP003-P-0000
only), 4V, 4.5V, 5V, 6V, 7V, 8V, 8.5V, 9V, and 10V
• Built-in overcurrent protection circuit
SSIP003-P-0000
AN80xx series
Unit: mm
AN80xxM series
Unit: mm
Voltage
Reference
Current
Limiter
Starter
VO
R1
R2
COUT
CIN
R1
= 5kΩ
CIN
= 0.33µF
COUT
= 10µF
VI
Note) The number in ( ) shows the pin number for the AN80xx series.
+
Error
Amp.
− +
3
(1)
2
(3)
1
(2)
I Block Diagram (AN80xxM series)
HSIP003-P-0000B
5.0±0.2
4.0±0.2
2.3±0.2
0.6±0.15
0.43+0.1
–0.05
2.54
0.43+0.1
–0.05
21
3
1.6 max.
1.8 max.
4.6 max.
3.0
1.5
1.5
32
1
0.48 max.
0.58 max.
0.44 max.
1: Input
2: Output
3: GND
1: Output
2: GND
3: Input
Note) The packages (SSIP003-P-0000 and HSIP003-
P-0000B) of this product will be changed to
lead-free type (SSIP003-P-0000S and
HSIP003-P-0000Q). See the new package di-
mensions section later of this datasheet.


Similar Part No. - AN8035M

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN8035M PANASONIC-AN8035M Datasheet
56Kb / 7P
   3-pin Positive Output Low Dropout Voltage Regulator 50mA Type
More results

Similar Description - AN8035M

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN77L05M-E1 PANASONIC-AN77L05M-E1 Datasheet
311Kb / 11P
   3-pin, positive output, low dropout voltage regulator (100 mA type)
AN77L03 PANASONIC-AN77L03 Datasheet
195Kb / 10P
   3-pin, positive output, low dropout voltage regulator (100 mA type) limit circuit
AN8000 PANASONIC-AN8000 Datasheet
56Kb / 7P
   3-pin Positive Output Low Dropout Voltage Regulator 50mA Type
AN80L20RMSTX PANASONIC-AN80L20RMSTX Datasheet
321Kb / 27P
   Positive output, low dropout voltage regulator (150 mA type)
AN77L04M-E1 PANASONIC-AN77L04M-E1 Datasheet
195Kb / 10P
   AN77Lxx/AN77LxxM Series 3-pin, positive output, low dropout voltage regulator (100 mA type)
AN78LXX PANASONIC-AN78LXX Datasheet
179Kb / 12P
   3-pin positive output voltage regulator (100 mA type)
logo
Panasonic Battery Group
AN78L12ME1 PANASONICBATTERY-AN78L12ME1 Datasheet
297Kb / 10P
   3-pin positive output voltage regulator (100 mA type)
logo
Panasonic Semiconductor
AN78L05ME1 PANASONIC-AN78L05ME1 Datasheet
297Kb / 10P
   3-pin positive output voltage regulator (100 mA type)
AN78L00 PANASONIC-AN78L00 Datasheet
66Kb / 9P
   3-pin Positive Output Voltage Regulator 100mA Type
AN78N00 PANASONIC-AN78N00 Datasheet
64Kb / 9P
   3-pin Positive Output Voltage Regulator 300mA Type
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com