Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AN78L24M Datasheet(PDF) 5 Page - Panasonic Semiconductor

Part # AN78L24M
Description  3-pin positive output voltage regulator (100 mA type)
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AN78L24M Datasheet(HTML) 5 Page - Panasonic Semiconductor

  AN78L24M Datasheet HTML 1Page - Panasonic Semiconductor AN78L24M Datasheet HTML 2Page - Panasonic Semiconductor AN78L24M Datasheet HTML 3Page - Panasonic Semiconductor AN78L24M Datasheet HTML 4Page - Panasonic Semiconductor AN78L24M Datasheet HTML 5Page - Panasonic Semiconductor AN78L24M Datasheet HTML 6Page - Panasonic Semiconductor AN78L24M Datasheet HTML 7Page - Panasonic Semiconductor AN78L24M Datasheet HTML 8Page - Panasonic Semiconductor AN78L24M Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
AN78Lxx/AN78LxxM Series
5
SFF00005CEB
I Electrical Characteristics at Ta = 25°C (continued)
• AN78L09, AN78L09M (9V type)
• AN78L10, AN78L10M (10V type)
VO
9.35
V
9
Tj
= 25°C
VO
V
VI
= 11.5 to 24V, IO = 1 to 70mA
REGIN
190
mV
90
VI
= 11.5 to 24V, Tj = 25°C
mV
REGL
mV
16
IO
= 1 to 100mA, Tj = 25°C
mV
IO
= 1 to 40mA, Tj = 25°C
VI
= 12 to 24V, Tj = 25°C
mA
2
Tj
= 25°C
Note 1) The specified condition Tj
= 25°C means that the test should be carried out within so short a test time (within 10ms) that the
characteristic value drift due to the chip junction temperature rise can be ignored.
Note 2) Unless otherwise specified, VI
= 15V, IO = 40mA, CI = 0.33µF, CO = 0.1µF, Tj = 0 to 125°C (AN78L09) and Tj = 0 to 100°C
(AN78L09M)
80
IBias
mA
VI
= 12 to 24V, Tj = 25°C
∆IBias(IN)
mA
∆IBias(L)
µV
65
IO
= 1 to 40mA, Tj = 25°C
Vno
dB
f
= 10Hz to 100kHz
1
0.1
140
9.45
85
45
3
43
8.64
8.55
RR
VI
= 12 to 22V, IO = 40mA, f = 120Hz
V
1.7
Tj
= 25°C
VDIF(min)
mA
140
IO(Short)
mV/
°C
− 0.85
Tj
= 25°C, VI = 35V
8
53
∆VO/Ta
IO
= 5mA, Tj = 0 to 125°C
Output voltage
Output voltage tolerance
Line regulation
Load regulation
Bias current
Bias current fluctuation to load
Output noise voltage
Ripple rejection ratio
Minimum input/output voltage difference
Output short-circuit current
Output voltage temperature coefficient
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Bias current fluctuation to input
VO
10.4
V
10
VO
V
VI
= 12.5 to 25V, IO = 1 to 70mA
REGIN
210
mV
100
VI
= 12.5 to 25V, Tj = 25°C
mV
REGL
mV
17
IO
= 1 to 100mA, Tj = 25°C
mV
IO
= 1 to 40mA, Tj = 25°C
VI
= 13 to 25V, Tj = 25°C
mA
2
Tj
= 25°C
Note 1) The specified condition Tj
= 25°C means that the test should be carried out within so short a test time (within 10ms) that the
characteristic value drift due to the chip junction temperature rise can be ignored.
Note 2) Unless otherwise specified, VI
= 16V, IO = 40mA, CI = 0.33µF, CO = 0.1µF, Tj = 0 to 125°C (AN78L10) and Tj = 0 to 100°C
(AN78L10M)
90
IBias
mA
VI
= 13 to 25V, Tj = 25°C
mA
µV
70
IO
= 1 to 40mA, Tj = 25°C
Vno
dB
f
= 10Hz to 100kHz
1
0.1
160
10.5
90
45
3
42
9.6
9.5
RR
VI
= 13 to 23V, IO = 40mA, f = 120Hz
V
1.7
Tj
= 25°C
mA
140
mV/
°C
− 0.9
Tj
= 25°C, VI = 35V
9
52
IO
= 5mA, Tj = 0 to 125°C
Tj
= 25°C
∆IBias(IN)
∆IBias(L)
VDIF(min)
IO(Short)
∆VO/Ta
Output voltage
Output voltage tolerance
Line regulation
Load regulation
Bias current
Bias current fluctuation to load
Output noise voltage
Ripple rejection ratio
Minimum input/output voltage difference
Output short-circuit current
Output voltage temperature coefficient
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Bias current fluctuation to input


Similar Part No. - AN78L24M

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN78L00 PANASONIC-AN78L00 Datasheet
66Kb / 9P
   3-pin Positive Output Voltage Regulator 100mA Type
AN78L00M PANASONIC-AN78L00M Datasheet
66Kb / 9P
   3-pin Positive Output Voltage Regulator 100mA Type
logo
List of Unclassifed Man...
AN78L05 ETC2-AN78L05 Datasheet
2Mb / 31P
   SEMICONDUCTORS
logo
Panasonic Semiconductor
AN78L05M PANASONIC-AN78L05M Datasheet
297Kb / 10P
   3-pin positive output voltage regulator (100 mA type)
AN78L05ME1 PANASONIC-AN78L05ME1 Datasheet
297Kb / 10P
   3-pin positive output voltage regulator (100 mA type)
More results

Similar Description - AN78L24M

ManufacturerPart #DatasheetDescription
logo
Panasonic Battery Group
AN78L12ME1 PANASONICBATTERY-AN78L12ME1 Datasheet
297Kb / 10P
   3-pin positive output voltage regulator (100 mA type)
logo
Panasonic Semiconductor
AN78L05ME1 PANASONIC-AN78L05ME1 Datasheet
297Kb / 10P
   3-pin positive output voltage regulator (100 mA type)
AN77L05M-E1 PANASONIC-AN77L05M-E1 Datasheet
311Kb / 11P
   3-pin, positive output, low dropout voltage regulator (100 mA type)
AN79L07 PANASONIC-AN79L07 Datasheet
175Kb / 12P
   3-pin negative output voltage regulator (100 mA type)
AN77L03 PANASONIC-AN77L03 Datasheet
195Kb / 10P
   3-pin, positive output, low dropout voltage regulator (100 mA type) limit circuit
AN80XX PANASONIC-AN80XX Datasheet
159Kb / 9P
   3-pin, positive output, low dropout voltage regulator (50 mA type)
AN77L04M-E1 PANASONIC-AN77L04M-E1 Datasheet
195Kb / 10P
   AN77Lxx/AN77LxxM Series 3-pin, positive output, low dropout voltage regulator (100 mA type)
AN78L00 PANASONIC-AN78L00 Datasheet
66Kb / 9P
   3-pin Positive Output Voltage Regulator 100mA Type
AN78N00 PANASONIC-AN78N00 Datasheet
64Kb / 9P
   3-pin Positive Output Voltage Regulator 300mA Type
AN7800 PANASONIC-AN7800 Datasheet
67Kb / 8P
   3-pin Positive Output Voltage Regulator 1A Type
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com