Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AN8010M Datasheet(PDF) 6 Page - Panasonic Semiconductor

Part # AN8010M
Description  3-pin, positive output, low dropout voltage regulator (50 mA type)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AN8010M Datasheet(HTML) 6 Page - Panasonic Semiconductor

  AN8010M Datasheet HTML 1Page - Panasonic Semiconductor AN8010M Datasheet HTML 2Page - Panasonic Semiconductor AN8010M Datasheet HTML 3Page - Panasonic Semiconductor AN8010M Datasheet HTML 4Page - Panasonic Semiconductor AN8010M Datasheet HTML 5Page - Panasonic Semiconductor AN8010M Datasheet HTML 6Page - Panasonic Semiconductor AN8010M Datasheet HTML 7Page - Panasonic Semiconductor AN8010M Datasheet HTML 8Page - Panasonic Semiconductor AN8010M Datasheet HTML 9Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
AN80xx/AN80xxM Series
6
SFF00007CEB
I Electrical Characteristics at Ta = 25°C (continued)
• AN8009, AN8009M (9V type)
• AN8010, AN8010M (10V type)
VO
V
REGIN
mV
REGL
mV
mV
VDIF(min)
V
V
mA
IBias
dB
RR
µV
Vno
mV/
°C
∆VO/Ta
9.36
9
Tj
= 25°C
VI
= 9.5 to 15V, Tj = 25°C
70
IO
= 1 to 40mA, Tj = 25°C
0.07
VI
= 8.8V, IO = 20mA, Tj = 25°C
VI
= 8.8V, IO = 50mA, Tj = 25°C
IO
= 1 to 50mA, Tj = 25°C
0.8
IO
= 0mA, Tj = 25°C
VI
= 10 to 12V, f = 120Hz
0.45
f
= 10Hz to 100kHz
Tj
= −30 to +125°C
75
100
0.2
0.3
1.4
8.64
47
0.14
9
17
37
150
59
Parameter
Symbol
Conditions
Min
Typ
Max
Output voltage
Line regulation
Load regulation
Minimum input/output voltage difference
Note 1) The specified condition Tj
= 25°C means that the test should be carried out within so short a test time (within 10ms) that the
characteristic value drift due to the chip junction temperature rise can be ignored.
Note 2) Unless otherwise specified, VI
= 10V, IO = 20mA and CO = 10µF.
Bias current
Ripple rejection ratio
Output noise voltage
Output voltage temperature coefficient
Unit
VO
V
REGIN
mV
REGL
mV
mV
VDIF(min)
V
V
mA
IBias
dB
RR
µV
Vno
mV/
°C
∆VO/Ta
10.4
10
Tj
= 25°C
VI
= 10.5 to 16V, Tj = 25°C
75
IO
= 1 to 40mA, Tj = 25°C
0.07
VI
= 9.8V, IO = 20mA, Tj = 25°C
VI
= 9.8V, IO = 50mA, Tj = 25°C
IO
= 1 to 50mA, Tj = 25°C
0.8
IO
= 0mA, Tj = 25°C
VI
= 11 to 13V, f = 120Hz
0.5
f
= 10Hz to 100kHz
Tj
= −30 to +125°C
85
100
0.2
0.3
1.4
9.6
46
0.14
10
18
40
165
58
Parameter
Symbol
Conditions
Min
Typ
Max
Output voltage
Line regulation
Load regulation
Minimum input/output voltage difference
Note 1) The specified condition Tj
= 25°C means that the test should be carried out within so short a test time (within 10ms) that the
characteristic value drift due to the chip junction temperature rise can be ignored.
Note 2) Unless otherwise specified, VI
= 11V, IO = 20mA and CO = 10µF.
Bias current
Ripple rejection ratio
Output noise voltage
Output voltage temperature coefficient
Unit


Similar Part No. - AN8010M

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN8011S PANASONIC-AN8011S Datasheet
161Kb / 16P
   2-channel step-down, step-up, or inverting use DC-DC converter control IC
AN8013SH PANASONIC-AN8013SH Datasheet
125Kb / 15P
   Single-channel step-up or step-down DC-DC converter control IC
AN8014 PANASONIC-AN8014 Datasheet
151Kb / 18P
   Step-down, step-up, or inverting DC-DC converter control IC
AN8014S PANASONIC-AN8014S Datasheet
151Kb / 18P
   Step-down, step-up, or inverting DC-DC converter control IC
AN8015SH PANASONIC-AN8015SH Datasheet
131Kb / 14P
   Single-channel step-down, step-up, or inverting use DC-DC converter control IC
More results

Similar Description - AN8010M

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN77L05M-E1 PANASONIC-AN77L05M-E1 Datasheet
311Kb / 11P
   3-pin, positive output, low dropout voltage regulator (100 mA type)
AN77L03 PANASONIC-AN77L03 Datasheet
195Kb / 10P
   3-pin, positive output, low dropout voltage regulator (100 mA type) limit circuit
AN8000 PANASONIC-AN8000 Datasheet
56Kb / 7P
   3-pin Positive Output Low Dropout Voltage Regulator 50mA Type
AN80L20RMSTX PANASONIC-AN80L20RMSTX Datasheet
321Kb / 27P
   Positive output, low dropout voltage regulator (150 mA type)
AN77L04M-E1 PANASONIC-AN77L04M-E1 Datasheet
195Kb / 10P
   AN77Lxx/AN77LxxM Series 3-pin, positive output, low dropout voltage regulator (100 mA type)
AN78LXX PANASONIC-AN78LXX Datasheet
179Kb / 12P
   3-pin positive output voltage regulator (100 mA type)
logo
Panasonic Battery Group
AN78L12ME1 PANASONICBATTERY-AN78L12ME1 Datasheet
297Kb / 10P
   3-pin positive output voltage regulator (100 mA type)
logo
Panasonic Semiconductor
AN78L05ME1 PANASONIC-AN78L05ME1 Datasheet
297Kb / 10P
   3-pin positive output voltage regulator (100 mA type)
AN78L00 PANASONIC-AN78L00 Datasheet
66Kb / 9P
   3-pin Positive Output Voltage Regulator 100mA Type
AN78N00 PANASONIC-AN78N00 Datasheet
64Kb / 9P
   3-pin Positive Output Voltage Regulator 300mA Type
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com