Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMS370C012ANL Datasheet(PDF) 9 Page - Texas Instruments

Part # TMS370C012ANL
Description  8-BIT MICROCONTROLLER
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS370C012ANL Datasheet(HTML) 9 Page - Texas Instruments

Back Button TMS370C012ANL Datasheet HTML 5Page - Texas Instruments TMS370C012ANL Datasheet HTML 6Page - Texas Instruments TMS370C012ANL Datasheet HTML 7Page - Texas Instruments TMS370C012ANL Datasheet HTML 8Page - Texas Instruments TMS370C012ANL Datasheet HTML 9Page - Texas Instruments TMS370C012ANL Datasheet HTML 10Page - Texas Instruments TMS370C012ANL Datasheet HTML 11Page - Texas Instruments TMS370C012ANL Datasheet HTML 12Page - Texas Instruments TMS370C012ANL Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 52 page
background image
TMS370Cx1x
8-BIT MICROCONTROLLER
SPNS012F -- MAY 1987 -- REVISED FEBRUARY 1997
9
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251--1443
peripheral file (PF)
The TMS370Cx1x control registers contain all the registers necessary to operate the system and peripheral
modules on the device. The instruction set includes some instructions that access the PF directly. These
instructions designate the register by the number of the PF relative to 1000h, preceded by P0 for a hexadecimal
designator or P for a decimal designator. For example, the system-control register 0 (SCCR0) is located at
address 1010h; its peripheral file hexadecimal designator is P010, and its decimal designator is P16. Table 5
shows the TMS370Cx1x PF address map.
Table 5. TMS370Cx1x Peripheral File Address Map
ADDRESS RANGE
PERIPHERAL FILE
DESIGNATOR
DESCRIPTION
1000h--100Fh
P000--P00F
Reserved
1010h--101Fh
P010--P01F
System and EPROM/EEPROM control registers
1020h--102Fh
P020--P02F
Digital I/O port control registers
1030h--103Fh
P030--P03F
SPI registers
1040h--104Fh
P040--P04F
Timer 1 registers
1050h--10FFh
P050--P0FF
Reserved
data EEPROM
The TMS370Cx1x devices, containing 256 bytes of data EEPROM, have memory mapped beginning at location
1F00h and continuing through location 1FFFh. Writing to the data EEPROM module is controlled by the data
EEPROM control register (DEECTL) and the write-protection register (WPR). Programming algorithm
examples are available in the TMS370 Family User’s Guide (literature number SPNU127) or the
TMS370 Family Data Manual (literature number SPNS014B). The data EEPROM features include the following:
D
Programming:
--
Bit-, byte-, and block-write/erase modes
--
Internal charge pump circuitry. No external EEPROM programming voltage supply is needed.
--
Control register: Data EEPROM programming is controlled by the DEECTL located in the PF frame
beginning at location P01A. See Table 6.
--
In-circuit programming capability. There is no need to remove the device to program.
D
Write protection. Writes to the data EEPROM are disabled during the following conditions.
--
Reset. All programming of the data EEPROM module is halted.
--
Write protection active. There is one write-protect bit per 32-byte EEPROM block.
--
Low-power mode operation
D
Write protection can be overridden by applying 12 V to MC.
Table 6. Data EEPROM and PROGRAM EPROM Control Registers Memory Map
ADDRESS
SYMBOL
NAME
P01A
DEECTL
Data EEPROM Control Register
P01B
Reserved
P01C
EPCTL
Program EPROM Control Register


Similar Part No. - TMS370C012ANL

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS370C012ANL TI1-TMS370C012ANL Datasheet
669Kb / 52P
[Old version datasheet]   8-BIT MICROCONTROLLER
More results

Similar Description - TMS370C012ANL

ManufacturerPart #DatasheetDescription
logo
Winbond
W78E54B WINBOND-W78E54B Datasheet
168Kb / 21P
   8-BIT MICROCONTROLLER
logo
ELAN Microelectronics C...
EM78P870 EMC-EM78P870 Datasheet
313Kb / 48P
   8 BIT MICROCONTROLLER
logo
Texas Instruments
TMS370CXCX TI-TMS370CXCX Datasheet
860Kb / 63P
[Old version datasheet]   8-BIT MICROCONTROLLER
logo
Winbond
W78C52D WINBOND-W78C52D Datasheet
255Kb / 18P
   8-BIT MICROCONTROLLER
W78L54 WINBOND-W78L54 Datasheet
20Kb / 2P
   8-BIT MICROCONTROLLER
logo
AMIC Technology
A8032 AMICC-A8032 Datasheet
267Kb / 12P
   8 Bit Microcontroller
logo
NXP Semiconductors
PCF84C12A PHILIPS-PCF84C12A Datasheet
89Kb / 16P
   8-bit microcontroller
1998 May 11
logo
Holtek Semiconductor In...
HT48C50- HOLTEK-HT48C50- Datasheet
295Kb / 45P
   8-Bit Microcontroller
HT48CA0 HOLTEK-HT48CA0 Datasheet
699Kb / 36P
   8-bit Microcontroller
logo
List of Unclassifed Man...
W78ERD2 ETC2-W78ERD2 Datasheet
1Mb / 76P
   8-BIT MICROCONTROLLER
W77E516A ETC2-W77E516A Datasheet
1Mb / 92P
   8-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com