Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SHC298A Datasheet(PDF) 7 Page - Texas Instruments

Part # SHC298A
Description  Monolithic SAMPLE/HOLD AMPLIFIER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SHC298A Datasheet(HTML) 7 Page - Texas Instruments

  SHC298A Datasheet HTML 1Page - Texas Instruments SHC298A Datasheet HTML 2Page - Texas Instruments SHC298A Datasheet HTML 3Page - Texas Instruments SHC298A Datasheet HTML 4Page - Texas Instruments SHC298A Datasheet HTML 5Page - Texas Instruments SHC298A Datasheet HTML 6Page - Texas Instruments SHC298A Datasheet HTML 7Page - Texas Instruments SHC298A Datasheet HTML 8Page - Texas Instruments SHC298A Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
7
®
SHC298/298A
CHARGE OFFSET
Charge Offset is the offset that results from the charge
coupled through the gate capacitance of the switching FET.
This charge is coupled into the storage capacitor when the
FET is switched to the “hold” mode.
OPERATING INSTRUCTIONS
EXTERNAL CAPACITOR SELECTION
Capacitors with high insulation resistance and low dielectric
absorption, such as Teflon®, polystyrene or polypropylene
units, should be used as storage elements (polystyrene should
not be used above +85
°C). Care should be taken in the
printed circuit layout to minimize AC and DC leakage
currents from the capacitor to reduce charge offset and
droop errors.
The value of the external capacitor determines the droop,
charge offset and acquisition time of the Sample/Hold. Both
droop and charge offset will vary linearly with capacitance
from the values given in the specification table for a 0.001
µF
capacitor. With a capacitor of 0.01
µF, the droop will reduce
to approximately 2.5
µV/ms and the charge offset to approxi-
mately 1.5mV. The behavior of acquisition time with changes
in external capacitance is shown in the Typical Performance
Curves.
OFFSET ADJUSTMENT
The offset should be adjusted with the input grounded.
During the adjustment, the sample/hold should be switching
continuously between the Sample and the Hold mode. The
error should then be adjusted to zero when the unit is in the
Hold mode. In this way, charge offset as well as amplifier
offset will be adjusted. When a 0.001
µF capacitor is used, it
will not be possible to adjust the full offset error at the
sample/hold. It should be adjusted elsewhere in the system.
APPLICATIONS
DATA ACQUISITION
The SHC298 may be used to hold data for conversion with
an analog-to-digital converter or used to provide Pulse
Amplitude Modulation (PAM) data output (see Figures 2
and 3).
DATA DISTRIBUTION
The SHC298 may be used to hold the output of a digital-to-
analog converter whose digital inputs are multiplexed (see
Figure 4).
TEST SYSTEMS
The SHC298 is also well suited for use in test systems to
acquire and hold data transients for human operators or for
the other parts of the test system such as comparators, digital
voltmeters, etc.
With a 0.1
µF storage capacitor, the output may be held 10
seconds with less than 0.1% error. With a 1
µF storage
capacitor, the output may be held more than 15 minutes with
less than 1% error.
CAPACITIVE LOADING
SHC298 is sensitive to capacitive loading on the output and
may oscillate. When driving long lines, a buffer should be
used.
HIGH SPEED DATA ACQUISITION
The minimum sample time for one channel in a data acqui-
sition system is usually considered to be the acquisition time
of the sample/hold plus the conversion time of the analog-to-
digital converter. If two or more sample/holds are used with
a high-speed multiplexer, the acquisition time of the sample/
hold can be virtually eliminated. While the first channel is in
hold and switched on to the ADC, the multiplexer may be
addressed to the next channel. The second sample/hold will
have acquired this data by the time the conversion is com-
plete. Then, the sample/holds reverse roles and another
channel is addressed (see Figure 5). For low-level systems,
and instrumentation amplifier and double-ended multiplexer
may be connected to the sample/hold inputs. The settling
time of the multiplexer, instrumentation amplifier, and
sample/hold can be eliminated from the channel conversion
time as before.
FIGURE 2. Data Acquisition.
FIGURE 3. PAM Output.
Mode Control Hold
Actual Input
PAM Output
0.1µF
SHC298
0.005µF
Storage
46
–15VDC
0.1µF
24k
1k
+15VDC
To A/D
Converter
PAM
Output
Mode
Control
72
1
5
3
8
Analog
Multiplexer
Analog
Inputs
®Teflon, DuPont de Nemours


Similar Part No. - SHC298A

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
SHC298AJP BURR-BROWN-SHC298AJP Datasheet
100Kb / 8P
   Monolithic SAMPLE/HOLD AMPLIFIER
SHC298AM BURR-BROWN-SHC298AM Datasheet
100Kb / 8P
   Monolithic SAMPLE/HOLD AMPLIFIER
More results

Similar Description - SHC298A

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
SHC298 BURR-BROWN-SHC298 Datasheet
100Kb / 8P
   Monolithic SAMPLE/HOLD AMPLIFIER
SHC5320 BURR-BROWN-SHC5320 Datasheet
87Kb / 10P
   High-Speed, Bipolar, Monolithic SAMPLE/HOLD AMPLIFIER
logo
Texas Instruments
SHC5320 TI1-SHC5320 Datasheet
100Kb / 11P
[Old version datasheet]   High-Speed, Bipolar, Monolithic SAMPLE/HOLD AMPLIFIER
logo
National Semiconductor ...
LF6197 NSC-LF6197 Datasheet
214Kb / 12P
   160 ns Monolithic Sample-and-Hold Amplifier
logo
List of Unclassifed Man...
LF398N ETC-LF398N Datasheet
257Kb / 7P
   MONOLITHIC SAMPLE AND HOLD CIRCUITS
logo
Texas Instruments
LF198QML TI1-LF198QML_14 Datasheet
1Mb / 22P
[Old version datasheet]   Monolithic Sample-and-Hold Circuits
LF198-N TI1-LF198-N_16 Datasheet
2Mb / 33P
[Old version datasheet]   Monolithic Sample-and-Hold Circuits
LF298-MIL TI1-LF298-MIL Datasheet
2Mb / 28P
[Old version datasheet]   Monolithic Sample-and-Hold Circuits
logo
NXP Semiconductors
NE5537 PHILIPS-NE5537 Datasheet
103Kb / 8P
   Sample-and-hold amplifier
August 31, 1994
logo
National Semiconductor ...
LF198 NSC-LF198 Datasheet
520Kb / 13P
   Monolithic Sample-and-Hold Circuits
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com