Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN10501DG4 Datasheet(PDF) 4 Page - Texas Instruments

Part # SN10501DG4
Description  HIGH-SPEED RAIL-TO-RAIL OUTPUT VIDEO AMPLIFIERS
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN10501DG4 Datasheet(HTML) 4 Page - Texas Instruments

  SN10501DG4 Datasheet HTML 1Page - Texas Instruments SN10501DG4 Datasheet HTML 2Page - Texas Instruments SN10501DG4 Datasheet HTML 3Page - Texas Instruments SN10501DG4 Datasheet HTML 4Page - Texas Instruments SN10501DG4 Datasheet HTML 5Page - Texas Instruments SN10501DG4 Datasheet HTML 6Page - Texas Instruments SN10501DG4 Datasheet HTML 7Page - Texas Instruments SN10501DG4 Datasheet HTML 8Page - Texas Instruments SN10501DG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 34 page
background image
ELECTRICAL CHARACTERISTICS
SN10501
SN10502
SN10503
SLOS408B – MARCH 2003 – REVISED JANUARY 2009 .................................................................................................................................................. www.ti.com
VS = 5 V, RL = 150 Ω, and G = 2 unless otherwise noted
TYP
OVER TEMPERATURE
PARAMETER
TEST CONDITIONS
0°C to
–40°C to
25°C
25°C
UNITS
MIN/MAX
70°C
85°C
AC PERFORMANCE
G = 1, VO = 100 mVPP
170
MHz
Typ
G = 2, VO = 100 mVPP,
100
MHz
Typ
Small signal bandwidth
Rf = 1 kΩ
G = 10, VO = 100 mVPP,
12
MHz
Typ
Rf = 1 kΩ
G = 2, VO = 100 mVPP,
0.1 dB flat bandwidth
50
MHz
Typ
Rf = 1.43 kΩ
Gain bandwidth product
G > 10, f = 1 MHz, Rf = 1 kΩ
120
MHz
Typ
Full-power bandwidth((1))
G = 2, VO = ±2.5 VPP
57
MHz
Typ
Slew rate
G = 2, VO = ±2.5 VPP
900
V/
µs
Min
Settling time to 0.1%
25
ns
Typ
G = -2, VO = ±2 VPP
Settling time to 0.01%
52
ns
Typ
Harmonic distortion
Second harmonic distortion
–78
dBc
Typ
G = 2, VO = 2 VPP, f = 5 MHz,
RL = 150 Ω
Third harmonic distortion
–85
dBc
Typ
Differential gain (NTSC, PAL)
0.007
%
Typ
G = 2, R = 150
Differential phase (NTSC, PAL)
0.007
°
Typ
Input voltage noise
13
nV/
√Hz
Typ
f = 1 MHz
Input current noise
0.8
pA/
√Hz
Typ
Crosstalk (dual and triple only)
f = 5 MHz Ch-to-Ch
–90
dB
Typ
DC PERFORMANCE
Open-loop voltage gain (AOL)
VO = ±2 V
100
80
75
75
dB
Min
Input offset voltage
12
25
30
30
mV
Max
Input bias current
VCM = 0 V
0.9
3
5
5
µA
Max
Input offset current
100
500
700
700
nA
Max
INPUT CHARACTERISTICS
Common-mode input range
–4 / 4
–3.9 / 3.9
V
Min
Common-mode rejection ratio
VCM = 2 V
94
70
65
65
dB
Min
Input resistance
33
M
Typ
Input capacitance
Common-mode / differential
1 / 0.5
pF
Max
OUTPUT CHARACTERISTICS
RL = 150 Ω
–4.5 / 4.5
V
Typ
Output voltage swing
RL = 499 Ω
–4.7 / 4.7 –4.5 / 4.5 –4.4 / 4.4
-4.4 / 4.4
V
Min
Output current (sourcing)
100
92
88
88
mA
Min
RL = 10 Ω
Output current (sinking)
-100
-92
-88
-88
mA
Min
Output impedance
f = 1 MHz
0.09
Typ
POWER SUPPLY
Specified operating voltage
±5
±8
±8
±8
V
Max
Maximum quiescent current
Per channel
14
18
20
22
mA
Max
Power supply rejection (±PSRR)
75
62
60
60
dB
Min
(1)
Full-power bandwidth = SR / 2
πVpp
4
Submit Documentation Feedback
Copyright © 2003–2009, Texas Instruments Incorporated
Product Folder Link(s): SN10501 SN10502 SN10503


Similar Part No. - SN10501DG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN10501DGK TI-SN10501DGK Datasheet
553Kb / 23P
[Old version datasheet]   HIGH SPEED RAIL TO RAIL OUTPUT VIDEO AMPLIFIERS
SN10501DGKR TI-SN10501DGKR Datasheet
553Kb / 23P
[Old version datasheet]   HIGH SPEED RAIL TO RAIL OUTPUT VIDEO AMPLIFIERS
SN10501DGN TI-SN10501DGN Datasheet
553Kb / 23P
[Old version datasheet]   HIGH SPEED RAIL TO RAIL OUTPUT VIDEO AMPLIFIERS
SN10501DGNR TI-SN10501DGNR Datasheet
553Kb / 23P
[Old version datasheet]   HIGH SPEED RAIL TO RAIL OUTPUT VIDEO AMPLIFIERS
More results

Similar Description - SN10501DG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN10501 TI-SN10501 Datasheet
553Kb / 23P
[Old version datasheet]   HIGH SPEED RAIL TO RAIL OUTPUT VIDEO AMPLIFIERS
logo
National Semiconductor ...
SN10502 NSC-SN10502 Datasheet
1Mb / 32P
   HIGH-SPEED RAIL-TO-RAIL OUTPUT VIDEO AMPLIFIERS
logo
Texas Instruments
SN10501 TI1-SN10501 Datasheet
1Mb / 32P
[Old version datasheet]   HIGH-SPEED RAIL-TO-RAIL OUTPUT VIDEO AMPLIFIERS
logo
Global Mixed-mode Techn...
G1812 GMT-G1812 Datasheet
291Kb / 1P
   Rail-to-Rail Output Amplifiers
logo
SG Micro Corp
SGM8302 SGMICRO-SGM8302 Datasheet
381Kb / 16P
   Rail-to-Rail Output Amplifiers
SGM8301 SGMICRO-SGM8301_17 Datasheet
809Kb / 16P
   Rail-to-Rail Output Amplifiers
SGM8301 SGMICRO-SGM8301 Datasheet
381Kb / 16P
   Rail-to-Rail Output Amplifiers
logo
Analog Devices
AD8028 AD-AD8028 Datasheet
478Kb / 24P
   Low Distortion, High Speed Rail-to-Rail Input/Output Amplifiers
REV. B
logo
SG Micro Corp
SGM8304 SGMICRO-SGM8304 Datasheet
381Kb / 16P
   Rail-to-Rail Output Amplifiers
logo
Analog Devices
AD8027 AD-AD8027_15 Datasheet
699Kb / 25P
   Low Distortion, High Speed Rail-to-Rail Input/Output Amplifiers
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com