Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SCAN928028 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SCAN928028
Description  SCAN928028 8 Channel 10:1 Serializer with IEEE 1149.1 and At-Speed BIST
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SCAN928028 Datasheet(HTML) 1 Page - Texas Instruments

  SCAN928028 Datasheet HTML 1Page - Texas Instruments SCAN928028 Datasheet HTML 2Page - Texas Instruments SCAN928028 Datasheet HTML 3Page - Texas Instruments SCAN928028 Datasheet HTML 4Page - Texas Instruments SCAN928028 Datasheet HTML 5Page - Texas Instruments SCAN928028 Datasheet HTML 6Page - Texas Instruments SCAN928028 Datasheet HTML 7Page - Texas Instruments SCAN928028 Datasheet HTML 8Page - Texas Instruments SCAN928028 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
SCAN928028
www.ti.com
SNLS163F – AUGUST 2003 – REVISED APRIL 2013
SCAN928028 8 Channel 10:1 Serializer with IEEE 1149.1 and At-Speed BIST
Check for Samples: SCAN928028
1
FEATURES
DESCRIPTION
The SCAN928028 integrates eight serializer devices
2
IEEE 1149.1 (JTAG) Compliant and At-Speed
into
a
single
chip.
The
SCAN928028
can
BIST Test Mode.
simultaneously serialize up to eight 10-bit data
All 8 Channels Synchronous to One Parallel
streams. The 10-bit parallel inputs are LVTTL signal
Clock Rate, from 18 to 66 MHz
levels. The serialized outputs are LVDS signals with
extra drive current for point-to-point and lightly loaded
Duplicates Function of Multiple DS92LV1021
multidrop applications. Each serializer block in the
and '1023 10-Bit Serializer Devices
SCAN928028
operates
independently
by
using
Serializes from One to Eight 10-Bit Parallel
strobes from a single shared PLL.
Inputs into Data Streams with Embedded
The SCAN928028 uses a single +3.3V power supply
Clock
with a typical power dissipation of 740mW (3.3V /
Eight 5 mA Modified Bus LVDS Outputs that
PRBS / 66 MHz). Each serializer channel has a
are Capable to Drive Double Terminations
unique power down control to further conserve power
@Speed Test - PRBS Generation to Check
consumption.
LVDS Transmission Path to SCAN921224,
For high-speed LVDS serial data transmission, line
SCAN921226, SCAN921260, or SCAN926260
quality is essential, thus the SCAN928028 includes
On Chip Filtering for PLL
an @SPEED TEST function. Each Serializer channel
has the ability to internally generate a PRBS data
740mW Typ Power Dissipation (Loaded, PRBS,
pattern.
This
pattern
is
received
by
specific
66MHz, 3.3V)
deserializers
(SCAN921224)
which
have
the
High Impedance Inputs and Outputs on Power
complement
PRBS
verification
circuit.
The
off
deserializer checks the data pattern for bit errors and
Single Power Supply at +3.3V (+/-10%)
reports any errors on the test verification pins on the
deserializer.
196-pin NFBGA Package
Industrial Temperature Range Operation: -40
For additional information - please see the Application
Information section in this datasheet.
to +85°C
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2003–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - SCAN928028

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
SCAN928028 NSC-SCAN928028 Datasheet
376Kb / 18P
   8 Channel 10:1 Serializer with IEEE 1149.1 and At-Speed BIST
SCAN928028TUF NSC-SCAN928028TUF Datasheet
376Kb / 18P
   8 Channel 10:1 Serializer with IEEE 1149.1 and At-Speed BIST
SCAN928028TUFX NSC-SCAN928028TUFX Datasheet
376Kb / 18P
   8 Channel 10:1 Serializer with IEEE 1149.1 and At-Speed BIST
More results

Similar Description - SCAN928028

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
SCAN928028 NSC-SCAN928028 Datasheet
376Kb / 18P
   8 Channel 10:1 Serializer with IEEE 1149.1 and At-Speed BIST
SCAN921260 NSC-SCAN921260 Datasheet
379Kb / 16P
   X6 1:10 Deserializer with IEEE 1149.1 (JTAG) and at-speed BIST
logo
Texas Instruments
SCAN921260 TI1-SCAN921260 Datasheet
739Kb / 22P
[Old version datasheet]   SCAN921260 X6 1:10 Deserializer with IEEE 1149.1 (JTAG) and at-speed BIST
logo
National Semiconductor ...
SCAN921821 NSC-SCAN921821 Datasheet
629Kb / 11P
   Dual 18-Bit Serializer with Pre-emphasis, IEEE 1149.1(JTAG), and At-Speed BIST
SCAN926260 NSC-SCAN926260 Datasheet
372Kb / 18P
   Six 1 to 10 Bus LVDS Deserializers with IEEE 1149.1 and At-Speed BIST
SCAN921025 NSC-SCAN921025 Datasheet
474Kb / 21P
   30-80 MHz 10 Bit Bus LVDS Serializer and Deserializer with IEEE 1149.1 (JTAG) and at-speed BIST
SCAN926260 NSC-SCAN926260_08 Datasheet
395Kb / 20P
   Six 1 to 10 Bus LVDS Deserializers with IEEE 1149.1 and At-Speed BIST
SCAN926260 NSC-SCAN926260_03 Datasheet
395Kb / 20P
   Six 1 to 10 Bus LVDS Deserializers with IEEE 1149.1 and At-Speed BIST
logo
Texas Instruments
SCAN926260 TI1-SCAN926260_14 Datasheet
1Mb / 25P
[Old version datasheet]   SCAN926260 Six 1 to 10 Bus LVDS Deserializers with IEEE 1149.1 and At-Speed BIST
SCAN921023 TI1-SCAN921023_13 Datasheet
945Kb / 25P
[Old version datasheet]   SCAN921023 and SCAN921224 20-66 MHz 10 Bit Bus LVDS Serializer and Deserializer with IEEE 1149.1 (JTAG) and at-speed BIST
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com