Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMS370C311A Datasheet(PDF) 5 Page - Texas Instruments

Part # TMS370C311A
Description  8-BIT MICROCONTROLLER
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS370C311A Datasheet(HTML) 5 Page - Texas Instruments

  TMS370C311A Datasheet HTML 1Page - Texas Instruments TMS370C311A Datasheet HTML 2Page - Texas Instruments TMS370C311A Datasheet HTML 3Page - Texas Instruments TMS370C311A Datasheet HTML 4Page - Texas Instruments TMS370C311A Datasheet HTML 5Page - Texas Instruments TMS370C311A Datasheet HTML 6Page - Texas Instruments TMS370C311A Datasheet HTML 7Page - Texas Instruments TMS370C311A Datasheet HTML 8Page - Texas Instruments TMS370C311A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 52 page
background image
TMS370Cx1x
8-BIT MICROCONTROLLER
SPNS012F -- MAY 1987 -- REVISED FEBRUARY 1997
5
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251--1443
description (continued)
The TMS370Cx1x family provides two low-power modes (STANDBY and HALT) for applications where
low-power consumption is critical. Both modes stop all CPU activity (that is, no instructions are executed). In
the STANDBY mode, the internal oscillator and the general-purpose timer remain active. In the HALT mode,
all device activity is stopped. The device retains all RAM data and peripheral configuration bits throughout both
low-power modes.
The TMS370Cx1x features advanced register-to-register architecture that allows direct arithmetic and logical
operations without requiring an accumulator (for example, ADD R24, R47; add the contents of register 24 to
the contents of register 47 and store the result in register 47). The TMS370Cx1x family is fully
instruction-set-compatible, providing easy transition between members of the TMS370 8-bit microcontroller
family.
The SPI provides a convenient method of serial interaction for high-speed communications between simpler
shift register-type devices, such as display drivers, analog-to-digital (A/D) converters, PLL, input/output (I/O)
expansion, or other microcontrollers in the system.
The TMS370Cx1x family provides the system designer with economical, efficient solution to real-time control
applications. The TMS370 family extended development system (XDS) and compact development tool
(CDT) solve the challenge of efficiently developing the software and hardware required to design the
TMS370Cx1x into an ever-increasing number of complex applications. The application source code can be
written in assembly and C language, and the output code can be generated by the linker. The TMS370 family
XDS development tool communicates through a standard RS-232-C interface with an existing personal
computer. This allows the use of the PC’s editors and software utilities already familiar to the designer. The
TMS370 family XDS emphasizes ease-of-use through extensive menus and screen windowing so that a system
designer can begin developing software with minimal training. Precise real-time, in-circuit emulation and
extensive symbolic debug and analysis tools ensure efficient software and hardware implementation as well
as reducing the time-to-market cycle.
The TMS370Cx1x family together with the TMS370 family XDS22, CDT370, design kit, starter kit, software
tools, the SE370C712 reprogrammable devices, comprehensive product documentation, and customer
support provide a complete solution to the needs of the system designer.
central processing unit (CPU)
The CPU on the TMS370Cx1x device is the high-performance 8-bit TMS370 CPU module. The ’x1x implements
an efficient register-to-register architecture that eliminates the conventional accumulator bottleneck. The
complete ’x1x instruction map is shown in Table 17 in the TMS370Cx1x instruction set overview section.
The ’370Cx1x CPU architecture provides the following components:
CPU registers:
D
A stack pointer that points to the last entry in the memory stack
D
A status register that monitors the operation of the instructions and contains the global interrupt-enable bits
D
A program counter (PC) that points to the memory location of the next instruction to be executed
XDS and CDT are trademarks of Texas Instruments Incorporated.


Similar Part No. - TMS370C311A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS370C311A TI-TMS370C311A Datasheet
732Kb / 50P
[Old version datasheet]   8-BIT MICROCONTROLLER
TMS370C311A TI1-TMS370C311A Datasheet
669Kb / 52P
[Old version datasheet]   8-BIT MICROCONTROLLER
TMS370C311AFNA TI1-TMS370C311AFNA Datasheet
669Kb / 52P
[Old version datasheet]   8-BIT MICROCONTROLLER
TMS370C311AFNL TI1-TMS370C311AFNL Datasheet
669Kb / 52P
[Old version datasheet]   8-BIT MICROCONTROLLER
TMS370C311AFNT TI1-TMS370C311AFNT Datasheet
669Kb / 52P
[Old version datasheet]   8-BIT MICROCONTROLLER
More results

Similar Description - TMS370C311A

ManufacturerPart #DatasheetDescription
logo
Winbond
W78E54B WINBOND-W78E54B Datasheet
168Kb / 21P
   8-BIT MICROCONTROLLER
logo
ELAN Microelectronics C...
EM78P870 EMC-EM78P870 Datasheet
313Kb / 48P
   8 BIT MICROCONTROLLER
logo
Texas Instruments
TMS370CXCX TI-TMS370CXCX Datasheet
860Kb / 63P
[Old version datasheet]   8-BIT MICROCONTROLLER
logo
Winbond
W78C52D WINBOND-W78C52D Datasheet
255Kb / 18P
   8-BIT MICROCONTROLLER
W78L54 WINBOND-W78L54 Datasheet
20Kb / 2P
   8-BIT MICROCONTROLLER
logo
AMIC Technology
A8032 AMICC-A8032 Datasheet
267Kb / 12P
   8 Bit Microcontroller
logo
NXP Semiconductors
PCF84C12A PHILIPS-PCF84C12A Datasheet
89Kb / 16P
   8-bit microcontroller
1998 May 11
logo
Holtek Semiconductor In...
HT48C50- HOLTEK-HT48C50- Datasheet
295Kb / 45P
   8-Bit Microcontroller
HT48CA0 HOLTEK-HT48CA0 Datasheet
699Kb / 36P
   8-bit Microcontroller
logo
List of Unclassifed Man...
W78ERD2 ETC2-W78ERD2 Datasheet
1Mb / 76P
   8-BIT MICROCONTROLLER
W77E516A ETC2-W77E516A Datasheet
1Mb / 92P
   8-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com