Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CRCW12060R47F Datasheet(PDF) 1 Page - Texas Instruments

Part # CRCW12060R47F
Description  100V Current Mode PWM Controller
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CRCW12060R47F Datasheet(HTML) 1 Page - Texas Instruments

  CRCW12060R47F Datasheet HTML 1Page - Texas Instruments CRCW12060R47F Datasheet HTML 2Page - Texas Instruments CRCW12060R47F Datasheet HTML 3Page - Texas Instruments CRCW12060R47F Datasheet HTML 4Page - Texas Instruments CRCW12060R47F Datasheet HTML 5Page - Texas Instruments CRCW12060R47F Datasheet HTML 6Page - Texas Instruments CRCW12060R47F Datasheet HTML 7Page - Texas Instruments CRCW12060R47F Datasheet HTML 8Page - Texas Instruments CRCW12060R47F Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
OUT
CS
SS
FB
COMP
/
UVLO
VIN
VCC
COMPENSATION
GND
SM74202
RT SYNC
VOUT
VIN
SM74202
www.ti.com
SNOSBA4A – NOVEMBER 2011 – REVISED APRIL 2013
100V Current Mode PWM Controller
Check for Samples: SM74202
1
FEATURES
DESCRIPTION
The SM74202 high voltage pulse-width-modulation
2
Renewable Energy Grade
(PWM) controller contains all of the features needed
Internal Start-up Bias Regulator
to implement single ended primary power converter
Error Amplifier
topologies. Output voltage regulation is based on
current-mode control, which eases the design of loop
Precision Voltage Reference
compensation while providing inherent line feed-
Programmable Softstart
forward. The SM74202 includes a high-voltage start-
1A Peak Gate Driver
up regulator that operates over a wide input range up
to 100V. The PWM controller is designed for high
Maximum Duty Cycle Limiting (50%)
speed capability including an oscillator frequency
Programmable Line Under Voltage Lockout
range to 1MHz and total propagation delays less than
(UVLO) with Adjustable Hysteresis
100ns. Additional features include an error amplifier,
Cycle-by-Cycle Over-Current Protection
precision reference, line under-voltage lockout, cycle-
by-cycle current limit, slope compensation, softstart,
Programmable Oscillator Frequency with
oscillator
synchronization
capability
and
thermal
Synchronization Capability
shutdown. The controller is available in the MSOP-10
Current Sense Leading Edge Blanking
package.
Thermal Shutdown Protection
APPLICATIONS
Photovoltaic
Telecommunication Power Converters
Industrial Power Converters
+42V Automotive Systems
Typical Application Circuit
Figure 1. Non-Isolated Flyback Converter
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2011–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - CRCW12060R47F

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CRCW12060000F0EA VISHAY-CRCW12060000F0EA Datasheet
109Kb / 8P
   Standard Thick Film Chip Resistors
Revision: 04-Jun-12
CRCW12060000F0EA VISHAY-CRCW12060000F0EA Datasheet
138Kb / 10P
   Standard Thick Film Chip Resistors
05-Aug-2022
CRCW12060000F0EB VISHAY-CRCW12060000F0EB Datasheet
138Kb / 10P
   Standard Thick Film Chip Resistors
05-Aug-2022
CRCW12060000F0EC VISHAY-CRCW12060000F0EC Datasheet
138Kb / 10P
   Standard Thick Film Chip Resistors
05-Aug-2022
CRCW12060000F0ED VISHAY-CRCW12060000F0ED Datasheet
138Kb / 10P
   Standard Thick Film Chip Resistors
05-Aug-2022
More results

Similar Description - CRCW12060R47F

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM5020 NSC-LM5020 Datasheet
229Kb / 12P
   100V Current Mode PWM Controller
LM5020 NSC-LM5020_06 Datasheet
629Kb / 13P
   100V Current Mode PWM Controller
logo
Texas Instruments
LM5020 TI1-LM5020_14 Datasheet
899Kb / 19P
[Old version datasheet]   100V Current Mode PWM Controller
logo
National Semiconductor ...
LM5020 NSC-LM5020 Datasheet
229Kb / 12P
   100V Current Mode PWM Controller
logo
Texas Instruments
LM5020 TI1-LM5020 Datasheet
890Kb / 17P
[Old version datasheet]   100V Current Mode PWM Controller
LM5020MM-1 TI-LM5020MM-1 Datasheet
892Kb / 17P
[Old version datasheet]   LM5020 100V Current Mode PWM Controller
LM5020 TI-LM5020_15 Datasheet
865Kb / 17P
[Old version datasheet]   LM5020 100V Current Mode PWM Controller
logo
National Semiconductor ...
LM5030 NSC-LM5030_05 Datasheet
642Kb / 12P
   100V Push-Pull Current Mode PWM Controller
LM5030 NSC-LM5030 Datasheet
230Kb / 11P
   100V Push-Pull Current Mode PWM Controller
logo
Texas Instruments
LM5030 TI1-LM5030_15 Datasheet
1Mb / 28P
[Old version datasheet]   100V Push-Pull Current Mode PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com