Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TDKC4532X7R2A105M Datasheet(PDF) 9 Page - Texas Instruments

Part # TDKC4532X7R2A105M
Description  SM74301 100V, 350 mA Constant On-Time Buck Switching Regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TDKC4532X7R2A105M Datasheet(HTML) 9 Page - Texas Instruments

Back Button TDKC4532X7R2A105M Datasheet HTML 5Page - Texas Instruments TDKC4532X7R2A105M Datasheet HTML 6Page - Texas Instruments TDKC4532X7R2A105M Datasheet HTML 7Page - Texas Instruments TDKC4532X7R2A105M Datasheet HTML 8Page - Texas Instruments TDKC4532X7R2A105M Datasheet HTML 9Page - Texas Instruments TDKC4532X7R2A105M Datasheet HTML 10Page - Texas Instruments TDKC4532X7R2A105M Datasheet HTML 11Page - Texas Instruments TDKC4532X7R2A105M Datasheet HTML 12Page - Texas Instruments TDKC4532X7R2A105M Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
STOP
RUN
RT
SM74301
RT/SD
VIN
Input
Voltage
SM74301
www.ti.com
SNVS719A – JULY 2011
RT should be selected for a minimum on-time (at maximum VIN) greater than 400 ns, for proper current limit
operation. This requirement limits the maximum frequency for each application, depending on VIN and VOUT.
The SM74301 can be remotely disabled by taking the RT/SD pin to ground. See Figure 11. The voltage at the
RT/SD pin is between 1.5 and 3.0 volts, depending on Vin and the value of the RT resistor.
Figure 11. Shutdown Implementation
Current Limit
The SM74301 contains an intelligent current limit OFF timer. If the current in the Buck switch exceeds 0.51A the
present cycle is immediately terminated, and a non-resetable OFF timer is initiated. The length of off-time is
controlled by an external resistor (RCL) and the FB voltage (see Figure 6, Current Limit Off-Time vs. VFB and
RCL). When FB = 0V, a maximum off-time is required, and the time is preset to 35µs. This condition occurs when
the output is shorted, and during the initial part of start-up. This amount of time ensures safe short circuit
operation up to the maximum input voltage of 95V. In cases of overload where the FB voltage is above zero volts
(not a short circuit) the current limit off-time will be less than 35µs. Reducing the off-time during less severe
overloads reduces the amount of foldback, recovery time, and the start-up time. The off-time is calculated from
the following equation:
(5)
The current limit sensing circuit is blanked for the first 50-70ns of each on-time so it is not falsely tripped by the
current surge which occurs at turn-on. The current surge is required by the re-circulating diode (D1) for its turn-
off recovery.
N - Channel Buck Switch and Driver
The SM74301 integrates an N-Channel Buck switch and associated floating high voltage gate driver. The gate
driver circuit works in conjunction with an external bootstrap capacitor and an internal high voltage diode. A 0.01
µF ceramic capacitor (C4) connected between the BST pin and SW pin provides the voltage to the driver during
the on-time.
During each off-time, the SW pin is at approximately 0V, and the bootstrap capacitor charges from Vcc through
the internal diode. The minimum OFF timer, set to 300ns, ensures a minimum time each cycle to recharge the
bootstrap capacitor.
The internal pre-charge switch at the SW pin is turned on for
≊150 ns during the minimum off-time period,
ensuring sufficient voltage exists across the bootstrap capacitor for the on-time. This feature helps prevent
operating problems which can occur during very light load conditions, involving a long off-time, during which the
voltage across the bootstrap capacitor could otherwise reduce below the Gate Drive UVLO threshold. The pre-
charge switch also helps prevent startup problems which can occur if the output voltage is pre-charged prior to
turn-on. After current limit detection, the pre-charge switch is turned on for the entire duration of the forced off-
time .
Copyright © 2011, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: SM74301


Similar Part No. - TDKC4532X7R2A105M

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
TDK-73M2901CL TDK-TDK-73M2901CL Datasheet
282Kb / 18P
   V.22 BIS SINGLE CHIP MODEM
TDK-HLP-2603 TDK-TDK-HLP-2603 Datasheet
61Kb / 2P
   Hybrid Log Periodic Antenna
logo
Adam Technologies, Inc.
TDK-XX-FH ADAM-TECH-TDK-XX-FH Datasheet
157Kb / 1P
   FUSED TERMINAL EURO STANDARD
TDK-XX-FH-1 ADAM-TECH-TDK-XX-FH-1 Datasheet
157Kb / 1P
   FUSED TERMINAL EURO STANDARD
logo
Sharma Electro Componen...
TDK107K10CB SHARMA-TDK107K10CB Datasheet
446Kb / 2P
   Tantalum Capacitors
More results

Similar Description - TDKC4532X7R2A105M

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM5008A NSC-LM5008A Datasheet
402Kb / 16P
   100V, 350 mA Constant On-Time Buck Switching Regulator
logo
Texas Instruments
LM5008A TI1-LM5008A_14 Datasheet
1Mb / 22P
[Old version datasheet]   350 mA Constant On-Time Buck Switching Regulator
logo
National Semiconductor ...
LM5009A NSC-LM5009A Datasheet
401Kb / 16P
   100V, 150 mA Constant On-Time Buck Switching Regulator
logo
Texas Instruments
LM5009A TI1-LM5009A_14 Datasheet
1Mb / 22P
[Old version datasheet]   100V, 150 mA Constant On-Time Buck Switching Regulator
SM72485 TI-SM72485_15 Datasheet
1Mb / 23P
[Old version datasheet]   100V, 150 mA Constant On-Time Buck Switching Regulator
LM5008A TI-LM5008A Datasheet
1Mb / 23P
[Old version datasheet]   100-V 350-mA Constant On-Time Buck Switching Regulator
LM5008A TI-LM5008A_15 Datasheet
1Mb / 24P
[Old version datasheet]   100-V 350-mA Constant On-Time Buck Switching Regulator
logo
National Semiconductor ...
SM72485 NSC-SM72485 Datasheet
448Kb / 16P
   SolarMagic 100V, 150 mA Constant On-Time Buck Switching Regulator
logo
Texas Instruments
LM34923 TI1-LM34923_14 Datasheet
1Mb / 26P
[Old version datasheet]   80V, 600 mA Constant On-Time Buck Switching Regulator
LM5006 TI1-LM5006_14 Datasheet
850Kb / 25P
[Old version datasheet]   80V, 600 mA Constant On-Time Buck Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com