Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74AHC123ADRG4 Datasheet(PDF) 6 Page - Texas Instruments

Part # SN74AHC123ADRG4
Description  DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATORS
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74AHC123ADRG4 Datasheet(HTML) 6 Page - Texas Instruments

Back Button SN74AHC123ADRG4 Datasheet HTML 2Page - Texas Instruments SN74AHC123ADRG4 Datasheet HTML 3Page - Texas Instruments SN74AHC123ADRG4 Datasheet HTML 4Page - Texas Instruments SN74AHC123ADRG4 Datasheet HTML 5Page - Texas Instruments SN74AHC123ADRG4 Datasheet HTML 6Page - Texas Instruments SN74AHC123ADRG4 Datasheet HTML 7Page - Texas Instruments SN74AHC123ADRG4 Datasheet HTML 8Page - Texas Instruments SN74AHC123ADRG4 Datasheet HTML 9Page - Texas Instruments SN74AHC123ADRG4 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
SN54AHC123A, SN74AHC123A
DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATORS
SCLS352H − JULY 1997 − REVISED OCTOBER 2005
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
switching characteristics over recommended operating free-air temperature range,
VCC = 3.3 V ± 0.3 V (unless otherwise noted) (see Figure 1)
PARAMETER
FROM
TO
TEST
TA = 25°C
SN54AHC123A
SN74AHC123A
UNIT
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
TEST
CONDITIONS
MIN
TYP
MAX
MIN
MAX
MIN
MAX
UNIT
tPLH
A or B
Q or Q
CL = 15 pF
9.5*
20.6*
1*
24*
1
24
ns
tPHL
A or B
Q or Q
CL = 15 pF
10.2*
20.6*
1*
24*
1
24
ns
tPLH
CLR
Q or Q
CL = 15 pF
7.5*
15.8*
1*
18.5*
1
18.5
ns
tPHL
CLR
Q or Q
CL = 15 pF
9.3*
15.8*
1*
18.5*
1
18.5
ns
tPLH
CLR trigger
Q or Q
CL = 15 pF
10*
22.4*
1*
26*
1
26
ns
tPHL
CLR trigger
Q or Q
CL = 15 pF
10.6*
22.4*
1*
26*
1
26
ns
tPLH
A or B
Q or Q
CL = 50 pF
10.5
24.1
1
27.5
1
27.5
ns
tPHL
A or B
Q or Q
CL = 50 pF
11.8
24.1
1
27.5
1
27.5
ns
tPLH
CLR
Q or Q
CL = 50 pF
8.9
19.3
1
22
1
22
ns
tPHL
CLR
Q or Q
CL = 50 pF
10.5
19.3
1
22
1
22
ns
tPLH
CLR trigger
Q or Q
CL = 50 pF
11
25.9
1
29.5
1
29.5
ns
tPHL
CLR trigger
Q or Q
CL = 50 pF
12.3
25.9
1
29.5
1
29.5
ns
CL = 50 pF,
Cext = 28 pF,
Rext = 2 kΩ
182
240
300
300
ns
tw†
Q or Q
CL = 50 pF,
Cext = 0.01 µF,
Rext = 10 kΩ
90
100
110
90
110
90
110
ms
CL = 50 pF,
Cext = 0.1 µF,
Rext = 10 kΩ
0.9
1
1.1
0.9
1.1
0.9
1.1
ms
∆tw‡
±1
%
* On products compliant to MIL-PRF-38535, this parameter is not production tested.
† tw = Pulse duration at Q and Q outputs
‡ ∆tw = Output pulse-duration variation (Q and Q) between circuits in same package


Similar Part No. - SN74AHC123ADRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AHC123ADRG4 TI-SN74AHC123ADRG4 Datasheet
637Kb / 23P
[Old version datasheet]   DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATORS
More results

Similar Description - SN74AHC123ADRG4

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74LV123A HITACHI-HD74LV123A Datasheet
91Kb / 20P
   Dual Retriggerable Monostable Multivibrators
logo
Texas Instruments
SN54AHCT123A TI-SN54AHCT123A_07 Datasheet
726Kb / 24P
[Old version datasheet]   DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATORS
logo
Renesas Technology Corp
HD74LV123A RENESAS-HD74LV123A Datasheet
119Kb / 16P
   Dual Retriggerable Monostable Multivibrators
logo
Texas Instruments
SN54AHC123A TI-SN54AHC123A Datasheet
637Kb / 23P
[Old version datasheet]   DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATORS
SN54LS422 TI-SN54LS422 Datasheet
323Kb / 9P
[Old version datasheet]   RETRIGGERABLE MONOSTABLE MULTIVIBRATORS
SN54LS422 TI1-SN54LS422_12 Datasheet
612Kb / 9P
[Old version datasheet]   RETRIGGERABLE MONOSTABLE MULTIVIBRATORS
SN54AHCT123A TI-SN54AHCT123A Datasheet
570Kb / 21P
[Old version datasheet]   DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATORS
logo
Hitachi Semiconductor
HD74HC423A HITACHI-HD74HC423A Datasheet
51Kb / 8P
   Dual Retriggerable Monostable Multivibrators
logo
Texas Instruments
SN54AHCT123A TI-SN54AHCT123A_08 Datasheet
867Kb / 25P
[Old version datasheet]   DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATORS
logo
Renesas Technology Corp
HD74LV123A RENESAS-HD74LV123A_15 Datasheet
145Kb / 18P
   Dual Retriggerable Monostable Multivibrators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com