Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT76C551 Datasheet(PDF) 50 Page - ATMEL Corporation

Part # AT76C551
Description  Single Chip Bluetooth??Controller
Download  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT76C551 Datasheet(HTML) 50 Page - ATMEL Corporation

Back Button AT76C551 Datasheet HTML 46Page - ATMEL Corporation AT76C551 Datasheet HTML 47Page - ATMEL Corporation AT76C551 Datasheet HTML 48Page - ATMEL Corporation AT76C551 Datasheet HTML 49Page - ATMEL Corporation AT76C551 Datasheet HTML 50Page - ATMEL Corporation AT76C551 Datasheet HTML 51Page - ATMEL Corporation AT76C551 Datasheet HTML 52Page - ATMEL Corporation AT76C551 Datasheet HTML 53Page - ATMEL Corporation AT76C551 Datasheet HTML 54Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 77 page
background image
50
AT76C551
1612D–08/01
USB Registers – USB Wrapper Registers
The following registers are found in the USB wrapper block and control the overall performance of the USB hardware block.
They provide status information, allow interrupt masking and DMA programming for fast data transfers between the
DPRAM and the endpoint buffers.l
Table 4. Summary of the USB Cell Specific Registers
Register
Address
Default
Function
SLP_MD_EN
5000000h
00000000
Sleep mode control
GLB_IRQ_MSK
5000004h
00000000
Global Interrupt Master register
IRQ_STAT
5000008h
00000000
Master Interrupt Status
RES_STAT
500000Ch
00000000
Reset Status
DEF_EP_PAIRS
5000010h
00000000
Endpoint Pairs Definition
USB_RDMA_LEN
500001Ch
00000000
Receive DMA packet length requested
USB_DMA_FADD
5000020h
00000000
DMA target Endpoint address
USB_RDMA_LENR
5000024h
00000000
Receive DMA packet length transferred
USB_RDMA_EN
5000028h
00000000
Receive DMA Enable
USB_DMA_RADD
5000040h
00000000
RAM target address for DMA cycles
USB_TDMA_LEN
5000044h
00000000
Transmit DMA packet length requested
USB_TDMA_LENR
5000048h
00000000
Transmit DMA packet length transferred
USB_TDMA_EN
500004Ch
00000000
Transmit DMA Enable
FRM_NUM_H
50003F4h
xxxxx000
Frame Number High Register
FRM_NUM_L
50003F0h
xxxxx000
Frame Number Low Register
GLB_STATE
50003ECh
xxxxx000
Global State Register
SPRSR
50003E8h
xxxxx000
Suspend/Resume Register
SPRSIE
50003E4h
xxxxxx00
Suspend/Resume Interrupt Enable Register
UISR
50003DCh
00000000
USB Interrupt Status Register
UIAR
50003D4h
xxxxx000
USB Interrupt Acknowledge Register
UIER
50003CCh
xxxxx000
USB Interrupt Enable Register
FADDR
50003C8h
00000000
Function Address Register
ENDPPGPG
50003C4h
00000000
Function Endpoint Ping-pong Register
ECR0
50003BCh
0xxx0000
Endpoint0 Control Register
ECR1
50003B8h
0xxx0000
Endpoint1 Control Register
ECR2
50003B4h
0xxx0000
Endpoint2 Control Register
ECR3
50003B0h
0xxx0000
Endpoint3 Control Register
ECR4
50003ACh
0xxx0000
Endpoint4 Control Register
ECR5
50003A8h
0xxx0000
Endpoint5 Control Register
ECR6
50003A4h
0xxx0000
Endpoint6 Control Register
CSR0
500037Ch
x1110000
Endpoint0 Control and Status Register
CSR1
5000378h
x1110000
Endpoint1 Control and Status Register


Similar Part No. - AT76C551

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT76C502A ATMEL-AT76C502A Datasheet
376Kb / 3P
   11-megabit WLAN Media Access Controller MAC
AT76C503A ATMEL-AT76C503A Datasheet
44Kb / 3P
   Universal Serial Bus 11-megabit WLAN Media Access Controller
AT76C504A ATMEL-AT76C504A Datasheet
41Kb / 3P
   802.11b Baseband and Media Access Controller (MAC) for PCMCIA Bus
AT76C505 ATMEL-AT76C505 Datasheet
45Kb / 3P
   802.11b Media Access Controller (MAC) and Baseband with USB Interface
AT76C505A ATMEL-AT76C505A Datasheet
42Kb / 3P
   802.11b Media Access Controller (MAC) and Baseband with USB Interface
More results

Similar Description - AT76C551

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STLC2500 STMICROELECTRONICS-STLC2500 Datasheet
241Kb / 23P
   BLUETOOTH??SINGLE CHIP
May 2004 REV. 1
STLC2500A STMICROELECTRONICS-STLC2500A Datasheet
338Kb / 37P
   Bluetooth Single Chip
logo
Broadcom Corporation.
BCM2033 BOARDCOM-BCM2033 Datasheet
125Kb / 2P
   SINGLE CHIP BLUETOOTH SYSTEM
logo
List of Unclassifed Man...
BC01B ETC1-BC01B Datasheet
225Kb / 15P
   Single Chip Bluetooth Device
logo
Broadcom Corporation.
BCM2035 BOARDCOM-BCM2035 Datasheet
162Kb / 2P
   BLUETOOTH SINGLE CHIP HCI SOLUTION
logo
EM Microelectronic - MA...
EM9301 EMMICRO-EM9301 Datasheet
130Kb / 1P
   Single-Cell Battery Bluetooth low energy controller
logo
List of Unclassifed Man...
IS1002 ETC1-IS1002 Datasheet
84Kb / 13P
   Bluetooth Baseband Controller
logo
Motorola, Inc
MC71000 MOTOROLA-MC71000 Datasheet
556Kb / 32P
   Bluetooth Baseband Controller
logo
NXP Semiconductors
PCF87852 PHILIPS-PCF87852 Datasheet
73Kb / 12P
   Bluetooth baseband controller
Rev. 01-23 April 2004
logo
Broadcom Corporation.
BCM2042 BOARDCOM-BCM2042 Datasheet
151Kb / 2P
   SINGLE-CHIP BLUETOOTH MOUSE AND KEYBOARD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com