Electronic Components Datasheet Search |
|
ADR06CRZ-REEL2 Datasheet(PDF) 1 Page - Analog Devices |
|
ADR06CRZ-REEL2 Datasheet(HTML) 1 Page - Analog Devices |
1 / 20 page Ultracompact Precision 10 V/5 V/2.5 V/3.0 V Voltage References ADR01/ADR02/ADR03/ADR06 FEATURES Ultracompact SC70-5/TSOT-5 Low temperature coefficient SOIC-8: 3 ppm/°C SC70-5/TSOT-5: 9 ppm/°C Initial accuracy ± 0.1% No external capacitor required Low noise 10 µV p-p (0.1 Hz to 10 Hz) Wide operating range ADR01: 12 V to 40 V ADR02: 7 V to 40 V ADR03: 4.5 V to 40 V ADR06: 5.0 V to 40 V High output current 10 mA Wide temperature range: –40°C to +125°C ADR01/ADR02/ADR03 pin compatible to industry-standard REF01/REF02/REF031 APPLICATIONS Precision data acquisition systems High resolution converters Industrial process control systems Precision instruments PCMCIA cards SELECTION GUIDE Part Number Output Voltage ADR01 10.0 V ADR02 5.0 V ADR03 2.5 V ADR06 3.0 V 1 ADR01, ADR02, and ADR03 are component-level compatible with REF01, REF02, and REF03, respectively. No guarantees for system-level compatibility are implied. SOIC-8 versions of ADR01/ADR02/ADR03 are pin-to-pin compatible with SOIC-8 versions of REF01/REF02/REF03, respectively, with the additional temperature monitoring function. PIN CONFIGURATIONS 5 4 1 3 2 VOUT TRIM VIN TEMP GND TOP VIEW (Not to Scale) ADR01/ ADR02/ ADR03/ ADR06 Figure 1. 5-Lead SC70/TSOT Surface-Mount Packages TOP VIEW (Not to Scale) 8 6 1 TP 3 2 ADR01/ ADR02/ ADR03/ ADR06 VOUT 7 5 4 TRIM TP NIC VIN TEMP GND NIC = NO INTERNAL CONNECT TP = TEST PIN (DO NOT CONNECT) Figure 2. 8-Lead SOIC Surface-Mount Package GENERAL DESCRIPTION The ADR01, ADR02, ADR03, and ADR06 are precision 10 V, 5 V, 2.5 V, and 3.0 V band gap voltage references featuring high accuracy, high stability, and low power. The parts are housed in tiny SC70-5 and TSOT-5 packages, as well as the SOIC-8 versions. The SOIC-8 versions of the ADR01, ADR02, and ADR03 are drop-in replacements1 to the industry-standard REF01, REF02, and REF03. The small footprint and wide operating range make the ADR0x references ideally suited for general-purpose and space-constraint applications. With an external buffer and a simple resistor network, the TEMP terminal can be used for temperature sensing and approximation. A TRIM terminal is provided on the devices for fine adjustment of the output voltage. The ADR01, ADR02, ADR03, and ADR06 are compact, low drift voltage references that provide an extremely stable output voltage from a wide supply voltage range. They are available in SC70-5, TSOT-5, and SOIC-8 packages with A and B grade selections. All parts are specified over the extended industrial (–40°C to +125°C) temperature range. Rev. F Information furnished by Analog Devices is believed to be accurate and reliable. However, no responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other rights of third parties that may result from its use. Specifications subject to change without notice. No license is granted by implication or otherwise under any patent or patent rights of Analog Devices. Trademarks and registered trademarks are the property of their respective owners. One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A. Tel: 781.329.4700 www.analog.com Fax: 781.326.8703 © 2004 Analog Devices, Inc. All rights reserved. |
Similar Part No. - ADR06CRZ-REEL2 |
|
Similar Description - ADR06CRZ-REEL2 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |