Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IFL04-100NB300 Datasheet(PDF) 8 Page - TDK Electronics

Part # IFL04-100NB300
Description  Magnetic Sheets for RFID
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

IFL04-100NB300 Datasheet(HTML) 8 Page - TDK Electronics

  IFL04-100NB300 Datasheet HTML 1Page - TDK Electronics IFL04-100NB300 Datasheet HTML 2Page - TDK Electronics IFL04-100NB300 Datasheet HTML 3Page - TDK Electronics IFL04-100NB300 Datasheet HTML 4Page - TDK Electronics IFL04-100NB300 Datasheet HTML 5Page - TDK Electronics IFL04-100NB300 Datasheet HTML 6Page - TDK Electronics IFL04-100NB300 Datasheet HTML 7Page - TDK Electronics IFL04-100NB300 Datasheet HTML 8Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
(8/8)
20160609 / magnetic-sheet_rfid_en.fm
Please be sure to request delivery specifications that provide further details on the features and specifications of the products for proper and safe use.
Please note that the contents may change without any prior notice due to reasons such as upgrading.
MAGNETIC SHEET
IBF Series
MATERIAL CHARACTERISTIC
MATERIAL CHARACTERISTIC SPECIFICATION TABLE
RELATIVE PERMEABILITY
Material name Relative permeability μ'
[at 13.56MHz]
Relative permeability μ"
[at 13.56MHz]
Surface resistivity
(
:/sq.)min
Thermal conductivity
(W/m
・K)
Operating temperature range
(°C)
typ.
typ.
IBF15
150
5
1G
–40 to +85
1
10
100
40
60
20
80
0
120
100
140
160
180
Frequency (MHz)
IBF15 μ’
IBF15 μ’’


Similar Part No. - IFL04-100NB300

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
IFL04-100NB300X200 TDK-IFL04-100NB300X200 Datasheet
64Kb / 1P
   Wireless Power Transfer / NFC Antennas Low Loss Sheets (Shield)
More results

Similar Description - IFL04-100NB300

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
IFQ06 TDK-IFQ06 Datasheet
478Kb / 6P
   Magnetic Sheets for RFID
Ver.5.0 May. 2023
IRLG5AB300X200X0.5 TDK-IRLG5AB300X200X0.5 Datasheet
47Kb / 3P
   Magnetic Sheets for RFID Flexield
logo
Kemet Corporation
M4100-240X240T0800 KEMET-M4100-240X240T0800 Datasheet
520Kb / 10P
   Magnetic Sheet for RFID
logo
NIHON DEMPA KOGYO
WF999A0953CG NDK-WF999A0953CG Datasheet
88Kb / 1P
   SAW Filter for RFID For RFID (3-MHz Band)
logo
TDK Electronics
IFL10M TDK-IFL10M Datasheet
143Kb / 8P
   Noise Suppression Sheets
logo
M/A-COM Technology Solu...
MASY-007028-000100 MA-COM-MASY-007028-000100 Datasheet
157Kb / 12P
   Synthesizer, SMT for RFID
logo
Panasonic Semiconductor
EYGS182310XX PANASONIC-EYGS182310XX Datasheet
135Kb / 4P
   ?쏱GS??Graphite Sheets
logo
TDK Electronics
IFL16 TDK-IFL16 Datasheet
140Kb / 7P
   Noise Suppression Sheets
logo
Molex Electronics Ltd.
638668000 MOLEX-638668000 Datasheet
159Kb / 5P
   FineAdjust Applicator Specification Sheets
06-02-05
logo
T-Global Technology
T69-25 TGLOBAL-T69-25 Datasheet
817Kb / 2P
   T69-25 Graphite Sheets
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com