Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B43896D1107M Datasheet(PDF) 6 Page - TDK Electronics

Part # B43896D1107M
Description  Aluminum electrolytic capacitors
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

B43896D1107M Datasheet(HTML) 6 Page - TDK Electronics

Back Button B43896D1107M Datasheet HTML 2Page - TDK Electronics B43896D1107M Datasheet HTML 3Page - TDK Electronics B43896D1107M Datasheet HTML 4Page - TDK Electronics B43896D1107M Datasheet HTML 5Page - TDK Electronics B43896D1107M Datasheet HTML 6Page - TDK Electronics B43896D1107M Datasheet HTML 7Page - TDK Electronics B43896D1107M Datasheet HTML 8Page - TDK Electronics B43896D1107M Datasheet HTML 9Page - TDK Electronics B43896D1107M Datasheet HTML 10Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
Technical data and ordering codes
CR
120 Hz
20
°C
µF
Case
dimensions
d
× l
mm
ESRmax
10 kHz
40
°C
ESRmax
10 kHz
20
°C
Zmax
100 kHz
20
°C
IAC,R
100 kHz
125
°C
mA
Ordering code
(composition see
below)
Composition of ordering code
*** = Version
000 = for standard leads, bulk
001 = for kinked leads, bulk
002 = for cut leads, bulk
003 = for crimped leads, blister
004 = for J leads, blister (for all dimensions, excluding d
× l = 18 × 40 mm)
009 = for taped leads, Ammo pack, lead spacing F = 7.5 mm (for all dimensions, excluding d
× l =
18
× 35/40 mm)
012 = for bent 90
° leads, blister
VR = 160 V DC
68
16
× 20
16.9
0.297
0.284
730
B43896D1686M***
100
18
× 20
14.3
0.250
0.239
920
B43896D1107M***
120
18
× 25
12.0
0.210
0.201
1160
B43896D1127M***
180
18
× 31.5
9.7
0.171
0.163
1410
B43896D1187M***
220
18
× 35
7.5
0.131
0.125
1650
B43896D1227M***
270
18
× 40
5.2
0.092
0.088
1900
B43896D1277M***
VR = 250 V DC
33
16
× 20
16.9
0.297
0.284
730
B43896D2336M***
47
18
× 20
14.3
0.250
0.239
920
B43896D2476M***
56
18
× 25
12.0
0.210
0.201
1160
B43896D2566M***
68
18
× 31.5
9.7
0.171
0.163
1410
B43896D2686M***
100
18
× 35
7.5
0.131
0.125
1650
B43896D2107M***
140
18
× 40
5.2
0.092
0.088
1900
B43896D2147M***
B43896
High voltage
125
°C
Page 6 of 25
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B43896D1107M

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B43896D1107M TDK-B43896D1107M Datasheet
468Kb / 25P
   Aluminum electrolytic capacitors Single-ended capacitors
More results

Similar Description - B43896D1107M

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
B43501A1227M000 EPCOS-B43501A1227M000 Datasheet
1,016Kb / 21P
   Aluminum electrolytic capacitors
B41853A5108A000 EPCOS-B41853A5108A000 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
B43510A3687M000 EPCOS-B43510A3687M000_08 Datasheet
830Kb / 19P
   Aluminum electrolytic capacitors
logo
Suntan Capacitors
TS13CA SUNTAN-TS13CA Datasheet
210Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
TS13C4 SUNTAN-TS13C4 Datasheet
391Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41252A3109M000 EPCOS-B41252A3109M000_1 Datasheet
327Kb / 19P
   Aluminum electrolytic capacitors
logo
Nichicon corporation
UWZ0J220MCL NICHICON-UWZ0J220MCL Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UVK0J102MDD NICHICON-UVK0J102MDD Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UUL0J220MCL NICHICON-UUL0J220MCL Datasheet
46Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com