Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

592D476X-016B2-20H Datasheet(PDF) 8 Page - Vishay Siliconix

Part # 592D476X-016B2-20H
Description  Solid Tantalum Chip Capacitors TANTAMOUNT, Low Profile, Conformal Coated, Maximum CV
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

592D476X-016B2-20H Datasheet(HTML) 8 Page - Vishay Siliconix

Back Button 592D476X-016B2-20H Datasheet HTML 3Page - Vishay Siliconix 592D476X-016B2-20H Datasheet HTML 4Page - Vishay Siliconix 592D476X-016B2-20H Datasheet HTML 5Page - Vishay Siliconix 592D476X-016B2-20H Datasheet HTML 6Page - Vishay Siliconix 592D476X-016B2-20H Datasheet HTML 7Page - Vishay Siliconix 592D476X-016B2-20H Datasheet HTML 8Page - Vishay Siliconix 592D476X-016B2-20H Datasheet HTML 9Page - Vishay Siliconix 592D476X-016B2-20H Datasheet HTML 10Page - Vishay Siliconix 592D476X-016B2-20H Datasheet HTML 11Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
www.vishay.com
81
592D
Vishay Sprague
Document Number 40004
Revision 20-Oct-04
For technical questions, contact tantalum@vishay.com
RESR = The capacitor Equivalent Series Resistance
at the specified frequency.
3.
A-C Ripple Voltage: The maximum allowable ripple
voltage shall be determined from the formula:
or, from the formula:
where,
P = Power Dissipation in Watts @ + 25°C as given in
the table in Paragraph Number 6.0 (Power
Dissipation).
RESR = The capacitor Equivalent Series Resistance
at the specified frequency.
Z = The capacitor impedance at the specified
frequency.
7.1
At + 25
°C, the leakage current shall not exceed
the value listed in the Standard Ratings Table.
7.2
At + 85
°C, the leakage current shall not exceed 10
times the value listed in the Standard Ratings Table.
7.3
At + 125
°C, the leakage current shall not exceed 12
times the value listed in the Standard Ratings Table.
8.
Equivalent Series Resistance: Measurements shall
be made by the bridge method at, or referred to, a
frequency of 100 KHz and a temperature of + 25°C.
8.1
The Equivalent Series Resistance shall not exceed the
value listed in the Standard Ratings Table.
9.
Life Test: Capacitors shall withstand rated DC
voltage applied at + 85°C for 2000 hours or derated
DC voltage applied at + 125°C for 1000 hours.
9.1
Following the life test, the dissipation factor and
leakage shall meet the initial requirement; the
capacitance change shall not exceed ± 10% of the
initial value.
10
Humidity Test: Capacitors shall withstand 1000 hours
at + 40°C, 90% to 95% relative humidity, with no
voltage applied
10.1
Following the humidity test, capacitance change shall
not exceed ± 10% of the initial value, dissipation factor
shall not exceed 150% of the initial requirement;
leakage currrent shall not exceed 200% of the initial
requirement at + 25°C
11.
Solderability: Capacitors will meet the solderability
requirements of ANSI/J-STD-002, test B category 1.
PERFORMANCE CHARACTERISTICS (Continued)
12.
Resistance to Soldering Heat: Capacitors mounted
on a substrate will withstand + 260°C for 5 seconds.
12.1
Following the resistance to soldering heat test,
capacitance, dissipation factor and DC leakage
current shall meet the initial requirement.
13.
Marking: The small body area of these capacitors
does not allow elaborate marking schemes. All
required information is present on the carton or
package in which the parts are shipped; in addition,
part number, quantity and data code are indicated on
the reels.
14.
Terminal Strength: Per IEC-384-3, minimum of
5N shear force.
15.
Environmental: Mercury, CFC and ODS materials
are not used in the manufacture of these capacitors.
16.
Flammability: Encapsulant materials meet UL94 V0
17.
Capacitor Failure Mode: The predominant failure
mode for solid tantalum capacitors is increased
leakage current resulting in a shorted circuit. Capaci-
tor failure may result from excess forward or reverse
DC voltage, surge current, ripple current, thermal
shock or excessive temperature.
The increase in leakage is caused by a breakdown of
the Ta
2O5 dielectric.
For additional information on
leakage failure of solid tantalum chip capacitors, refer
to Vishay Sprague Technical Paper, “Leakage Failure
Mode in Solid Tantalum Chip Capacitors.”
Application Voltage
Recommended
(V)
Capacitor Voltage
Rating (V)
2.5
4
4
6.3
58
610
10
16
12
20
18
25
24
35
P
RESR
Irms =
Vrms = Irms x Z
P
RESR
Vrms = Z
GUIDE TO APPLICATION
1.0
Recommended rated working voltage guidelines:
(-55°C to + 85°C)
2.
A-C Ripple Current: The maximum allowable ripple
current shall be determined from the formula:
where,
P = Power Dissipation in Watts @ + 25°C as given
in the table in Paragraph Number 6.0 (Power Dissipation)


Similar Part No. - 592D476X-016B2-20H

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
592D476X_004B2_15H VISHAY-592D476X_004B2_15H Datasheet
142Kb / 9P
   Solid Tantalum Chip Capacitors TANTAMOUNT® , Low Profile, Conformal Coated, Maximum CV
Revision: 22-Aug-08
592D476X_004C2_15H VISHAY-592D476X_004C2_15H Datasheet
142Kb / 9P
   Solid Tantalum Chip Capacitors TANTAMOUNT® , Low Profile, Conformal Coated, Maximum CV
Revision: 22-Aug-08
592D476X_010B2_20H VISHAY-592D476X_010B2_20H Datasheet
142Kb / 9P
   Solid Tantalum Chip Capacitors TANTAMOUNT® , Low Profile, Conformal Coated, Maximum CV
Revision: 22-Aug-08
592D476X_010D2_15H VISHAY-592D476X_010D2_15H Datasheet
142Kb / 9P
   Solid Tantalum Chip Capacitors TANTAMOUNT® , Low Profile, Conformal Coated, Maximum CV
Revision: 22-Aug-08
592D476X_010R2_15H VISHAY-592D476X_010R2_15H Datasheet
142Kb / 9P
   Solid Tantalum Chip Capacitors TANTAMOUNT® , Low Profile, Conformal Coated, Maximum CV
Revision: 22-Aug-08
More results

Similar Description - 592D476X-016B2-20H

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
572D107X06R3S2T VISHAY-572D107X06R3S2T Datasheet
1,010Kb / 20P
   Solid Tantalum Chip Capacitors TANTAMOUNT, Low Profile, Conformal Coated, Maximum CV
Revision: 25-Jun-13
572D VISHAY-572D Datasheet
121Kb / 4P
   Solid Tantalum Chip Capacitors TANTAMOUNT, Low Profile, Conformal Coated, Maximum CV
Revision: 15-May-06
595D226X06R3B2T VISHAY-595D226X06R3B2T Datasheet
333Kb / 24P
   Solid Tantalum Chip Capacitors TANTAMOUNT, Conformal Coated, Maximum CV
Revision: 19-Aug-13
595D687X0010R2T VISHAY-595D687X0010R2T Datasheet
1Mb / 24P
   Solid Tantalum Chip Capacitors TANTAMOUNT, Conformal Coated, Maximum CV
Revision: 24-Jun-13
595D107X9016D2T VISHAY-595D107X9016D2T Datasheet
333Kb / 24P
   Solid Tantalum Chip Capacitors TANTAMOUNT, Conformal Coated, Maximum CV
Revision: 19-Aug-13
595D1061004A23 VISHAY-595D1061004A23 Datasheet
330Kb / 24P
   Solid Tantalum Chip Capacitors TANTAMOUNT, Conformal Coated, Maximum CV
Revision: 20-Jan-14
572D VISHAY-572D_08 Datasheet
143Kb / 5P
   Solid Tantalum Chip Capacitors TANTAMOUNT®, Low Profile, Conformal Coated, Maximum CV
Revision: 07-Jan-08
572D VISHAY-572D_17 Datasheet
931Kb / 20P
   Solid Tantalum Chip Capacitors TANTAMOUNT™, Low Profile, Conformal Coated, Maximum CV
Revision: 23-Nov-17
592D VISHAY-592D_08 Datasheet
142Kb / 9P
   Solid Tantalum Chip Capacitors TANTAMOUNT® , Low Profile, Conformal Coated, Maximum CV
Revision: 22-Aug-08
595D155X0050C2T VISHAY-595D155X0050C2T Datasheet
125Kb / 10P
   Solid Tantalum Chip Capacitors TANTAMOUNT® , Conformal Coated, Maximum CV
Revision: 08-Jan-13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com