Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMV320C6727BHFHW Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # SMV320C6727BHFHW
Description  Floating-Point Digital Signal Processor
Download  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SMV320C6727BHFHW Datasheet(HTML) 7 Page - Texas Instruments

Back Button SMV320C6727BHFHW Datasheet HTML 3Page - Texas Instruments SMV320C6727BHFHW Datasheet HTML 4Page - Texas Instruments SMV320C6727BHFHW Datasheet HTML 5Page - Texas Instruments SMV320C6727BHFHW Datasheet HTML 6Page - Texas Instruments SMV320C6727BHFHW Datasheet HTML 7Page - Texas Instruments SMV320C6727BHFHW Datasheet HTML 8Page - Texas Instruments SMV320C6727BHFHW Datasheet HTML 9Page - Texas Instruments SMV320C6727BHFHW Datasheet HTML 10Page - Texas Instruments SMV320C6727BHFHW Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 112 page
background image
SMV320C6727B-SP
www.ti.com
SPRS675G – FEBRUARY 2013 – REVISED JANUARY 2014
2
Device Overview
2.1
Device Characteristics
Table 2-1 provides an overview of the C6727B DSPs. The table shows significant features of each device,
including the capacity of on-chip memory, the peripherals, the execution time, and the package type with
pin count.
Table 2-1. Characteristics of the C6727B Processors
HARDWARE FEATURES
dMAX
1
EMIF
1 (32-bit)
Peripherals
UHPI
1
Not all peripheral pins are available at the same
McASP
3
time. (For more details, see the Device
SPI
2
Configurations section.)
I2C
2
RTI
1
32KB Program Cache
On-Chip Memory
Size (KB)
256KB RAM
384KB ROM
Control Status Register
CPU ID + CPU Rev ID
0x0300
(CSR.[31:16])
Frequency
MHz
250
Cycle Time
ns
4 ns
EMIF Frequency
MHz
133
1.4 V
(C6727B-350)
1.2 V
Core (V)
(C6727B-300)
Voltage
(C6727B-275)
(C6727BA-250)
I/O (V)
3.3 V
Prescaler
/1, /2, /3, ..., /32
Clock Generator Options
Multiplier
x4, x5, x6, ..., x25
Postscaler
/1, /2, /3, ..., /32
Package (see Section 6)
36 x 36 mm
256-Pin CQFP (HFH)
Process Technology
µm
0.13 µm
Product Preview (PP),
Product Status
Advance Information (AI), or
PD(1)
Production Data (PD)
(1)
PRODUCTION DATA information is current as of publication date. Products conform to specifications per the terms of Texas
Instruments standard warranty. Production processing does not necessarily include testing of all parameters.
2.2
Enhanced C67x+ CPU
The SMV320C6727B floating-point digital signal processors are based on the new C67x+ CPU. This core
is code-compatible with the C67x CPU core used on the TMS320C671x DSPs, but with significant
enhancements including an increase in core operating frequency of 250 MHz while operating at 1.2 V.
The CPU fetches 256-bit-wide advanced very-long instruction word (VLIW) fetch packets that are
composed of variable-length execute packets. The execute packets can supply from one to eight 32-bit
instructions to the eight functional units during every clock cycle. The variable-length execute packets are
a key memory-saving feature, distinguishing the C67x CPU from other VLIW architectures. Additionally,
execute packets can now span fetch packets, providing a code size improvement over the C67x CPU
core.
Copyright © 2013–2014, Texas Instruments Incorporated
Device Overview
7
Submit Documentation Feedback
Product Folder Links: SMV320C6727B-SP


Similar Part No. - SMV320C6727BHFHW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SMV320C6727B-SP TI-SMV320C6727B-SP_15 Datasheet
573Kb / 112P
[Old version datasheet]   Floating-Point Digital Signal Processor
More results

Similar Description - SMV320C6727BHFHW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320C6747 TI-TMS320C6747 Datasheet
1Mb / 203P
[Old version datasheet]   Floating-point Digital Signal Processor
TMS320C6713B TI-TMS320C6713B_10 Datasheet
2Mb / 154P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSOR
SM320C6701 TI-SM320C6701 Datasheet
894Kb / 63P
[Old version datasheet]   FLOATING - POINT DIGITAL SIGNAL PROCESSOR
TMS320C6713 TI-TMS320C6713_05 Datasheet
2Mb / 148P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSOR
SMJ320C6701 TI-SMJ320C6701_07 Datasheet
925Kb / 64P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSOR
SMV320C6727B-SP TI-SMV320C6727B-SP_15 Datasheet
573Kb / 112P
[Old version datasheet]   Floating-Point Digital Signal Processor
TMS320C6701 TI-TMS320C6701_08 Datasheet
967Kb / 70P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSOR
SM320C6701-EP TI1-SM320C6701-EP Datasheet
938Kb / 65P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSOR
TMSC6701 TI-TMSC6701 Datasheet
862Kb / 64P
[Old version datasheet]   FLOATING POINT DIGITAL SIGNAL PROCESSOR
SM320C6727B TI1-SM320C6727B Datasheet
710Kb / 111P
[Old version datasheet]   Floating-Point Digital Signal Processor
SMJ320C6701 TI-SMJ320C6701_15 Datasheet
1,002Kb / 66P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com