Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B67345B0004X027 Datasheet(PDF) 2 Page - TDK Electronics

Part # B67345B0004X027
Description  Ferrites and accessories
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

B67345B0004X027 Datasheet(HTML) 2 Page - TDK Electronics

  B67345B0004X027 Datasheet HTML 1Page - TDK Electronics B67345B0004X027 Datasheet HTML 2Page - TDK Electronics B67345B0004X027 Datasheet HTML 3Page - TDK Electronics B67345B0004X027 Datasheet HTML 4Page - TDK Electronics B67345B0004X027 Datasheet HTML 5Page - TDK Electronics B67345B0004X027 Datasheet HTML 6Page - TDK Electronics B67345B0004X027 Datasheet HTML 7Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
06/13
Please read Cautions and warnings and
Important notes at the end of this document.
For power transformers >1 kW (20 kHz)
Magnetic characteristics (per set)
U and I cores are supplied as single units. The AL value in the table applies to a core set comprising
two ungapped cores.
UU
93/152/16
UI
93/104/16
I/A
Ie
Ae
Amin
Ve
0.79
354
448
448
159000
0.58
258
448
448
116000
mm–1
mm
mm2
mm2
mm3
m
800
600
g/set
Material
AL value
nH
e
PV
W/set
Ordering code
Combination UU 93/152/16
N27
2900 +30/–20%
1820
< 32 (200 mT, 25 kHz, 100 °C)
B67345B0003X027
N87
3100 +30/–20%
1950
< 14 (200 mT, 25 kHz, 100 °C)
B67345B0003X087
Combination UI 93/104/16
N27
3800 +30/–20%
1740
< 24 (200 mT, 25 kHz, 100 °C)
B67345B0003X027 (U)
B67345B0004X027 (I)
N87
4100 +30/–20%
1880
< 11 (200 mT, 25 kHz, 100 °C)
B67345B0003X087 (U)
B67345B0004X087 (I)
B67345
UI 93/104/16 cores
U 93/76/16 cores
U 93/76/16 through U 141/78/30


Similar Part No. - B67345B0004X027

ManufacturerPart #DatasheetDescription
logo
EPCOS
B67345B0004X027 EPCOS-B67345B0004X027 Datasheet
96Kb / 4P
   Ferrites and accessories UU 93/152/16, UI 93/104/16 Core set
B67345B0004X027I EPCOS-B67345B0004X027I Datasheet
219Kb / 7P
   Ferrites and accessories
More results

Similar Description - B67345B0004X027

ManufacturerPart #DatasheetDescription
logo
EPCOS
B66317 EPCOS-B66317_10 Datasheet
471Kb / 8P
   Ferrites and accessories
B66317G0000X130 EPCOS-B66317G0000X130 Datasheet
232Kb / 8P
   Ferrites and accessories
B66233G0000X187 EPCOS-B66233G0000X187 Datasheet
102Kb / 4P
   Ferrites and accessories
B66302G0000X130 EPCOS-B66302G0000X130 Datasheet
243Kb / 5P
   Ferrites and accessories
B66379G0000X130 EPCOS-B66379G0000X130 Datasheet
113Kb / 4P
   Ferrites and accessories
B65841A0063A038 EPCOS-B65841A0063A038 Datasheet
577Kb / 7P
   Ferrites and accessories
B66350G0000X127 EPCOS-B66350G0000X127 Datasheet
129Kb / 4P
   Ferrites and accessories
B66387G0000X127 EPCOS-B66387G0000X127 Datasheet
123Kb / 4P
   Ferrites and accessories
B66432G0000X127 EPCOS-B66432G0000X127 Datasheet
89Kb / 4P
   Ferrites and accessories
B65887 EPCOS-B65887_06 Datasheet
332Kb / 8P
   Ferrites and accessories
B65501 EPCOS-B65501 Datasheet
60Kb / 4P
   Ferrites and accessories
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com