Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B65875B0000R049 Datasheet(PDF) 2 Page - TDK Electronics

Part # B65875B0000R049
Description  Ferrites and Accessories PQ Cores
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

B65875B0000R049 Datasheet(HTML) 2 Page - TDK Electronics

  B65875B0000R049 Datasheet HTML 1Page - TDK Electronics B65875B0000R049 Datasheet HTML 2Page - TDK Electronics B65875B0000R049 Datasheet HTML 3Page - TDK Electronics B65875B0000R049 Datasheet HTML 4Page - TDK Electronics B65875B0000R049 Datasheet HTML 5Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Ferrites and Accessories
PQ20/16 – Cores and coil former
B65875B, B65876E
KA IN FER D PD, SMP IN FER D PD
August 2009
Please read Cautions and warnings and
Page 2 of 5
Important notes at the end of this document.
Cores B65875B series
To IEC 62317-13
Delivery mode: sets
Magnetic characteristics (per set)
l/A
= 0.579
mm
-1
le
= 37.0
mm
Ae
= 64.0
mm
2
Amin
= 57.6
mm
2
Ve
= 2367
mm
3
Approx. weight :
13.0 g/set
Dimensions in mm
Ungapped
Material
AL value
1)
nH
µe
PV
W/Set
Ordering code
N87
3100 +30/–20%
1430
< 1.40 (100 kHz, 200 mT, 100 °C)
B65875B0000R087
N97
3200 +30/–20%
1475
< 1.25 (100 kHz, 200 mT, 100 °C)
B65875B0000R097
N95
3750 +30/–20%
1730
< 1.35 (100 kHz, 200 mT, 25 °C-100 °C)
< 1.62 (100 kHz, 200 mT, 120 °C)
B65875B0000R095
N92
2400 +30/–20%
1105
< 1.45 (100 kHz, 200 mT, 100 °C)
B65875B0000R092
N49
2400 +30/–20%
1105
< 0.75 (500 kHz, 50 mT, 100 °C)
B65875B0000R049
1) Measurement parameter: 10 kHz, 0.25 mT, 100 turns, room temperature.
AL value is measured acc. to IEC62044-2. An appropriate wringing of cores with polished surface is used to improve
reproducibility of the measurement. (It is recommended to rub the mating surfaces themselves six times in a circular or
elliptic arc that matches the core profile before measuring AL value).


Similar Part No. - B65875B0000R049

ManufacturerPart #DatasheetDescription
logo
EPCOS
B65875B0000R049 EPCOS-B65875B0000R049 Datasheet
315Kb / 5P
   PQ 20/16 Cores and coil former
B65875B0000R049 EPCOS-B65875B0000R049 Datasheet
158Kb / 5P
   Ferrites and Accessories PQ Cores
More results

Similar Description - B65875B0000R049

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B65881A TDK-B65881A Datasheet
1Mb / 6P
   Ferrites and Accessories PQ Cores
logo
EPCOS
B65882E0004T001 EPCOS-B65882E0004T001 Datasheet
652Kb / 6P
   Ferrites and Accessories PQ Cores
B65876E1014D001 EPCOS-B65876E1014D001 Datasheet
167Kb / 5P
   Ferrites and Accessories PQ Cores
B65876E0014D001 EPCOS-B65876E0014D001 Datasheet
158Kb / 5P
   Ferrites and Accessories PQ Cores
logo
TDK Electronics
B65876E1014D001 TDK-B65876E1014D001 Datasheet
185Kb / 5P
   Ferrites and Accessories PQ Cores
logo
Ferroxcube Internationa...
PQ20 FERROXCUBE-PQ20 Datasheet
65Kb / 6P
   PQ cores and accessories
PQ35 FERROXCUBE-PQ35 Datasheet
69Kb / 6P
   PQ cores and accessories
PQ50 FERROXCUBE-PQ50 Datasheet
45Kb / 3P
   PQ cores and accessories
PQ40 FERROXCUBE-PQ40 Datasheet
52Kb / 4P
   PQ cores and accessories
PQ26 FERROXCUBE-PQ26 Datasheet
65Kb / 6P
   PQ cores and accessories
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com