Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B44020J0006B012 Datasheet(PDF) 5 Page - TDK Electronics

Part # B44020J0006B012
Description  Aluminum electrolytic capacitors
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

B44020J0006B012 Datasheet(HTML) 5 Page - TDK Electronics

  B44020J0006B012 Datasheet HTML 1Page - TDK Electronics B44020J0006B012 Datasheet HTML 2Page - TDK Electronics B44020J0006B012 Datasheet HTML 3Page - TDK Electronics B44020J0006B012 Datasheet HTML 4Page - TDK Electronics B44020J0006B012 Datasheet HTML 5Page - TDK Electronics B44020J0006B012 Datasheet HTML 6Page - TDK Electronics B44020J0006B012 Datasheet HTML 7Page - TDK Electronics B44020J0006B012 Datasheet HTML 8Page - TDK Electronics B44020J0006B012 Datasheet HTML 9Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
Ring clip mounting
Ring clips are primarily used for upright mounting of screw terminal and photoflash capacitors.
The ring clips are corrosion protected and are RoHS-compatible.
It is recommended to insert an additional insulating strip between capacitor and ring clip to avoid
any risk of damage due to edges from the clip. The strip is included in delivery. For ordering code,
see the following table. Attention must be paid to any relevant regulations (e.g. VDE, BSA or UL).
dN
h1
mm
h2
Ring clip version
Ordering code
with insulating strip
35.7
15
10
B44030J0036B000
(insulating strip
length: 230 mm)
51.6
22
15
B44030J0051B000
(insulating strip
length: 325 mm)
B44030
Screw terminals
Accessories
Page 5 of 15
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B44020J0006B012

ManufacturerPart #DatasheetDescription
logo
EPCOS
B44020J0006B012 EPCOS-B44020J0006B012 Datasheet
329Kb / 10P
   Accessories for capacitors with mounting stud on capacitor base
B44020J0006B012 EPCOS-B44020J0006B012 Datasheet
444Kb / 14P
   Aluminum electrolytic capacitors Capacitors with screw terminals
More results

Similar Description - B44020J0006B012

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
B43501A1227M000 EPCOS-B43501A1227M000 Datasheet
1,016Kb / 21P
   Aluminum electrolytic capacitors
B41853A5108A000 EPCOS-B41853A5108A000 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
B43510A3687M000 EPCOS-B43510A3687M000_08 Datasheet
830Kb / 19P
   Aluminum electrolytic capacitors
logo
Suntan Capacitors
TS13CA SUNTAN-TS13CA Datasheet
210Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
TS13C4 SUNTAN-TS13C4 Datasheet
391Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41252A3109M000 EPCOS-B41252A3109M000_1 Datasheet
327Kb / 19P
   Aluminum electrolytic capacitors
logo
Nichicon corporation
UWZ0J220MCL NICHICON-UWZ0J220MCL Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UVK0J102MDD NICHICON-UVK0J102MDD Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UUL0J220MCL NICHICON-UUL0J220MCL Datasheet
46Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com