Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B44020B0006B090 Datasheet(PDF) 10 Page - TDK Electronics

Part # B44020B0006B090
Description  Aluminum electrolytic capacitors
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

B44020B0006B090 Datasheet(HTML) 10 Page - TDK Electronics

Back Button B44020B0006B090 Datasheet HTML 6Page - TDK Electronics B44020B0006B090 Datasheet HTML 7Page - TDK Electronics B44020B0006B090 Datasheet HTML 8Page - TDK Electronics B44020B0006B090 Datasheet HTML 9Page - TDK Electronics B44020B0006B090 Datasheet HTML 10Page - TDK Electronics B44020B0006B090 Datasheet HTML 11Page - TDK Electronics B44020B0006B090 Datasheet HTML 12Page - TDK Electronics B44020B0006B090 Datasheet HTML 13Page - TDK Electronics B44020B0006B090 Datasheet HTML 14Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
Product safety
The table below summarize the safety instructions that must be observed without fail. A detailed
description can be found in the relevant sections of chapter "General technical information".
Topic
Safety information
Reference
chapter "General
technical information"
Polarity
Make sure that polar capacitors are connected
with the right polarity.
1
"Basic construction of
aluminum electrolytic
capacitors"
Reverse voltage
Voltages of opposite polarity should be prevented
by connecting a diode.
3.1.6
"Reverse voltage"
Mounting
position of screw-
terminal capacitors
Screw terminal capacitors must not be mounted
with terminals facing down unless otherwise
specified.
11.1.
"Mounting positions of
capacitors with screw
terminals"
Robustness of
terminals
The following maximum tightening torques must
not be exceeded when connecting screw
terminals:
M5: 2.5 Nm
M6: 4.0 Nm
11.3
"Mounting torques"
Mounting of
single-ended
capacitors
The internal structure of single-ended capacitors
might be damaged if excessive force is applied to
the lead wires.
Avoid any compressive, tensile or flexural stress.
Do not move the capacitor after soldering to PC
board.
Do not pick up the PC board by the soldered
capacitor.
Do not insert the capacitor on the PC board with a
hole space different to the lead space specified.
11.4
"Mounting
considerations for
single-ended capacitors"
Soldering
Do not exceed the specified time or temperature
limits during soldering.
11.5
"Soldering"
Soldering,
cleaning agents
Do not allow halogenated hydrocarbons to come
into contact with aluminum electrolytic capacitors.
11.6
"Cleaning agents"
Upper category
temperature
Do not exceed the upper category temperature.
7.2
"Maximum permissible
operating temperature"
Passive
flammability
Avoid external energy, e.g. fire.
8.1
"Passive flammability"
B44020, B44030
Screw terminals
Accessories
Page 10 of 15
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B44020B0006B090

ManufacturerPart #DatasheetDescription
logo
EPCOS
B44020B0006B051 EPCOS-B44020B0006B051 Datasheet
329Kb / 10P
   Accessories for capacitors with mounting stud on capacitor base
B44020B0006B051 EPCOS-B44020B0006B051 Datasheet
444Kb / 14P
   Aluminum electrolytic capacitors Capacitors with screw terminals
B44020B0006B076 EPCOS-B44020B0006B076 Datasheet
329Kb / 10P
   Accessories for capacitors with mounting stud on capacitor base
B44020B0006B076 EPCOS-B44020B0006B076 Datasheet
444Kb / 14P
   Aluminum electrolytic capacitors Capacitors with screw terminals
More results

Similar Description - B44020B0006B090

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
B43501A1227M000 EPCOS-B43501A1227M000 Datasheet
1,016Kb / 21P
   Aluminum electrolytic capacitors
B41853A5108A000 EPCOS-B41853A5108A000 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
B43510A3687M000 EPCOS-B43510A3687M000_08 Datasheet
830Kb / 19P
   Aluminum electrolytic capacitors
logo
Suntan Capacitors
TS13CA SUNTAN-TS13CA Datasheet
210Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
TS13C4 SUNTAN-TS13C4 Datasheet
391Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41252A3109M000 EPCOS-B41252A3109M000_1 Datasheet
327Kb / 19P
   Aluminum electrolytic capacitors
logo
Nichicon corporation
UWZ0J220MCL NICHICON-UWZ0J220MCL Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UVK0J102MDD NICHICON-UVK0J102MDD Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UUL0J220MCL NICHICON-UUL0J220MCL Datasheet
46Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com