Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B65876E1014D001 Datasheet(PDF) 3 Page - TDK Electronics

Part # B65876E1014D001
Description  Ferrites and Accessories PQ Cores
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

B65876E1014D001 Datasheet(HTML) 3 Page - TDK Electronics

  B65876E1014D001 Datasheet HTML 1Page - TDK Electronics B65876E1014D001 Datasheet HTML 2Page - TDK Electronics B65876E1014D001 Datasheet HTML 3Page - TDK Electronics B65876E1014D001 Datasheet HTML 4Page - TDK Electronics B65876E1014D001 Datasheet HTML 5Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Ferrites and Accessories
PQ20/20/14-1 – Cores and coil former
B65875A, B65876E
KA IN FER D PD, SMP IN FER D PD
August 2009
Please read Cautions and warnings and
Page 3 of 5
Important notes at the end of this document.
Coil former B65876E series
Material:
GFR thermosetting plastic (UL 94 V-0, insulation class to IEC 60085:
H=max.operating temperature 180 °C), color code black
Sumikon PM9820 [E41429(M)], SUMITOMO BAKELITE CO LTD
Solderability: to IEC 60068-2-20, test Ta, method 1 (aging 3): 235 °C, 2 s
Resistance to soldering heat: to IEC 68-2-20, test Tb, method 1B: 350 °C, 3.5 s
Sections
AN
mm²
lN
mm
AR value
µΩ
Terminals Ordering code
1
35
44
43
14
B65876E1014D001


Similar Part No. - B65876E1014D001

ManufacturerPart #DatasheetDescription
logo
EPCOS
B65876E1014D001 EPCOS-B65876E1014D001 Datasheet
324Kb / 5P
   Ferrites and accessories
B65876E1014D001 EPCOS-B65876E1014D001 Datasheet
167Kb / 5P
   Ferrites and Accessories PQ Cores
More results

Similar Description - B65876E1014D001

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B65881A TDK-B65881A Datasheet
1Mb / 6P
   Ferrites and Accessories PQ Cores
logo
EPCOS
B65882E0004T001 EPCOS-B65882E0004T001 Datasheet
652Kb / 6P
   Ferrites and Accessories PQ Cores
B65876E1014D001 EPCOS-B65876E1014D001 Datasheet
167Kb / 5P
   Ferrites and Accessories PQ Cores
B65876E0014D001 EPCOS-B65876E0014D001 Datasheet
158Kb / 5P
   Ferrites and Accessories PQ Cores
logo
TDK Electronics
B65876E0014D001 TDK-B65876E0014D001 Datasheet
177Kb / 5P
   Ferrites and Accessories PQ Cores
logo
Ferroxcube Internationa...
PQ20 FERROXCUBE-PQ20 Datasheet
65Kb / 6P
   PQ cores and accessories
PQ35 FERROXCUBE-PQ35 Datasheet
69Kb / 6P
   PQ cores and accessories
PQ50 FERROXCUBE-PQ50 Datasheet
45Kb / 3P
   PQ cores and accessories
PQ40 FERROXCUBE-PQ40 Datasheet
52Kb / 4P
   PQ cores and accessories
PQ26 FERROXCUBE-PQ26 Datasheet
65Kb / 6P
   PQ cores and accessories
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com