Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B44020B0006B051 Datasheet(PDF) 2 Page - TDK Electronics

Part # B44020B0006B051
Description  Aluminum electrolytic capacitors
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

B44020B0006B051 Datasheet(HTML) 2 Page - TDK Electronics

  B44020B0006B051 Datasheet HTML 1Page - TDK Electronics B44020B0006B051 Datasheet HTML 2Page - TDK Electronics B44020B0006B051 Datasheet HTML 3Page - TDK Electronics B44020B0006B051 Datasheet HTML 4Page - TDK Electronics B44020B0006B051 Datasheet HTML 5Page - TDK Electronics B44020B0006B051 Datasheet HTML 6Page - TDK Electronics B44020B0006B051 Datasheet HTML 7Page - TDK Electronics B44020B0006B051 Datasheet HTML 8Page - TDK Electronics B44020B0006B051 Datasheet HTML 9Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
Accessories for capacitors with mounting stud on capacitor base
Insulating washer made of hostalen
Capacitor
diameter
Thread
size
Dimensional drawing
Diameter d
mm
Ordering code
35.7 mm
M8
d1 0.5 = 35
d2 0.5 = 24
d3
±0.3 = 16.5
d4
±0.2 = 9
B44020B0006B035
51.6 mm
M12
d1 0.5 = 51
d2 0.5 = 31
d3
±0.3 = 21.5
d4
±0.2 = 13
B44020B0006B051
64.2 mm
M12
d1
0.5 = 63.5
d2
0.5 = 43.5
d3
±0.3 = 21.5
d4
±0.2 = 13
B44020B0006B064
76.9 mm
M12
d1
0.5 = 76
d2
0.5 = 56
d3
±0.3 = 21.5
d4
±0.2 = 13
B44020B0006B076
90 mm
M12
d1
0.5 = 89
d2
0.5 = 69
d3
±0.3 = 21.5
d4
±0.2 = 13
B44020B0006B090
Screw terminals
Accessories
B44020
Screw terminals
Accessories
Page 2 of 15
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B44020B0006B051

ManufacturerPart #DatasheetDescription
logo
EPCOS
B44020B0006B051 EPCOS-B44020B0006B051 Datasheet
329Kb / 10P
   Accessories for capacitors with mounting stud on capacitor base
B44020B0006B051 EPCOS-B44020B0006B051 Datasheet
444Kb / 14P
   Aluminum electrolytic capacitors Capacitors with screw terminals
More results

Similar Description - B44020B0006B051

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
B43501A1227M000 EPCOS-B43501A1227M000 Datasheet
1,016Kb / 21P
   Aluminum electrolytic capacitors
B41853A5108A000 EPCOS-B41853A5108A000 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
B43510A3687M000 EPCOS-B43510A3687M000_08 Datasheet
830Kb / 19P
   Aluminum electrolytic capacitors
logo
Suntan Capacitors
TS13CA SUNTAN-TS13CA Datasheet
210Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
TS13C4 SUNTAN-TS13C4 Datasheet
391Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41252A3109M000 EPCOS-B41252A3109M000_1 Datasheet
327Kb / 19P
   Aluminum electrolytic capacitors
logo
Nichicon corporation
UWZ0J220MCL NICHICON-UWZ0J220MCL Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UVK0J102MDD NICHICON-UVK0J102MDD Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UUL0J220MCL NICHICON-UUL0J220MCL Datasheet
46Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com