Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMP320C40 Datasheet(PDF) 11 Page - Texas Instruments

Part # TMP320C40
Description  DIGITAL SIGNAL PROCESSORS
Download  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMP320C40 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TMP320C40 Datasheet HTML 7Page - Texas Instruments TMP320C40 Datasheet HTML 8Page - Texas Instruments TMP320C40 Datasheet HTML 9Page - Texas Instruments TMP320C40 Datasheet HTML 10Page - Texas Instruments TMP320C40 Datasheet HTML 11Page - Texas Instruments TMP320C40 Datasheet HTML 12Page - Texas Instruments TMP320C40 Datasheet HTML 13Page - Texas Instruments TMP320C40 Datasheet HTML 14Page - Texas Instruments TMP320C40 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 65 page
background image
SMJ320C40, TMP320C40
DIGITAL SIGNAL PROCESSORS
SGUS017H -- OCTOBER 1993 -- REVISED OCTOBER 2001
11
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251--1443
SMJ320C40 Signal Descriptions (Continued)
SIGNAL
DESCRIPTION
TYPE
NAME
DESCRIPTION
TYPE
NO. OF
PINS
LOCAL BUS EXTERNAL INTERFACE (80 PINS) (CONTINUED)
LPAGE1
1
O/Z
Page signal for LSTRB1 accesses
LRDY1
1
I
Ready signal for LSTRB1 accesses
LCE1
1
I
Control enable for the LSTRB1, LPAGE1, and LR/W1 signals
COMMUNICATION PORT 0 INTERFACE (12 PINS)
C0D7--C0D0
8
I/O
Communication port 0 data bus
CREQ0
1
I/O
Communication port 0 token-request signal
CACK0
1
I/O
Communication port 0 token-request-acknowledge signal
CSTRB0
1
I/O
Communication port 0 data-strobe signal
CRDY0
1
I/O
Communication port 0 data-ready signal
COMMUNICATION PORT 1 INTERFACE (12 PINS)
C1D7--C1D0
8
I/O
Communication port 1 data bus
CREQ1
1
I/O
Communication port 1 token-request signal
CACK1
1
I/O
Communication port 1 token-request-acknowledge signal
CSTRB1
1
I/O
Communication port 1 data-strobe signal
CRDY1
1
I/O
Communication port 1 data-ready signal
COMMUNICATION PORT 2 INTERFACE (12 PINS)
C2D7--C2D0
8
I/O
Communication port 2 data bus
CREQ2
1
I/O
Communication port 2 token-request signal
CACK2
1
I/O
Communication port 2 token-request-acknowledge signal
CSTRB2
1
I/O
Communication port 2 data-strobe signal
CRDY2
1
I/O
Communication port 2 data-ready signal
COMMUNICATION PORT 3 INTERFACE (12 PINS)
C3D7--C3D0
8
I/O
Communication port 3 data bus
CREQ3
1
I/O
Communication port 3 token-request signal
CACK3
1
I/O
Communication port 3 token-request-acknowledge signal
CSTRB3
1
I/O
Communication port 3 data-strobe signal
CRDY3
1
I/O
Communication port 3 data-ready signal
COMMUNICATION PORT 4 INTERFACE (12 PINS)
C4D7--C4D0
8
I/O
Communication port 4 data bus
CREQ4
1
I/O
Communication port 4 token-request signal
CACK4
1
I/O
Communication port 4 token-request-acknowledge signal
CSTRB4
1
I/O
Communication port 4 data-strobe signal
CRDY4
1
I/O
Communication port 4 data-ready signal
I = input, O = output, Z = high impedance
STRB0,STRB1 and associated signals (R/W1, R/W0, PAGE0, PAGE1, etc.) are effective over the address ranges defined by the
STRB ACTIVE bits.
§ HFH package has additional power and ground pins to reduce noise problems.
signal descriptions (continued)


Similar Part No. - TMP320C40

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMP320C40 TI-TMP320C40 Datasheet
1Mb / 62P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMP320C40 TI-TMP320C40 Datasheet
1Mb / 64P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMP320C40GDL40C TI1-TMP320C40GDL40C Datasheet
202Kb / 15P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSOR
TMP320C40GDL40CT TI1-TMP320C40GDL40CT Datasheet
202Kb / 15P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSOR
TMP320C40GDL50C TI1-TMP320C40GDL50C Datasheet
202Kb / 15P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSOR
More results

Similar Description - TMP320C40

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SMJ320C31 TI-SMJ320C31 Datasheet
968Kb / 57P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320F2812 TI-TMS320F2812 Datasheet
1Mb / 103P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320C31 TI-TMS320C31 Datasheet
636Kb / 48P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320F2810 TI-TMS320F2810_08 Datasheet
2Mb / 173P
[Old version datasheet]   Digital Signal Processors
TMS320F2809 TI-TMS320F2809_11 Datasheet
1Mb / 145P
[Old version datasheet]   Digital Signal Processors
SM320F2808-EP TI-SM320F2808-EP Datasheet
1Mb / 118P
[Old version datasheet]   Digital Signal Processors
TMS320F2810 TI-TMS320F2810_11 Datasheet
1Mb / 170P
[Old version datasheet]   Digital Signal Processors
TMS320C5X TI1-TMS320C5X_16 Datasheet
1Mb / 94P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320C203 TI-TMS320C203 Datasheet
1Mb / 83P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320LBC57PGE80 TI1-TMS320LBC57PGE80 Datasheet
1Mb / 94P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMDXDOCK28069 TI-TMDXDOCK28069 Datasheet
1Mb / 147P
[Old version datasheet]   Digital Signal Processors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com