Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CER0644A Datasheet(PDF) 1 Page - CTS Corporation

Part # CER0644A
Description  Surface mount, silver (Ag) coated ceramic duplexer.
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

CER0644A Datasheet(HTML) 1 Page - CTS Corporation

  CER0644A Datasheet HTML 1Page - CTS Corporation CER0644A Datasheet HTML 2Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CER0644A
1797.5 MHz Duplexer
Document No. 008-0256-0
Page 1 of 2
Rev. X4VH
- CTS Electronic Components - www.ctscorp.com – 4800 Alameda Blvd NE - Albuquerque, NM 87113 -
Features
• Low Insertion Loss
• Low Ripple
• Excellent Rejection and Isolation
Description
Surface mount, silver (Ag) coated ceramic
duplexer. Developed for use in 1770 MHz
Infrastructure Applications.
Weight: TBD grams typical
Material: Filter is composed of a ceramic
block plated with Ag and a shield made of
Sn plated steel.
Filter complies with RoHS standards.
Note: Supplier shall test each filter to the critical electrical specifications of the above table. Any subsequent audits may deviate from in value due to measurement
repeatability among different test systems. Such deviations shall not exceed the following limits:
Specification Allowance
Insertion Loss
0.1 dB
Return Loss
1.0 dB
Stopbands
1.0 dB
Electrical Specifications
•“This product is covered by one or more of the following U.S. and foreign patents including: US 4,692,726;US 4,742,562; US 4,800,348;US 4,829,274;US 5,146,193;EP 0573597;DE 0573597;FR 0573597;JP 508149/92;KR 142171;US 5,162,760;US
5,218,329;US 5,250,916;US 5,327,109;US 5,488,335;CA 2114029;FR 9306297;GB 2273393;JP 3205337;KR 115113;CN 93106228.4;US 5,512,866;EP 0706719;DE 0706719;FR 0706719;GB 0706719;CN 95190359.4;US 5,602,518;US
5,721,520;US 5,745,018;EP 0910875;DE 0910875;DK 0910875;FR 0910875;GB 0910875;IE 0910875;JP 505182/98;KR 10-323013;US 5,994,978;US 6,462,629;CN 00810420.4;US 6,559,735;US 6,650,202;US 6,834,429.Other US and foreign
patents pending.
•CTS Corporation 2006 reserves all copyrights in the layout, design and configuration of the patterns on this product.”
Revision B - Origin Date: September 12, 2009 – Revision Date: July 27, 2011
Parameter
Frequency
MHz
Typical
@ 25ºC
Specification
@ 25ºC
Spec over
-40ºC to +85ºC
Low Band Response
Passband Iloss
1745 - 1755
-2.30
-2.40
-2.50
Passband Ripple
1745 - 1755
0.90
1.40
1.50
Passband Return Loss @ Ant
1745 - 1755
-13.00
-12.00
-12.00
Passband Return Loss @ Low Band
1745 - 1755
-13.00
-12.00
-12.00
Attenuation
1840 - 1850
-60.00
-55.00
-55.00
3490 - 3510
-11.00
-10.00
-10.00
High Band Response
Passband Iloss
1840 - 1850
-2.30
-2.40
-2.50
Passband Ripple
1840 - 1850
1.00
1.40
1.50
Passband Return Loss @ Ant
1840 - 1850
-13.00
-12.00
-12.00
Passband Return Loss @ High Band
1840 - 1850
-13.00
-12.00
-12.00
Attenuation
1745 - 1755
-60.00
-55.00
-55.00
3680 - 3700
-19.00
-15.00
-15.00
Isolation
Rejection @ Low Band
1745 - 1755
-61.00
-60.00
-60.00
Rejection @ midpoint
1755 - 1840
-51.00
-50.00
-50.00
Rejection @ High Band
1840 - 1850
-61.00
-60.00
-60.00
Power into any port
3 Watt max


Similar Part No. - CER0644A

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
CER0643B CTS-CER0643B Datasheet
64Kb / 2P
   Surface mount, Silver (Ag) coated ceramic filter.
CER0645A CTS-CER0645A Datasheet
159Kb / 2P
   Surface mount, silver (Ag) coated ceramic duplexer.
CER0646A CTS-CER0646A Datasheet
88Kb / 2P
   Surface mount, silver (Ag) coated ceramic duplexer
More results

Similar Description - CER0644A

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
DPX0528A CTS-DPX0528A Datasheet
176Kb / 2P
   Surface mount, silver (Ag) coated ceramic DUPlexer
KFF7118A CTS-KFF7118A Datasheet
92Kb / 2P
   Surface mount, silver (Ag) coated ceramic duplexer
CER0335A CTS-CER0335A Datasheet
72Kb / 2P
   Surface mount, silver (Ag) coated ceramic duplexer
CER0472A CTS-CER0472A Datasheet
96Kb / 2P
   Surface mount, silver (Ag) coated ceramic duplexer.
CER0496C CTS-CER0496C Datasheet
96Kb / 2P
   Surface mount, silver (Ag) coated ceramic duplexer.
CER0668A CTS-CER0668A Datasheet
93Kb / 2P
   Surface mount, silver (Ag) coated ceramic duplexer.
CER0237C CTS-CER0237C Datasheet
74Kb / 2P
   Surface mount, silver (Ag) coated ceramic duplexer.
CER0395A CTS-CER0395A Datasheet
309Kb / 2P
   Surface mount, silver (Ag) coated ceramic duplexer.
CER0439A CTS-CER0439A Datasheet
176Kb / 2P
   Surface mount, silver (Ag) coated ceramic duplexer.
CER0613A CTS-CER0613A Datasheet
90Kb / 2P
   Surface mount, silver (Ag) coated ceramic duplexer.
KFF6637C CTS-KFF6637C Datasheet
148Kb / 2P
   Surface mount, silver (Ag) coated ceramic duplexer
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com