Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AK5355 Datasheet(PDF) 10 Page - Asahi Kasei Microsystems

Part # AK5355
Description  LOW POWER 16BIT ADC
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK5355 Datasheet(HTML) 10 Page - Asahi Kasei Microsystems

Back Button AK5355 Datasheet HTML 6Page - Asahi Kasei Microsystems AK5355 Datasheet HTML 7Page - Asahi Kasei Microsystems AK5355 Datasheet HTML 8Page - Asahi Kasei Microsystems AK5355 Datasheet HTML 9Page - Asahi Kasei Microsystems AK5355 Datasheet HTML 10Page - Asahi Kasei Microsystems AK5355 Datasheet HTML 11Page - Asahi Kasei Microsystems AK5355 Datasheet HTML 12Page - Asahi Kasei Microsystems AK5355 Datasheet HTML 13Page - Asahi Kasei Microsystems AK5355 Datasheet HTML 14Page - Asahi Kasei Microsystems  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
ASAHI KASEI
[AK5355]
MS0113-E-00
2001/08
- 10 -
SYSTEM DESIGN
Figure 7 shows the system connection diagram. An evaluation board [AKD5355] is available which demonstrates the
application circuit, optimum layout, power supply arrangements and measurement results.
VCOM
1
RIN
2
LIN
3
VSS
4
VA
5
VD
6
SEL
7
NC
8
16
15
14
13
12
11
10
9
TST1
NC
PDN
BCLK
MCLK
LRCK
SDTO
Top View
0.1
µ
+
+
Rch In
Lch In
Analog Supply
10
µ
+
Controller
System Ground
Analog Ground
DIF
Reset
+
0.1
µ
2.2
µ
Mode
Setting
2.1
∼ 3.6V
0.1
µ
10
µ +
Digital Supply
2.1
∼ 3.6V
Figure 7. System Connection Diagram Example


Similar Part No. - AK5355

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK5355VN AKM-AK5355VN Datasheet
470Kb / 62P
   PLL & MIC-AMP 16-Bit Stereo ADC
AK5355VN AKM-AK5355VN Datasheet
161Kb / 20P
   Low Power 16bit ?誇 ADC
AK5355VN AKM-AK5355VN Datasheet
167Kb / 20P
   Low Power 16bit ?誇 ADC
AK5355VT AKM-AK5355VT Datasheet
161Kb / 20P
   Low Power 16bit ?誇 ADC
AK5355VT AKM-AK5355VT Datasheet
167Kb / 20P
   Low Power 16bit ?誇 ADC
More results

Similar Description - AK5355

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK5355 AKM-AK5355_05 Datasheet
161Kb / 20P
   Low Power 16bit ?誇 ADC
AK5355VT AKM-AK5355VT Datasheet
167Kb / 20P
   Low Power 16bit ?誇 ADC
AK4563A AKM-AK4563A Datasheet
359Kb / 39P
   Low Power 16bit 4ch ADC & 2ch DAC with ALC
AK4550 AKM-AK4550 Datasheet
102Kb / 15P
   LOW POWER & SMALL PACKAGE 16BIT CODEC
AK4516A AKM-AK4516A Datasheet
355Kb / 39P
   3V 16BIT ADC&DAC WITH BUILT-IN PGA
AK8443 AKM-AK8443 Datasheet
333Kb / 29P
   16bit 30MSPS video ADC with CCD/CIS interface
AK4554 AKM-AK4554 Datasheet
197Kb / 17P
   Low Power & Small Package 16bit ?誇 CODEC
logo
Suzhou Everest Semicond...
ES8218E EVEREST-ES8218E Datasheet
678Kb / 12P
   Low Power Audio ADC
logo
Texas Instruments
ADS4122 TI1-ADS4122_16 Datasheet
3Mb / 74P
[Old version datasheet]   Ultra Low-Power ADC
TLV320ADC3101 TI1-TLV320ADC3101 Datasheet
1Mb / 92P
[Old version datasheet]   Low-Power Stereo ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com