Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM12458CIV Datasheet(PDF) 8 Page - Texas Instruments

Part # LM12458CIV
Description  12-Bit Sign Data Acquisition System
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM12458CIV Datasheet(HTML) 8 Page - Texas Instruments

Back Button LM12458CIV Datasheet HTML 4Page - Texas Instruments LM12458CIV Datasheet HTML 5Page - Texas Instruments LM12458CIV Datasheet HTML 6Page - Texas Instruments LM12458CIV Datasheet HTML 7Page - Texas Instruments LM12458CIV Datasheet HTML 8Page - Texas Instruments LM12458CIV Datasheet HTML 9Page - Texas Instruments LM12458CIV Datasheet HTML 10Page - Texas Instruments LM12458CIV Datasheet HTML 11Page - Texas Instruments LM12458CIV Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 43 page
background image
LM12454, LM12458, LM12H458
SNAS079A – MAY 2004 – REVISED FEBRUARY 2006
www.ti.com
CONVERTER AC CHARACTERISTICS
(1) (2) (3) (4) (continued)
The following specifications apply to the LM12454, LM12458, and LM12H458 for VA+ = VD+ = 5V, VREF+ = 5V, VREF− = 0V, 12-
bit + sign conversion mode, fCLK = 8.0 MHz (LM12H458) or fCLK = 5.0 MHz (LM12454/8), RS = 25Ω, source impedance for
VREF+ and VREF− ≤ 25Ω, fully-differential input with fixed 2.5V common-mode voltage, and minimum acquisition time unless
otherwise specified. Boldface limits apply for TA = TJ = TMIN to TMAX; all other limits TA = TJ = 25°C.
Symbol
Parameter
Conditions
Typical (5)
Limits (6)
Units
VIN = ±5V
fIN = 1 kHz
−85.8
dB
DTHD
Differential Total Harmonic Distortion
fIN = 20 kHz
−79.9
dB
fIN = 40 kHz
−72.9
dB
VIN = 5 Vp-p
fIN = 1 kHz
−80.3
dB
Single-Ended Total Harmonic
SETHD
Distortion
fIN = 20 kHz
−75.6
dB
fIN = 40 kHz
−72.8
dB
VIN = ±5V
fIN = 1 kHz
12.6
Bits
DENOB
Differential Effective Number of Bits
fIN = 20 kHz
12.2
Bits
fIN = 40 kHz
12.1
Bits
VIN = 5 Vp-p
fIN = 1 kHz
11.3
Bits
SEENOB
Single-Ended Effective Number of Bits
fIN = 20 kHz
11.2
Bits
fIN = 40 kHz
10.8
Bits
VIN = ±5V
fIN = 1 kHz
87.2
dB
Differential Spurious Free Dynamic
DSFDR
Range
fIN = 20 kHz
78.9
dB
fIN = 40 kHz
72.8
dB
VIN = 5 VP-P, fIN = 40 kHz,
−76
dB
LM12454 MUXOUT Only
Multiplexer Channel-to-Channel
Crosstalk
VIN = 5 VP-P, fIN = 40 kHz,
−78
dB
LM12(H)458 MUX plus Converter
tPU
Power-Up Time
10
ms
tWU
Wake-Up Time
10
ms
8
Submit Documentation Feedback
Copyright © 2004–2006, Texas Instruments Incorporated
Product Folder Links: LM12454 LM12458 LM12H458


Similar Part No. - LM12458CIV

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM12458CIV NSC-LM12458CIV Datasheet
991Kb / 43P
   12-Bit Sign Data Acquisition System with Self-Calibration
LM12458CIV NSC-LM12458CIV Datasheet
1Mb / 36P
   12-Bit Sign Data Acquisition System with Self-Calibration
logo
Texas Instruments
LM12458CIV TI1-LM12458CIV Datasheet
1Mb / 45P
[Old version datasheet]   LM12454/LM12458/LM12H458 12-Bit Sign Data Acquisition System with Self-Calibration
logo
National Semiconductor ...
LM12458CIVF NSC-LM12458CIVF Datasheet
991Kb / 43P
   12-Bit Sign Data Acquisition System with Self-Calibration
LM12458CIVF NSC-LM12458CIVF Datasheet
1Mb / 36P
   12-Bit Sign Data Acquisition System with Self-Calibration
More results

Similar Description - LM12458CIV

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM12454 NSC-LM12454 Datasheet
991Kb / 43P
   12-Bit Sign Data Acquisition System with Self-Calibration
LM12454 NSC-LM12454_06 Datasheet
1Mb / 36P
   12-Bit Sign Data Acquisition System with Self-Calibration
LM12L458 NSC-LM12L458 Datasheet
695Kb / 36P
   12-Bit Sign Data Acquisition System with Self-Calibration
LM12L458 NSC-LM12L458_06 Datasheet
884Kb / 29P
   12-Bit Sign Data Acquisition System with Self-Calibration
logo
Texas Instruments
LM12L458 TI1-LM12L458_16 Datasheet
803Kb / 38P
[Old version datasheet]   12-Bit Sign Data Acquisition System with Self-Calibration
logo
Micro Linear Corporatio...
ML2200 MICRO-LINEAR-ML2200 Datasheet
1Mb / 28P
   12-Bit Plus Sign Data Acquisition Peripheral
logo
Texas Instruments
LM12454 TI1-LM12454_14 Datasheet
1Mb / 45P
[Old version datasheet]   LM12454/LM12458/LM12H458 12-Bit Sign Data Acquisition System with Self-Calibration
logo
Sipex Corporation
SP8121 SIPEX-SP8121 Datasheet
168Kb / 13P
   Monolithic, 12-Bit Data Acquisition System
SP8481 SIPEX-SP8481 Datasheet
208Kb / 12P
   Monolithic, 12-Bit Data Acquisition System
SP8480 SIPEX-SP8480 Datasheet
246Kb / 12P
   Monolithic, 12-Bit Data Acquisition System
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com