Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5962R9673802V9A Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # 5962R9673802V9A
Description  LOW POWER LOW OFFSET VOLTAGE QUAD COMPARATORS
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

5962R9673802V9A Datasheet(HTML) 3 Page - Texas Instruments

  5962R9673802V9A Datasheet HTML 1Page - Texas Instruments 5962R9673802V9A Datasheet HTML 2Page - Texas Instruments 5962R9673802V9A Datasheet HTML 3Page - Texas Instruments 5962R9673802V9A Datasheet HTML 4Page - Texas Instruments 5962R9673802V9A Datasheet HTML 5Page - Texas Instruments 5962R9673802V9A Datasheet HTML 6Page - Texas Instruments 5962R9673802V9A Datasheet HTML 7Page - Texas Instruments 5962R9673802V9A Datasheet HTML 8Page - Texas Instruments 5962R9673802V9A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 29 page
background image
LM139AQML, LM139QML
www.ti.com
SNOSAH8G – FEBRUARY 2005 – REVISED MARCH 2013
Absolute Maximum Ratings
(1)
LM139 / LM139A
Supply Voltage, V+
36 VDC or ±18 VDC
Differential Input Voltage(2)
36 VDC
Input Voltage
−0.3 VDC to +36 VDC
Input Current (VIN < −0.3 VDC)
(3)
50 mA
Power Dissipation(4)(5)
LCCC
1250 mW
CDIP
1200 mW
CLGA (NAD)
680 mW
CLGA (NAC)
680 mW
Sink Current (approx)(6)
20mA
Output Short-Circuit to GND(7)
Continuous
Storage Temperature Range
-65°C
≤ TA ≤ +150°C
Maximum Junction Temperature (TJ)
+150°C
Lead Temperature
(Soldering, 10 seconds)
300°C
Operating Temperature Range
-55°C
≤ TA ≤ +125°C
Thermal
LCCC (Still Air)
100°C/W
Resistance
LCCC (500LF / Min Air flow)
73°C/W
CDIP (Still Air)
103°C/W
CDIP (500LF / Min Air flow)
65°C/W
θJA
CLGA (NAD) (Still Air)
183°C/W
CLGA (NAD) (500LF / Min Air flow)
120°C/W
CLGA (NAC) (Still Air)
183°C/W
CLGA (NAC) (500LF / Min Air flow)
120°C/W
LCCC
28°C/W
CDIP
23°C/W
θJC
CLGA (NAD)
23°C/W
CLGA (NAC)
23°C/W
Package Weight
LCCC
470mg
(typical)
CDIP
2,190mg
CLGA (NAD)
460mg
CLGA (NAC)
410mg
ESD rating(8)
600V
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is functional, but do not ensured specific performance limits. For ensured specifications and test conditions, see, the
Electrical Characteristics. The ensured specifications apply only for the test conditions listed. Some performance characteristics may
degrade when the device is not operated under the listed test conditions.
(2)
Positive excursions of input voltage may exceed the power supply level. As long as the other voltage remains within the common-mode
range, the comparator will provide a proper output state. The low input voltage state must not be less than
−0.3 VDC (or 0.3 VDCbelow
the magnitude of the negative power supply, if used) (at 25°C).
(3)
This input current will only exist when the voltage at any of the input leads is driven negative. It is due to the collector-base junction of
the input PNP transistors becoming forward biased and thereby acting as input diode clamps. In addition to this diode action, there is
also lateral NPN parasitic transistor action on the IC chip. This transistor action can cause the output voltages of the comparators to go
to the V+ voltage level (or to ground for a large overdrive) for the time duration that an input is driven negative. This is not destructive
and normal output states will re-establish when the input voltage, which was negative, again returns to a value greater than
−0.3 VDC (at
25°)C.
(4)
The low bias dissipation and the ON-OFF characteristics of the outputs keeps the chip dissipation very small (PD ≤ 100mW), provided
the output transistors are allowed to saturate.
(5)
The maximum power dissipation must be derated at elevated temperatures and is dictated by TJmax (maximum junction temperature),
θJA (Package junction to ambient thermal resistance), and TA (ambient temperature). The maximum allowable power dissipation at any
temperature is PDmax = (TJmax — TA) / θJA or the number given in the Absolute Maximum Ratings, whichever is lower.
(6)
SMD 5962–8773901 only
(7)
Short circuits from the output to V+ can cause excessive heating and eventual destruction. When considering short circuits to ground,
the maximum output current is approximately 20 mA independent of the magnitude of V+.
(8)
Human Body model, 1.5 K
Ω in series with 100 pF
Copyright © 2005–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM139AQML LM139QML


Similar Part No. - 5962R9673802V9A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
5962R9673802VXA TI1-5962R9673802VXA Datasheet
1Mb / 29P
[Old version datasheet]   LOW POWER LOW OFFSET VOLTAGE QUAD COMPARATORS
More results

Similar Description - 5962R9673802V9A

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LR339 LRC-LR339 Datasheet
134Kb / 6P
   Low Power Low Offset Voltage Quad Comparators
logo
BCD Semiconductor Manuf...
AS339,339A BCDSEMI-AS339,339A Datasheet
729Kb / 11P
   LOW POWER LOW OFFSET VOLTAGE QUAD COMPARATORS
logo
Diodes Incorporated
AS339 DIODES-AS339 Datasheet
432Kb / 12P
   LOW POWER LOW OFFSET VOLTAGE QUAD COMPARATORS
logo
National Semiconductor ...
LM139 NSC-LM139 Datasheet
465Kb / 19P
   Low Power Low Offset Voltage Quad Comparators
LM2901EP NSC-LM2901EP Datasheet
750Kb / 17P
   Low Power Low Offset Voltage Quad Comparators
logo
Tiger Electronic Co.,Lt...
LM2901D TGS-LM2901D Datasheet
249Kb / 4P
   Low Power Low Offset Voltage Quad Comparators
logo
National Semiconductor ...
LM139JAN NSC-LM139JAN Datasheet
770Kb / 20P
   Low Power Low Offset Voltage Quad Comparators
logo
Tiger Electronic Co.,Lt...
LM339D TGS-LM339D Datasheet
2Mb / 4P
   Low Power Low Offset Voltage Quad Comparators
logo
List of Unclassifed Man...
AZ339 ETC1-AZ339 Datasheet
246Kb / 9P
   LOW POWER LOW OFFSET VOLTAGE QUAD COMPARATORS
logo
Shaoxing Devechip Micro...
SDP339 SDC-SDP339 Datasheet
550Kb / 11P
   LOW POWER LOW OFFSET VOLTAGE QUAD COMPARATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com