Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM185-2.5QML Datasheet(PDF) 11 Page - Texas Instruments

Part # LM185-2.5QML
Description  Micropower Voltage Reference Diode
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM185-2.5QML Datasheet(HTML) 11 Page - Texas Instruments

Back Button LM185-2.5QML_16 Datasheet HTML 7Page - Texas Instruments LM185-2.5QML_16 Datasheet HTML 8Page - Texas Instruments LM185-2.5QML_16 Datasheet HTML 9Page - Texas Instruments LM185-2.5QML_16 Datasheet HTML 10Page - Texas Instruments LM185-2.5QML_16 Datasheet HTML 11Page - Texas Instruments LM185-2.5QML_16 Datasheet HTML 12Page - Texas Instruments LM185-2.5QML_16 Datasheet HTML 13Page - Texas Instruments LM185-2.5QML_16 Datasheet HTML 14Page - Texas Instruments LM185-2.5QML_16 Datasheet HTML 15Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
26-Jul-2016
Addendum-Page 1
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package Type Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
(6)
MSL Peak Temp
(3)
Op Temp (°C)
Device Marking
(4/5)
Samples
5962-8759402XA
ACTIVE
TO
NDU
2
20
TBD
Call TI
Call TI
-55 to 125
8759402XA Q
5962-8759402YA
ACTIVE
CFP
NAC
10
54
TBD
Call TI
Call TI
-55 to 125
LM185WG-
2.5/883 Q
5962-87594
02YA ACO
02YA >T
5962-8759406VXA
ACTIVE
TO
NDU
2
20
TBD
Call TI
Call TI
-55 to 125
8759406VXA Q
LM185-2.5 MD8
ACTIVE
DIESALE
Y
0
100
Green (RoHS
& no Sb/Br)
Call TI
Level-1-NA-UNLIM
-55 to 125
LM185BYH2.5-QV
ACTIVE
TO
NDU
2
20
TBD
Call TI
Call TI
-55 to 125
8759406VXA Q
LM185BYH2.5/883
ACTIVE
TO
NDU
2
20
TBD
Call TI
Call TI
-55 to 125
LM185BY2.5 Q
LM185H-2.5-SMD
ACTIVE
TO
NDU
2
20
TBD
Call TI
Call TI
-55 to 125
8759402XA Q
LM185H-2.5/883
ACTIVE
TO
NDU
2
20
TBD
Call TI
Call TI
-55 to 125
LM185-2.5 Q
LM185WG-2.5/883
ACTIVE
CFP
NAC
10
54
TBD
Call TI
Call TI
-55 to 125
LM185WG-
2.5/883 Q
5962-87594
02YA ACO
02YA >T
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check http://www.ti.com/productcontent for the latest availability
information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements for all 6 substances, including the requirement that
lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Pb-Free (RoHS Exempt): This component has a RoHS exemption for either 1) lead-based flip-chip solder bumps used between the die and package, or 2) lead-based die adhesive used between
the die and leadframe. The component is otherwise considered Pb-Free (RoHS compatible) as defined above.


Similar Part No. - LM185-2.5QML_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM185-2.5QML TI1-LM185-2.5QML Datasheet
683Kb / 14P
[Old version datasheet]   LM185-2.5QML Micropower Voltage Reference Diode
More results

Similar Description - LM185-2.5QML_16

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME41-4096 AME-AME41-4096 Datasheet
63Kb / 8P
   Micropower Voltage Reference Diode
logo
Calogic, LLC
CLM285-25 CALOGIC-CLM285-25 Datasheet
30Kb / 3P
   Micropower Voltage Reference Diode
logo
Texas Instruments
LM185-1.2QML TI1-LM185-1.2QML_14 Datasheet
541Kb / 18P
[Old version datasheet]   Micropower Voltage Reference Diode
logo
Advanced Monolithic Sys...
AMS285-2.5 AMS-AMS285-2.5 Datasheet
172Kb / 8P
   MICROPOWER VOLTAGE REFERENCE DIODE
logo
Advanced Monolithic Sys...
AMS285-1.2 ADMOS-AMS285-1.2 Datasheet
96Kb / 8P
   MICROPOWER VOLTAGE REFERENCE DIODE
logo
Wing Shing Computer Com...
LM385-2.5 WINGS-LM385-2.5 Datasheet
147Kb / 3P
   Micropower Voltage Reference Diode
logo
Analog Microelectronics
AME385-2.5 AME-AME385-2.5 Datasheet
105Kb / 12P
   MICROPOWER VOLTAGE REFERENCE DIODE
logo
Advanced Monolithic Sys...
AMS285-12 ADMOS-AMS285-12 Datasheet
88Kb / 8P
   MICROPOWER VOLTAGE REFERENCE DIODE
logo
Analog Microelectronics
AME385-12 AME-AME385-12 Datasheet
70Kb / 8P
   Micropower Voltage Reference Diode
AME385-25 AME-AME385-25 Datasheet
52Kb / 8P
   Micropower Voltage Reference Diode
AME41-12 AME-AME41-12 Datasheet
70Kb / 8P
   Micropower Voltage Reference Diode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com