Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5962R9951707VZA Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # 5962R9951707VZA
Description  3-Terminal Adjustable Regulator
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

5962R9951707VZA Datasheet(HTML) 5 Page - Texas Instruments

  5962R9951707VZA Datasheet HTML 1Page - Texas Instruments 5962R9951707VZA Datasheet HTML 2Page - Texas Instruments 5962R9951707VZA Datasheet HTML 3Page - Texas Instruments 5962R9951707VZA Datasheet HTML 4Page - Texas Instruments 5962R9951707VZA Datasheet HTML 5Page - Texas Instruments 5962R9951707VZA Datasheet HTML 6Page - Texas Instruments 5962R9951707VZA Datasheet HTML 7Page - Texas Instruments 5962R9951707VZA Datasheet HTML 8Page - Texas Instruments 5962R9951707VZA Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 37 page
background image
LM117QML, LM117QML-SP
www.ti.com
SNVS356D – MARCH 2006 – REVISED APRIL 2013
Table 2. Quality Conformance Inspection
MIL-STD-883, Method 5005 - Group A
Subgroup
Description
Temp (°C)
1
Static tests at
+25
2
Static tests at
+125
3
Static tests at
-55
4
Dynamic tests at
+25
5
Dynamic tests at
+125
6
Dynamic tests at
-55
7
Functional tests at
+25
8A
Functional tests at
+125
8B
Functional tests at
-55
9
Switching tests at
+25
10
Switching tests at
+125
11
Switching tests at
-55
12
Settling time at
+25
13
Settling time at
+125
14
Settling time at
-55
LM117H & LM117WG Electrical Characteristics
DC Parameters
The following conditions apply, unless otherwise specified.
VDiff = (VI − VO), IL = 8mA
Sub-
Symbol
Parameter
Conditions
Notes
Min
Max
Unit
groups
VDiff = 3V
100
µA
1
IAdj
Adjustment Pin Current
VDiff = 3.3V
100
µA
2, 3
VDiff = 40V
100
µA
1, 2, 3
VDiff = 3V, VO = 1.7V
5.0
mA
1
IQ
Minimum Load Current
VDiff = 3.3V, VO = 1.7V
5.0
mA
2, 3
VDiff = 40V, VO = 1.7V
5.0
mA
1, 2, 3
VDiff = 3V
1.2
1.3
V
1
VRef
Reference Voltage
VDiff = 3.3V
1.2
1.3
V
2, 3
VDiff = 40V
1.2
1.3
V
1, 2, 3
3V
≤ VDiff ≤ 40V,
-8.9
8.9
mV
1
VO = 1.2V
VRLine
Line Regulation
3.3V
≤ VDiff ≤ 40V,
-22.2
22.2
mV
2, 3
VO = 1.2V
VDiff= 3V,
-15
15
mV
1
IL = 10mA to 500mA
VDiff= 3.3V,
-15
15
mV
2, 3
IL = 10mA to 500mA
VRLoad
Load Regulation
VDiff= 40V,
-15
15
mV
1
IL = 10mA to 150mA
VDiff= 40V,
-15
15
mV
2, 3
IL = 10mA to 100mA
VDiff = 3V,
-5.0
5.0
µA
1
IL = 10mA to 500mA
VDiff = 3.3V,
-5.0
5.0
µA
2, 3
IL = 10mA to 500mA
ΔIAdj / Load
Adjustment Current Change
VDiff = 40V,
-5.0
5.0
µA
1
IL = 10mA to 150mA
VDiff = 40V,
-5.0
5.0
µA
2, 3
IL = 10mA to 100mA
Copyright © 2006–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM117QML LM117QML-SP


Similar Part No. - 5962R9951707VZA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
5962R9951707VZA TI-5962R9951707VZA Datasheet
4Mb / 35P
[Old version datasheet]   LM117QML-SP RHA 4.25-V to 41.25-V 3-Terminal Adjustable Regulator
More results

Similar Description - 5962R9951707VZA

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM337L NSC-LM337L Datasheet
89Kb / 5P
   3-Terminal Adjustable Regulator
logo
Texas Instruments
LM317 TI1-LM317_16 Datasheet
1Mb / 32P
[Old version datasheet]   3-Terminal Adjustable Regulator
logo
List of Unclassifed Man...
GM317 ETC-GM317 Datasheet
352Kb / 8P
   3- TERMINAL ADJUSTABLE REGULATOR
logo
Texas Instruments
LM317M TI-LM317M_07 Datasheet
219Kb / 12P
[Old version datasheet]   3-TERMINAL ADJUSTABLE REGULATOR
LM317M_0701 TI-LM317M_0701 Datasheet
369Kb / 14P
[Old version datasheet]   3-TERMINAL ADJUSTABLE REGULATOR
logo
National Semiconductor ...
LM117 NSC-LM117 Datasheet
645Kb / 25P
   3-Terminal Adjustable Regulator
LM117HV NSC-LM117HV Datasheet
469Kb / 15P
   3-Terminal Adjustable Regulator
logo
Texas Instruments
LM317MQDCYRG4 TI1-LM317MQDCYRG4 Datasheet
868Kb / 17P
[Old version datasheet]   3-TERMINAL ADJUSTABLE REGULATOR
logo
Tiger Electronic Co.,Lt...
LM317L TGS-LM317L Datasheet
382Kb / 14P
   3-TERMINAL ADJUSTABLE REGULATOR
logo
Texas Instruments
LM317M TI-LM317M Datasheet
219Kb / 12P
[Old version datasheet]   3-TERMINAL ADJUSTABLE REGULATOR
logo
National Semiconductor ...
LM317L NSC-LM317L_06 Datasheet
918Kb / 16P
   3-Terminal Adjustable Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com