Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM117QML Datasheet(PDF) 1 Page - Texas Instruments

Part # LM117QML
Description  3-Terminal Adjustable Regulator
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM117QML Datasheet(HTML) 1 Page - Texas Instruments

  LM117QML_16 Datasheet HTML 1Page - Texas Instruments LM117QML_16 Datasheet HTML 2Page - Texas Instruments LM117QML_16 Datasheet HTML 3Page - Texas Instruments LM117QML_16 Datasheet HTML 4Page - Texas Instruments LM117QML_16 Datasheet HTML 5Page - Texas Instruments LM117QML_16 Datasheet HTML 6Page - Texas Instruments LM117QML_16 Datasheet HTML 7Page - Texas Instruments LM117QML_16 Datasheet HTML 8Page - Texas Instruments LM117QML_16 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 37 page
background image
LM117QML, LM117QML-SP
www.ti.com
SNVS356D – MARCH 2006 – REVISED APRIL 2013
LM117QML 3-Terminal Adjustable Regulator
Check for Samples: LM117QML, LM117QML-SP
1
FEATURES
DESCRIPTION
The LM117 series of adjustable 3-terminal positive
2
Available with Radiation Ensured
voltage regulators is capable of supplying either 0.5A
High Dose Rate 100 krad(Si)
or 1.5A over a 1.2V to 37V output range. They are
ELDRS Free 100 krad(Si)
exceptionally easy to use and require only two
external resistors to set the output voltage. Further,
Specified max. 0.3% Load Regulation (LM117)
both line and load regulation are better than standard
Specified 0.5A or 1.5A Output Current
fixed regulators.
Adjustable Output Down to 1.2V
In
addition
to
higher
performance
than
fixed
Current Limit Constant with Temperature
regulators, the LM117 series offers full overload
80 dB Ripple Rejection
protection available only in IC's. Included on the chip
are current limit, thermal overload protection and safe
Output is Short-Circuit Protected
area protection. All overload protection circuitry
remains fully functional even if the adjustment
terminal is disconnected.
Normally, no capacitors are needed unless the device
is situated more than 6 inches from the input filter
capacitors in which case an input bypass is needed.
An optional output capacitor can be added to improve
transient response. The adjustment terminal can be
bypassed to achieve very high ripple rejection ratios
which are difficult to achieve with standard 3-terminal
regulators.
Besides replacing fixed regulators, the LM117 is
useful in a wide variety of other applications. Since
the regulator is "floating" and sees only the input-to-
output
differential
voltage,
supplies
of
several
hundred volts can be regulated as long as the
maximum input to output differential is not exceeded,
i.e., avoid short-circuiting the output.
Also, it makes an especially simple adjustable
switching regulator, a programmable output regulator,
or by connecting a fixed resistor between the
adjustment pin and output, the LM117 can be used
as a precision current regulator. Supplies with
electronic shutdown can be achieved by clamping the
adjustment terminal to ground which programs the
output to 1.2V where most loads draw little current.
For the negative complement, see LM137 series data
sheet.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2006–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LM117QML_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM117QML TI-LM117QML_15 Datasheet
1Mb / 36P
[Old version datasheet]   LM117QML 3-Terminal Adjustable Regulator
More results

Similar Description - LM117QML_16

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM337L NSC-LM337L Datasheet
89Kb / 5P
   3-Terminal Adjustable Regulator
logo
Texas Instruments
LM317 TI1-LM317_16 Datasheet
1Mb / 32P
[Old version datasheet]   3-Terminal Adjustable Regulator
logo
List of Unclassifed Man...
GM317 ETC-GM317 Datasheet
352Kb / 8P
   3- TERMINAL ADJUSTABLE REGULATOR
logo
Texas Instruments
LM317M TI-LM317M_07 Datasheet
219Kb / 12P
[Old version datasheet]   3-TERMINAL ADJUSTABLE REGULATOR
LM317M_0701 TI-LM317M_0701 Datasheet
369Kb / 14P
[Old version datasheet]   3-TERMINAL ADJUSTABLE REGULATOR
logo
National Semiconductor ...
LM117 NSC-LM117 Datasheet
645Kb / 25P
   3-Terminal Adjustable Regulator
LM117HV NSC-LM117HV Datasheet
469Kb / 15P
   3-Terminal Adjustable Regulator
logo
Texas Instruments
LM317MQDCYRG4 TI1-LM317MQDCYRG4 Datasheet
868Kb / 17P
[Old version datasheet]   3-TERMINAL ADJUSTABLE REGULATOR
logo
Tiger Electronic Co.,Lt...
LM317L TGS-LM317L Datasheet
382Kb / 14P
   3-TERMINAL ADJUSTABLE REGULATOR
logo
Texas Instruments
LM317M TI-LM317M Datasheet
219Kb / 12P
[Old version datasheet]   3-TERMINAL ADJUSTABLE REGULATOR
logo
National Semiconductor ...
LM317L NSC-LM317L_06 Datasheet
918Kb / 16P
   3-Terminal Adjustable Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com