Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AK4525VF Datasheet(PDF) 11 Page - Asahi Kasei Microsystems

Part # AK4525VF
Description  20BIT STEREO ADC & DAC WITH X TAL OSC
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK4525VF Datasheet(HTML) 11 Page - Asahi Kasei Microsystems

Back Button AK4525VF Datasheet HTML 7Page - Asahi Kasei Microsystems AK4525VF Datasheet HTML 8Page - Asahi Kasei Microsystems AK4525VF Datasheet HTML 9Page - Asahi Kasei Microsystems AK4525VF Datasheet HTML 10Page - Asahi Kasei Microsystems AK4525VF Datasheet HTML 11Page - Asahi Kasei Microsystems AK4525VF Datasheet HTML 12Page - Asahi Kasei Microsystems AK4525VF Datasheet HTML 13Page - Asahi Kasei Microsystems AK4525VF Datasheet HTML 14Page - Asahi Kasei Microsystems AK4525VF Datasheet HTML 15Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
ASAHI KASEI
[AK4525]
MS0053-E-00
2000/9
- 11 -
LRCK(i)
SCLK(i:64fs)
SDTO(o)
0
1
2
17
18
19
20
0
1
2
17
18
20
19
0
19
1
18
2
19 18
3
2
3
2
19
SDTI(i)
18
19
1
0
1
22
0
23
1
0
19:MSB, 0:LSB
Lch Data
Rch Data
Don’t Care
Don’t Care
3
32
21
21
19
10
Figure 4. Mode 2 Timing
LRCK(i)
SCLK(i:64fs)
SDTO(o)
01
2
19
17
18
20
31
0
1
2
19
17
18
20
31
0
1
19
1
19
4
3
1
SDTI(i)
31
0
31
0
19:MSB, 0:LSB
Lch Data
Rch Data
Don’t Care
Don’t Care
43
SCLK(i:32fs)
SDTO(o)
0
1
2
9
10
12
13
15
0
1
2
9
10
12
13
15
0
4
1
19
9
419
9
12 11
4
SDTI(i)
12
11
65
87
18
311
14
10
18
2
2
4
21
18
33
18
14
11
5
6
7
8
10
2
42
0
0
19 18
19 18
21
Figure 5. Mode 3 Timing
n Digital High Pass Filter
The ADC of AK4525 has a digital high pass filter for DC offset cancel. The cut-off frequency of the HPF is 0.9Hz at
fs=44.1kHz and also scales with sampling rate (fs).


Similar Part No. - AK4525VF

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4520 AKM-AK4520 Datasheet
198Kb / 19P
   100dB 20Bit Stereo ADC & DAC
AK4520A AKM-AK4520A Datasheet
198Kb / 19P
   100dB 20Bit Stereo ADC & DAC
AK4520A AKM-AK4520A Datasheet
2Mb / 36P
   EVALUATION BOARD REV.B FOR AK4520A
AK4520A-VF AKM-AK4520A-VF Datasheet
198Kb / 19P
   100dB 20Bit Stereo ADC & DAC
AK4522 AKM-AK4522 Datasheet
134Kb / 18P
   20BIT STEREO ADC & DAC
More results

Similar Description - AK4525VF

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4522 AKM-AK4522 Datasheet
134Kb / 18P
   20BIT STEREO ADC & DAC
AK4523 AKM-AK4523 Datasheet
161Kb / 20P
   20BIT STEREO ADC & DAC
AK4522 AKM-AK4522_12 Datasheet
192Kb / 19P
   20Bit Stereo ?誇 ADC & DAC
AK4520A AKM-AK4520A Datasheet
198Kb / 19P
   100dB 20Bit Stereo ADC & DAC
AD5354 AKM-AD5354 Datasheet
156Kb / 19P
   Low Power 20bit ADC with PGA
AK5352 AKM-AK5352 Datasheet
174Kb / 19P
   96kHz Sampling 20bit ADC
logo
NXP Semiconductors
UDA1309H PHILIPS-UDA1309H Datasheet
150Kb / 24P
   Low-power stereo bitstream ADC/DAC
1998 Jan 06
logo
Nexperia B.V. All right...
74LVC1GX04 NEXPERIA-74LVC1GX04 Datasheet
247Kb / 15P
   X-tal driver
Rev. 5 - 26 January 2022
logo
Asahi Kasei Microsystem...
AK5354 AKM-AK5354_04 Datasheet
155Kb / 19P
   Low Power 20bit ?誇 ADC with PGA
AK5351 AKM-AK5351 Datasheet
174Kb / 19P
   Enhanced Dual bit 20bit ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com