Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AK4381 Datasheet(PDF) 3 Page - Asahi Kasei Microsystems

Part # AK4381
Description  108DB 192KHZ 24-BIT 2CH DAC
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK4381 Datasheet(HTML) 3 Page - Asahi Kasei Microsystems

  AK4381 Datasheet HTML 1Page - Asahi Kasei Microsystems AK4381 Datasheet HTML 2Page - Asahi Kasei Microsystems AK4381 Datasheet HTML 3Page - Asahi Kasei Microsystems AK4381 Datasheet HTML 4Page - Asahi Kasei Microsystems AK4381 Datasheet HTML 5Page - Asahi Kasei Microsystems AK4381 Datasheet HTML 6Page - Asahi Kasei Microsystems AK4381 Datasheet HTML 7Page - Asahi Kasei Microsystems AK4381 Datasheet HTML 8Page - Asahi Kasei Microsystems AK4381 Datasheet HTML 9Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
ASAHI KASEI
[AK4381]
MS0152-E-00
2002/5
- 3 -
ABSOLUTE MAXIMUM RATINGS
(VSS=0V; Note 1)
Parameter
Symbol
min
max
Units
Power Supply
VDD
-0.3
6.0
V
Input Current (any pins except for supplies)
IIN
-
±10
mA
Input Voltage
VIND
-0.3
VDD+0.3
V
Ambient Operating Temperature
Ta
-40
85
°C
Storage Temperature
Tstg
-65
150
°C
Note: 1. All voltages with respect to ground.
WARNING: Operation at or beyond these limits may results in permanent damage to the device.
Normal operation is not guaranteed at these extremes.
RECOMMENDED OPERATING CONDITIONS
(VSS=0V; Note 1)
Parameter
Symbol
min
typ
max
Units
Power Supply
VDD
4.75
5.0
5.25
V
*AKM assumes no responsibility for the usage beyond the conditions in this datasheet.


Similar Part No. - AK4381

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4380 AKM-AK4380 Datasheet
226Kb / 21P
   100dB 24BIT 96kHz 2CH DAC
AK4380VT AKM-AK4380VT Datasheet
226Kb / 21P
   100dB 24BIT 96kHz 2CH DAC
AK4382 AKM-AK4382 Datasheet
251Kb / 21P
   112dB 192kHz 24-BIT SCH DAC
AK4382 AKM-AK4382 Datasheet
409Kb / 26P
   EVALUATION BOARD REV.A FOR AK4382
AK4382A AKM-AK4382A Datasheet
246Kb / 21P
   112dB 192kHz 24-Bit 2ch DAC
More results

Similar Description - AK4381

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4385 AKM-AK4385_06 Datasheet
272Kb / 23P
   108dB 192kHz 24-Bit 2ch ?誇 DAC
AK4385 AKM-AK4385 Datasheet
275Kb / 21P
   108dB 192kHz 24-Bit 2ch ?誇 DAC
AK4382A AKM-AK4382A Datasheet
246Kb / 21P
   112dB 192kHz 24-Bit 2ch DAC
AK4388 AKM-AK4388 Datasheet
196Kb / 18P
   192kHz 24-Bit 2ch ?誇 DAC
AK4388A AKM-AK4388A Datasheet
327Kb / 18P
   192kHz 24-Bit 2ch ?誇 DAC
AK4384 AKM-AK4384 Datasheet
241Kb / 22P
   106dB 192kHz 24-Bit 2ch DAC
AK4384 AKM-AK4384_06 Datasheet
281Kb / 24P
   106dB 192kHz 24-Bit 2ch ?誇 DAC
AK4387 AKM-AK4387 Datasheet
250Kb / 21P
   106dB 192kHz 24-Bit 2ch ?誇 DAC
AK4382AVT AKM-AK4382AVT Datasheet
184Kb / 21P
   112dB 192kHz 24-Bit 2ch DS DAC
AK4482VT AKM-AK4482VT Datasheet
566Kb / 26P
   111dB 192kHz 24-Bit 2ch ?誇 DAC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com