Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ARR02NBC Datasheet(PDF) 2 Page - Analog Devices

Part # ARR02NBC
Description  Ultracompact Precision10 V/5 V/2.5 V/3.0 V Voltage References
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ARR02NBC Datasheet(HTML) 2 Page - Analog Devices

  ARR02NBC Datasheet HTML 1Page - Analog Devices ARR02NBC Datasheet HTML 2Page - Analog Devices ARR02NBC Datasheet HTML 3Page - Analog Devices ARR02NBC Datasheet HTML 4Page - Analog Devices ARR02NBC Datasheet HTML 5Page - Analog Devices ARR02NBC Datasheet HTML 6Page - Analog Devices ARR02NBC Datasheet HTML 7Page - Analog Devices ARR02NBC Datasheet HTML 8Page - Analog Devices ARR02NBC Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
ADR01/ADR02/ADR03/ADR06
Rev. F | Page 2 of 20
TABLE OF CONTENTS
Specifications..................................................................................... 3
ADR01 Electrical Characteristics............................................... 3
ADR02 Electrical Characteristics............................................... 4
ADR03 Electrical Characteristics............................................... 5
ADR06 Electrical Characteristics............................................... 6
Dice Electrical Characteristics.................................................... 7
Absolute Maximum Ratings............................................................ 8
Parameter Definitions ...................................................................... 9
Notes............................................................................................... 9
Typical Performance Characteristics ........................................... 10
Applications..................................................................................... 15
Applying the ADR01/ADR02/ADR03/ADR06...................... 15
Negative Reference..................................................................... 16
Low Cost Current Source.......................................................... 16
Precision Current Source with Adjustable Output ................ 16
Programmable 4 to 20 mA Current Transmitter ................... 17
Outline Dimensions ....................................................................... 18
Ordering Guides ............................................................................. 19
ADR01 Ordering Guide ............................................................ 19
ADR02 Ordering Guide ............................................................ 19
ADR03 Ordering Guide ............................................................ 20
ADR06 Ordering Guide ............................................................ 20
REVISION HISTORY
7/04—Data Sheet Changed from Rev. E to Rev. F
Changes to ADR02 Electrical Characteristics, Table 2................ 4
Changes to Ordering Guide .......................................................... 19
2/04—Data Sheet Changed from Rev. D to Rev. E
Added C grade ................................................................Universal
Changes to Outline Dimensions............................................... 19
Updated Ordering Guide........................................................... 20
8/03—Data Sheet Changed from Rev. C to Rev D
Added ADR06Universal
Change to Figure 27 13
6/03—Data Sheet Changed from Rev. B to Rev C
Changes to Features Section 1
Changes to General Description Section 1
Changes to Figure 2 1
Changes to Specifications Section 2
Addition of Dice Electrical Characteristics and Layout6
Changes to Absolute Maximum Ratings Section 7
Updated SOIC (R-8) Outline Dimensions 19
Changes to Ordering Guide 20
2/03—Data Sheet Changed from Rev. A to Rev. B
Added ADR03.....................................................................Universal
Added TSOT-5 (UJ) Package............................................Universal
Updated Outline Dimensions....................................................... 18
12/02—Data Sheet Changed from Rev. 0 to Rev. A
Changes to Features Section ........................................................1
Changes to General Description .................................................1
Table I deleted................................................................................1
Changes to ADR01 Specifications ..............................................2
Changes to ADR02 Specifications ..............................................3
Changes to Absolute Maximum Ratings Section .....................4
Changes to Ordering Guide.........................................................4
Updated Outline Dimensions .................................................. 12


Similar Part No. - ARR02NBC

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
ARR06A474KGS KEMET-ARR06A474KGS Datasheet
218Kb / 1P
   ARR Indust X7R HT200C, Ceramic, 0.47 uF, 10%, 25 VDC, X7R, Commercial, High Temperature, Lead Spacing = 5.08mm
3/14/2022
ARR09F125MGS KEMET-ARR09F125MGS Datasheet
51Kb / 1P
   Capacitor, ceramic
More results

Similar Description - ARR02NBC

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADR03ARZ AD-ADR03ARZ Datasheet
511Kb / 20P
   Ultracompact, Precision 10.0 V/5.0 V/2.5 V/3.0 V Voltage References
Rev. R
ADR06 AD-ADR06_15 Datasheet
511Kb / 20P
   Ultracompact, Precision 10.0 V/5.0 V/2.5 V/3.0 V Voltage References
Rev. R
ADR02 AD-ADR02_15 Datasheet
511Kb / 20P
   Ultracompact, Precision 10.0 V/5.0 V/2.5 V/3.0 V Voltage References
Rev. R
ADR01 AD-ADR01_15 Datasheet
511Kb / 20P
   Ultracompact, Precision 10.0 V/5.0 V/2.5 V/3.0 V Voltage References
Rev. R
ADR01 AD-ADR01_12 Datasheet
511Kb / 20P
   Ultracompact, Precision 10.0 V/5.0 V/2.5 V/3.0 V Voltage References
Rev. R
ADR03 AD-ADR03_15 Datasheet
511Kb / 20P
   Ultracompact, Precision 10.0 V/5.0 V/2.5 V/3.0 V Voltage References
Rev. R
ADR03BKS-R2 AD-ADR03BKS-R2 Datasheet
511Kb / 20P
   Ultracompact, Precision 10.0 V/5.0 V/2.5 V/3.0 V Voltage References
Rev. R
ADR03BKSZ-REEL7 AD-ADR03BKSZ-REEL7 Datasheet
511Kb / 20P
   Ultracompact, Precision 10.0 V/5.0 V/2.5 V/3.0 V Voltage References
Rev. R
ADR03BKS-R2 AD-ADR03BKS-R2 Datasheet
523Kb / 20P
   Ultracompact, Precision 10.0 V/5.0 V/2.5 V/3.0 V Voltage Reerences
Rev. R
5962-8958101PA AD-5962-8958101PA Datasheet
507Kb / 20P
   Precision 2.5 V, 5.0 V, and 10.0 V Voltage References
Rev. K
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com