Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DMP6023LE Datasheet(PDF) 2 Page - Diodes Incorporated

Part # DMP6023LE
Description  60V P-CHANNEL ENHANCEMENT MODE MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMP6023LE Datasheet(HTML) 2 Page - Diodes Incorporated

  DMP6023LE Datasheet HTML 1Page - Diodes Incorporated DMP6023LE Datasheet HTML 2Page - Diodes Incorporated DMP6023LE Datasheet HTML 3Page - Diodes Incorporated DMP6023LE Datasheet HTML 4Page - Diodes Incorporated DMP6023LE Datasheet HTML 5Page - Diodes Incorporated DMP6023LE Datasheet HTML 6Page - Diodes Incorporated DMP6023LE Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
DMP6023LE
Document number: DS37199 Rev. 3 - 2
2 of 7
www.diodes.com
January 2015
© Diodes Incorporated
DMP6023LE
Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Units
Drain-Source Voltage
VDSS
-60
V
Gate-Source Voltage
VGSS
±20
V
Continuous Drain Current (Note 5) VGS = -10V
TA = +25°C
TA = +70°C
ID
-7
-5.6
A
TC = +25°C
TC = +70°C
ID
-18.2
-14.5
A
Pulsed Drain Current (10µs pulse, duty cycle = 1%)
IDM
-50
A
Maximum Continuous Body Diode Forward Current (Note 5)
IS
-2
A
Avalanche Current, L = 0.1mH
IAS
-35.5
A
Avalanche Energy, L = 0.1mH
EAS
62.9
mJ
Thermal Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Units
Total Power Dissipation (Note 5)
TA = +25°C
TA = +70°C
PD
2
1.3
W
Thermal Resistance, Junction to Ambient (Note 5)
RJA
60
°C/W
Total Power Dissipation (Note 5)
TC = +25°C
PD
17.3
W
Thermal Resistance, Junction to Case (Note 5)
RJC
7.2
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
°C
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
OFF CHARACTERISTICS (Note 6)
Drain-Source Breakdown Voltage
BVDSS
-60
V
VGS = 0V, ID = -250μA
Zero Gate Voltage Drain Current TJ = +25°C
IDSS
-1
µA
VDS = -60V, VGS = 0V
Gate-Source Leakage
IGSS
±100
nA
VGS = ±20V, VDS = 0V
ON CHARACTERISTICS (Note 6)
Gate Threshold Voltage
VGS(th)
-1
-3
V
VDS = VGS, ID = -250μA
Static Drain-Source On-Resistance
RDS(ON)
28
mΩ
VGS = -10V, ID = -5A
35
VGS = -4.5V, ID = -4A
Diode Forward Voltage
VSD
-0.7
-1.2
V
VGS = 0V, IS = -1A
DYNAMIC CHARACTERISTICS (Note 7)
Input Capacitance
Ciss
2569
pF
VDS = -30V, VGS = 0V,
f = 1MHz
Output Capacitance
Coss
179
pF
Reverse Transfer Capacitance
Crss
143
pF
Gate Resistance
Rg
8
VDS = 0V, VGS = 0V, f = 1MHz
Total Gate Charge (VGS = -4.5V)
Qg
26.5
nC
VDS = -30V, ID = -5A
Total Gate Charge (VGS = -10V)
Qg
53.1
nC
Gate-Source Charge
Qgs
7.1
nC
Gate-Drain Charge
Qgd
12.6
nC
Turn-On Delay Time
tD(on)
6
ns
VGS = -10V, VDS = -30V,
RG = 3Ω, ID = -5A
Turn-On Rise Time
tr
7.1
ns
Turn-Off Delay Time
tD(off)
110
ns
Turn-Off Fall Time
tf
62
ns
Body Diode Reverse Recovery Time
trr
20
nS
IF = -5A, di/dt = 100A/μs
Body Diode Reverse Recovery Charge
Qrr
14
nC
Notes:
5. Device mounted on FR-4 substrate PC board, 2oz copper, with 1-inch square pad layout.
6. Short duration pulse test used to minimize self-heating effect.
7. Guaranteed by design. Not subject to product testing.


Similar Part No. - DMP6023LE

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMP6023LE DIODES-DMP6023LE_15 Datasheet
362Kb / 7P
   60V P-CHANNEL ENHANCEMENT MODE MOSFET
More results

Similar Description - DMP6023LE

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXMP6A17N8 DIODES-ZXMP6A17N8_15 Datasheet
672Kb / 8P
   60V P-CHANNEL ENHANCEMENT MODE MOSFET
ZXMP6A17E6 DIODES-ZXMP6A17E6 Datasheet
671Kb / 8P
   60V P-CHANNEL ENHANCEMENT MODE MOSFET
ZXMP6A18K DIODES-ZXMP6A18K Datasheet
589Kb / 8P
   60V P-channel enhancement mode MOSFET
logo
Cystech Electonics Corp...
MTP2311M3 CYSTEKEC-MTP2311M3 Datasheet
297Kb / 9P
   60V P-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
DMP6180SK3 DIODES-DMP6180SK3 Datasheet
194Kb / 6P
   60V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Pan Jit International I...
PJL9433A PANJIT-PJL9433A Datasheet
440Kb / 7P
   60V P-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
DMP6023LE DIODES-DMP6023LE_15 Datasheet
362Kb / 7P
   60V P-CHANNEL ENHANCEMENT MODE MOSFET
DMP6185SE DIODES-DMP6185SE_15 Datasheet
294Kb / 6P
   60V P-CHANNEL ENHANCEMENT MODE MOSFET
DMP6185SK3 DIODES-DMP6185SK3_15 Datasheet
323Kb / 6P
   60V P-CHANNEL ENHANCEMENT MODE MOSFET
DMP6250SE DIODES-DMP6250SE_15 Datasheet
370Kb / 6P
   60V P-CHANNEL ENHANCEMENT MODE MOSFET
ZXMP6A13F DIODES-ZXMP6A13F_15 Datasheet
322Kb / 8P
   60V P-CHANNEL ENHANCEMENT MODE MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com