Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DMP4025LSSQ-13 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # DMP4025LSSQ-13
Description  40V P-CHANNEL ENHANCEMENT MODE MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMP4025LSSQ-13 Datasheet(HTML) 2 Page - Diodes Incorporated

  DMP4025LSSQ-13 Datasheet HTML 1Page - Diodes Incorporated DMP4025LSSQ-13 Datasheet HTML 2Page - Diodes Incorporated DMP4025LSSQ-13 Datasheet HTML 3Page - Diodes Incorporated DMP4025LSSQ-13 Datasheet HTML 4Page - Diodes Incorporated DMP4025LSSQ-13 Datasheet HTML 5Page - Diodes Incorporated DMP4025LSSQ-13 Datasheet HTML 6Page - Diodes Incorporated DMP4025LSSQ-13 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
DMP4025LSSQ
Document Number: DS38881 Rev: 1 - 2
2 of 7
www.diodes.com
May 2016
© Diodes Incorporated
DMP4025LSSQ
Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Units
Drain-Source Voltage
VDSS
-40
V
Gate-Source Voltage
VGSS
20
Continuous Drain Current
VGS = -10V
(Note 7)
ID
-8.0
A
TA = +70°C
(Note 7)
-6.9
(Note 6)
-6.0
Pulsed Drain Current
VGS = -10V
(Note 8)
IDM
-30
Continuous Source Current (Body Diode)
(Note 8)
IS
-8.0
Pulsed Source Current (Body Diode)
(Note 8)
ISM
-30
Thermal Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Unit
Power Dissipation
(Note 6)
PD
1.52
W
(Note 7)
2.4
Thermal Resistance, Junction to Ambient
(Note 6)
RθJA
82
°C/W
(Note 7)
52
Thermal Resistance, Junction to Lead
(Note 9)
RθJL
48.85
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
°C
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
OFF CHARACTERISTICS (Note 10)
Drain-Source Breakdown Voltage
BVDSS
-40
V
ID = -250µA, VGS = 0V
Zero Gate Voltage Drain Current
IDSS
-1.0
µA
VDS = -40V, VGS = 0V
Gate-Source Leakage
IGSS
100
nA
VGS = 20V, VDS = 0V
ON CHARACTERISTICS (Note 10)
Gate Threshold Voltage
VGS(TH)
-0.8
-1.3
-1.8
V
ID = -250µA, VDS = VGS
Static Drain-Source On-Resistance
RDS(ON)
18
25
m
VGS = -10V, ID = -3A
30
45
VGS = -4.5V, ID = -3A
Forward Transconductance
gFS
16.6
S
VDS = -5V, ID = -3A
Diode Forward Voltage
VSD
-0.7
-1.0
V
IS = -1A, VGS = 0V
DYNAMIC CHARACTERISTICS (Note 11)
Input Capacitance
CISS
1,640
pF
VDS = -20V, VGS = 0V
f = 1MHz
Output Capacitance
COSS
179
Reverse Transfer Capacitance
CRSS
128
Gate Resistance
RG

6.43

VDS = 0V, VGS = 0V, f = 1MHz
Total Gate Charge
QG

14.0

nC
VGS = -4.5V
VDS = -20V
ID = -3A
Total Gate Charge
QG
33.7
VGS = -10V
Gate-Source Charge
QGS
5.5
Gate-Drain Charge
QGD
7.3
Turn-On Delay Time
tD(ON)
6.9
ns
VDD = -20V, VGS = -10V
ID = -3A
Turn-On Rise Time
tR
14.7
Turn-Off Delay Time
tD(OFF)
53.7
Turn-Off Fall Time
tF
30.9
Notes:
6. For a device surface mounted on minimum recommended FR4 PCB with high coverage of single sided 1oz copper, in still air conditions; the device is
measured when operating in a steady-state condition.
7. Same as Note (6), except the device is surface mounted on 25mm x 25mm x 1.6mm FR4 PCB.
8. Repetitive rating on 25mm X 25mm FR4 PCB, D=0.02, pulse width 300µs
– pulse width by maximum junction temperature.
9. Thermal resistance from junction to solder-point (at the end of the drain lead).
10. Short duration pulse test used to minimize self-heating effect.
11. Guaranteed by design. Not subject to production testing.


Similar Part No. - DMP4025LSSQ-13

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMP4025LSS DIODES-DMP4025LSS Datasheet
193Kb / 8P
   40V P-CHANNEL ENHANCEMENT MODE MOSFET
DMP4025LSS-13 DIODES-DMP4025LSS-13 Datasheet
193Kb / 8P
   40V P-CHANNEL ENHANCEMENT MODE MOSFET
DMP4025LSS DIODES-DMP4025LSS_15 Datasheet
193Kb / 8P
   40V P-CHANNEL ENHANCEMENT MODE MOSFET
More results

Similar Description - DMP4025LSSQ-13

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMP4051LK3 DIODES-DMP4051LK3_10 Datasheet
673Kb / 8P
   40V P-CHANNEL ENHANCEMENT MODE MOSFET
DS32114 Rev. 2 - 2
ZXMP4A16G DIODES-ZXMP4A16G Datasheet
277Kb / 7P
   40V P-CHANNEL ENHANCEMENT MODE MOSFET
ZXMP4A16K DIODES-ZXMP4A16K Datasheet
582Kb / 8P
   40V P-channel enhancement mode MOSFET
DMP4050SSS DIODES-DMP4050SSS_15 Datasheet
676Kb / 8P
   40V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Shanghai Leiditech Elec...
LM3L5P04 LEIDITECH-LM3L5P04 Datasheet
1Mb / 5P
   -40V P-Channel Enhancement Mode MOSFET
logo
DONGGUAN YOU FENG WEI E...
YFW40P04DF YFWDIODE-YFW40P04DF Datasheet
1Mb / 5P
   -40V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
logo
Pan Jit International I...
PJL9421 PANJIT-PJL9421 Datasheet
605Kb / 6P
   40V P-Channel Enhancement Mode MOSFET
May 12,2017-REV.00
logo
Diodes Incorporated
DMP4026LSSQ DIODES-DMP4026LSSQ Datasheet
573Kb / 7P
   40V P-CHANNEL ENHANCEMENT MODE MOSFET
March 2023 Rev: 2 - 2
logo
Pan Jit International I...
PJQ4441P-AU PANJIT-PJQ4441P-AU Datasheet
792Kb / 6P
   40V P-Channel Enhancement Mode MOSFET
January 26,2022 PJQ4441P-AU-REV.01
PJQ4441P PANJIT-PJQ4441P Datasheet
792Kb / 6P
   40V P-Channel Enhancement Mode MOSFET
January 26,2022 PJQ4441P-REV.01
PJQ5453 PANJIT-PJQ5453 Datasheet
595Kb / 6P
   40V P-Channel Enhancement Mode MOSFET
May 9,2019-REV.00
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com