Electronic Components Datasheet Search |
|
DMP4015SPS-13 Datasheet(PDF) 1 Page - Diodes Incorporated |
|
DMP4015SPS-13 Datasheet(HTML) 1 Page - Diodes Incorporated |
1 / 6 page DMP4015SPS Document number: DS35518 Rev. 9 - 2 1 of 6 www.diodes.com November 2013 © Diodes Incorporated DMP4015SPS POWERDI is a registered trademark of Diodes Incorporated 40V P-CHANNEL ENHANCEMENT MODE MOSFET POWERDI ® Product Summary V(BR)DSS RDS(on) max ID TA = +25°C -40V 11mΩ @ VGS = -10V -17.0A 15mΩ @ VGS = -4.5V -14.5A Description This new generation MOSFET has been designed to minimize the on- state resistance (RDS(on)) and yet maintain superior switching performance, making it ideal for high efficiency power management applications. Applications DC-DC Converters Power management functions Analog Switch Features and Benefits 100% Unclamped Inductive Switch (UIS) Test In Production Low On-Resistance Fast Switching Speed Lead-Free Finish; RoHS Compliant (Notes 1 & 2) Halogen and Antimony Free. “Green” Device (Note 3) Qualified to AEC-Q101 Standards for High Reliability Mechanical Data Case: POWERDI ®5060-8 Case Material: Molded Plastic, “Green” Molding Compound. UL Flammability Classification Rating 94V-0 Moisture Sensitivity: Level 1 per J-STD-020 Terminal Connections: See Diagram Terminals: Finish – 100% matte Tin annealed over Copper leadframe. Solderable per MIL-STD-202, Method 208 Weight: 0.097 grams (approximate) Ordering Information (Note 4 & 5) Part Number Compliance Case Packaging DMP4015SPS-13 Standard POWERDI ®5060-8 2,500 / Tape & Reel DMP4015SPSQ-13 Automotive POWERDI ®5060-8 2,500 / Tape & Reel Notes: 1. EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant. All applicable RoHS exemptions applied. 2. See http://www.diodes.com/quality/lead_free.html for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green" and Lead-free. 3. Halogen- and Antimony-free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and <1000ppm antimony compounds. 4. For packaging details, go to our website at http://www.diodes.com/products/packages.html. 5. Automotive products are AEC-Q101 qualified and are PPAP capable. Automotive, AEC-Q101 and standard products are electrically and thermally the same, except where specified. For more information, please refer to http://www.diodes.com/quality/product_grade_definitions/. Marking Information Top View Bottom View Internal Schematic Top View Pin Configuration S D D G D D S S S D SS G DD D Logo Part no. Year: “09” = 2009 Xth week: 01 ~ 53 P4015SP YY WW Pin1 Green D S G Year: “13” = 2013 |
Similar Part No. - DMP4015SPS-13 |
|
Similar Description - DMP4015SPS-13 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |